Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDB102 Datasheet(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # FDB102
Description  Silicon Bridge Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

FDB102 Datasheet(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  FDB102 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd FDB102 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
.01
1.0
10
0
40
60
0.1
20
100
120
140
80
TJ=25
100
0.3
0.6
0.9
1.2
1.5
1.8
0.1
1.0
10
 T
J
=125
Pulse Width
=300
uS
0.1
0.5
0
1.0
PC B
R esislive or
Indu ctive Load
0
25
50
75
100
125
150
9.5m m
CO P PERP ADS
(13mm x 13mm)
6
12
11 0
1 0 0
8.3m s S ing le H alf S ine W a v e
T J=2 5
24
30
18
FIG.3 -- TYPICAL FORWARD CHARACTERISTIC
FIG.4 -- TYPICAL REVERSE CHARACTERISTIC
PERCENT OF RATED PEAK REVERSE VOLTAGE,%
FIG.1 -- PEAK FORWARD SURGE CURRENT
FIG.2 -- FORWARD DERATING CURVE
NUMBER OF CYCLES AT 60HZ
AMBIENT TEMPERATURE,
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
30
FDB101-FDB107
Silicon Bridge Rectifiers
Ratings AND Charactieristic Curves
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - FDB102

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
FDB102 BILIN-FDB102 Datasheet
84Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Diode Semiconductor Kor...
FDB102 DSK-FDB102 Datasheet
157Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Galaxy Semi-Conductor H...
FDB102 BILIN-FDB102 Datasheet
143Kb / 3P
   RECOVERY BRIDGE RECTIFIER
FDB102S BILIN-FDB102S Datasheet
136Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Shenzhen Luguang Electr...
FDB102S LUGUANG-FDB102S Datasheet
171Kb / 2P
   Silicon Bridge Rectifiers
More results

Similar Description - FDB102

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
KBL400 EIC-KBL400 Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR1500 EIC-BR1500 Datasheet
42Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR2500 EIC-BR2500 Datasheet
20Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR3500W EIC-BR3500W Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Comchip Technology
KBU600 COMCHIP-KBU600 Datasheet
138Kb / 3P
   Silicon Bridge Rectifiers
logo
Diotec Semiconductor
KBU6A DIOTEC-KBU6A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
KBU4A DIOTEC-KBU4A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
GBS4A DIOTEC-GBS4A_07 Datasheet
106Kb / 2P
   Silicon-Bridge-Rectifiers
GBU8A DIOTEC-GBU8A_07 Datasheet
112Kb / 2P
   Silicon-Bridge-Rectifiers
logo
Pan Jit International I...
KBP200 PANJIT-KBP200 Datasheet
79Kb / 2P
   SILICON BRIDGE RECTIFIERS
PB1000 PANJIT-PB1000 Datasheet
66Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com