Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP421C Datasheet(PDF) 8 Page - Texas Instruments

Part # TMP421C
Description  짹1째C Remote and Local TEMPERATURE SENSOR
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP421C Datasheet(HTML) 8 Page - Texas Instruments

Back Button TMP421C Datasheet HTML 4Page - Texas Instruments TMP421C Datasheet HTML 5Page - Texas Instruments TMP421C Datasheet HTML 6Page - Texas Instruments TMP421C Datasheet HTML 7Page - Texas Instruments TMP421C Datasheet HTML 8Page - Texas Instruments TMP421C Datasheet HTML 9Page - Texas Instruments TMP421C Datasheet HTML 10Page - Texas Instruments TMP421C Datasheet HTML 11Page - Texas Instruments TMP421C Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
3
2
1
0
-
1
-
2
-
3
Capacitance(nF)
0
0.5
1.0
1.5
2.0
2.5
3.0
R (W)
S
2.0
1.5
1.0
0.5
0
-
0.5
-
1.0
-
1.5
-
2.0
0
3500
500
1000
1500
2000
2500
3000
V+=2.7V
V+=5.5V
25
20
15
10
5
0
-
5
-
10
-
15
-
20
-
25
Frequency(MHz)
0
5
10
15
Local100mV
Noise
PP
Remote100mV
Noise
PP
Local250mV
Noise
PP
Remote250mV
Noise
PP
500
450
400
350
300
250
200
150
100
50
0
ConversionRate(conversions/sec)
0.0625
0.125
0.25
0.5
1
2
4
8
V+=2.7V
V+=5.5V
500
450
400
350
300
250
200
150
100
50
0
SCLCLockFrequency(Hz)
1k
10k
100k
1M
10M
V+=3.3V
V+=5.5V
V+(V)
8
7
6
5
4
3
2
1
0
4.5
3.0
3.5
4.0
5.5
5.0
2.5
TMP421
TMP422
TMP423
SBOS398C – JULY 2007 – REVISED MAY 2012
www.ti.com
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C and V+ = +5.0V, unless otherwise noted.
REMOTE TEMPERATURE ERROR
vs SERIES RESISTANCE
REMOTE TEMPERATURE ERROR
(GND Collector-Connected Transistor, 2N3906 PNP)
vs DIFFERENTIAL CAPACITANCE
Figure 5.
Figure 6.
TEMPERATURE ERROR
QUIESCENT CURRENT
vs POWER-SUPPLY NOISE FREQUENCY
vs CONVERSION RATE
Figure 7.
Figure 8.
SHUTDOWN QUIESCENT CURRENT
SHUTDOWN QUIESCENT CURRENT
vs SCL CLOCK FREQUENCY
vs SUPPLY VOLTAGE
Figure 9.
Figure 10.
8
Submit Documentation Feedback
Copyright © 2007–2012, Texas Instruments Incorporated
Product Folder Link(s): TMP421 TMP422 TMP423


Similar Part No. - TMP421C

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TMP421 BURR-BROWN-TMP421 Datasheet
575Kb / 26P
   짹1째C Remote and Local TEMPERATURE SENSOR in SOT23-8
logo
Texas Instruments
TMP421 TI-TMP421 Datasheet
644Kb / 30P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR in SOT23-8
TMP421 TI1-TMP421 Datasheet
1Mb / 38P
[Old version datasheet]   Remote and Local Temperature Sensor
TMP421-Q1 TI1-TMP421-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   Remote and Local Temperature Sensor
logo
Burr-Brown (TI)
TMP421AIDCNR BURR-BROWN-TMP421AIDCNR Datasheet
575Kb / 26P
   짹1째C Remote and Local TEMPERATURE SENSOR in SOT23-8
More results

Similar Description - TMP421C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP421 TI1-TMP421_15 Datasheet
1Mb / 35P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR
logo
Burr-Brown (TI)
TMP421 BURR-BROWN-TMP421 Datasheet
575Kb / 26P
   짹1째C Remote and Local TEMPERATURE SENSOR in SOT23-8
logo
Texas Instruments
TMP421 TI-TMP421 Datasheet
644Kb / 30P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR in SOT23-8
logo
List of Unclassifed Man...
G781 ETC-G781 Datasheet
342Kb / 14P
   짹1째C Remote and Local Temperature Sensor with SMBus Serial Interface
logo
Texas Instruments
TMP422-EP TI1-TMP422-EP Datasheet
380Kb / 28P
[Old version datasheet]   짹1째C REMOTE TEMPERATURE AND 짹2.5째C LOCAL TEMPERATURE SENSOR IN SOT23-8
TMP422-EP TI1-TMP422-EP Datasheet
885Kb / 31P
[Old version datasheet]   짹1째C REMOTE TEMPERATURE AND 짹2.5째C LOCAL TEMPERATURE SENSOR IN SOT23-8
logo
Global Mixed-mode Techn...
G784 GMT-G784 Datasheet
178Kb / 1P
   짹1째C Remote and Local Temperature Sensor with SMBus Serial Interface
logo
Texas Instruments
TMP401 TI1-TMP401_15 Datasheet
992Kb / 41P
[Old version datasheet]   TMP401 짹1째C Programmable, Remote and Local, Digital Out Temperature Sensor
logo
Silicon Standard Corp.
SS8018 SSC-SS8018 Datasheet
289Kb / 14P
   짹1째C Remote and Local Temperature Sensor with SMBus Serial Interface
logo
Texas Instruments
TMP451 TI-TMP451 Datasheet
990Kb / 27P
[Old version datasheet]   짹1째C Remote and Local Temperature Sensor with 管-Factor and Offset Correction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com