Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T491T106M016AT Datasheet(PDF) 2 Page - Kemet Corporation

Part # T491T106M016AT
Description  (Low ESR, Surge Robust) 10 pcs.
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T491T106M016AT Datasheet(HTML) 2 Page - Kemet Corporation

  T491T106M016AT Datasheet HTML 1Page - Kemet Corporation T491T106M016AT Datasheet HTML 2Page - Kemet Corporation T491T106M016AT Datasheet HTML 3Page - Kemet Corporation T491T106M016AT Datasheet HTML 4Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
KEMET Part Number
KEMET
Case
Size
EIA
Case
Size
Cap
μF
Voltage
Cap.
Tol.
ESR
100kHz
Ω
T498A475K010ATE2K9
A
3216-18
4.7
10
±10%
2.9
T498C226K016ATE1K0
C
6032-28
22.0
16
±10%
1.0
T499B106K016ATE3K5
B
3528-21
10.0
16
±10%
3.5
T499B475K020ATE3K5
B
3528-21
4.7
20
±10%
3.5
T499A105K025ATE8K0
A
3216-18
1.0
25
±10%
8.0
T499D156K025ATE1K0
D
7343-31
15.0
25
±10%
1.0
T499B105K035ATE5K0
B
3528-21
1.0
35
±10%
5.0
T499D106K035ATE1K0
D
7343-31
10.0
35
±10%
1.0
T499X226K035ATE700
X
7343-43
22.0
35
±10%
0.7
T499D106K050ATE1K0
D
7343-31
10.0
50
±10%
1.0
Kit Part Number: TAN ENG KIT 09 - T498, T499
(High Temperature) 10 pcs.
Kit Part Number: TAN ENG KIT 04 - T495, T510
(Low ESR, Surge Robust) 10 pcs.
Part Number
KEMET
Case
Size
EIA
Case
Size
Cap
μF
Voltage
Cap
Tol.
ESR
100kHz
m
Ω
T495C107M006ATE150
C
6032-28
100.0
6.3
±20%
150
T495D227M010ATE100
D
7343-31
220.0
10
±20%
100
T495V686M016ATE300
V
7343-20
68.0
16
±20%
300
T495D107M016ATE100
D
7343-31
100.0
16
±20%
100
T495X476M020ATE100
X
7343-43
47.0
20
±20%
100
T495D226M025ATE200
D
7343-31
22.0
25
±20%
200
T495X336M035ATE175
X
7343-43
33.0
35
±20%
175
T495X475M050ATE300
X
7343-43
4.7
50
±20%
300
T510X687M004ATE030
X
7343-43
680.0
4
±20%
30
T510E687M006ATE023
E
7260-38
680.0
6
±20%
23
Kit Part Number: TAN ENG KIT 08 - T520, T530, A700
(Low ESR, Polymer) 10 pcs.
KEMET Part Number
KEMET
Case
Size
EIA
Case
Size
Cap
μF
Voltage
Cap
Tol.
ESR
100kHz
m
Ω
T520D337M2R5ATE007
D
7343-31
330.0
2.5
±20%
7
T520B686M004ATE040
B
3528-21
68.0
4
±20%
40
T520V227M004ATE007
V
7343-20
220.0
4
±20%
7
T520Y687M004ATE015
Y
7343-40
680.0
4
±20%
15
T520A226M006ATE100
A
3216-18
22.0
6.3
±20%
100
T520B336M006ATE070
B
3528-21
33.0
6.3
±20%
70
T520T476M006ATE070
T
3528-12
47.0
6.3
±20%
70
T520V157M006ATE015
V
7343-20
150.0
6.3
±20%
15
T520D337M006ATE040
D
7343-31
330.0
6.3
±20%
40
T520X337M010ATE025
X
7343-43
330.0
10
±20%
25
T520W476M016ATE045
W
7343-15
47.0
16
±20%
45
T530X158M2R5ATE005
X
7343-43
1500.0
2.5
±20%
5
T530Y687M004ATE005
Y
7343-40
680.0
4
±20%
5
A700V476M006ATE025
V
7343-20
47.0
6.3
±20%
25
A700D107M006ATE015
D
7343-31
100.0
6.3
±20%
15
A700X157M006ATE010
X
7343-43
150.0
6.3
±20%
10
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • (864) 963-6300 • www.kemet.com


Similar Part No. - T491T106M016AT

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T491T106M004AH KEMET-T491T106M004AH Datasheet
402Kb / 20P
   LOW PROFILE SURFACE MOUNT CAPACITORS
T491T106M004AS KEMET-T491T106M004AS Datasheet
402Kb / 20P
   LOW PROFILE SURFACE MOUNT CAPACITORS
T491T106M004AT KEMET-T491T106M004AT Datasheet
402Kb / 20P
   LOW PROFILE SURFACE MOUNT CAPACITORS
More results

Similar Description - T491T106M016AT

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T495A335M016ATE3K0 KEMET-T495A335M016ATE3K0 Datasheet
2Mb / 25P
   T495 Surge Robust Low ESR MnO2 Series
T495B106K025ZTE750 KEMET-T495B106K025ZTE750 Datasheet
57Kb / 1P
   Capacitor, Tantalum, SMD, Molded, Low ESR, Surge Robust, 10 uF, 3528, /-10% Tol, 25V@85C
T495X475K050AHE300 KEMET-T495X475K050AHE300 Datasheet
1Mb / 28P
   Low ESR MnO2 Tantalum & Aluminum Surface Mount Capacitors T495 Surge Robust Low ESR MnO2 Series
T495X226M025ATE225 KEMET-T495X226M025ATE225 Datasheet
2Mb / 29P
   Low ESR MnO2 Tantalum & Aluminum Surface Mount Capacitors T495 Surge Robust Low ESR MnO2 Series
T495X476M035ATE300 KEMET-T495X476M035ATE300 Datasheet
2Mb / 29P
   Low ESR MnO2 Tantalum & Aluminum Surface Mount Capacitors T495 Surge Robust Low ESR MnO2 Series
T495X476K035ATE200 KEMET-T495X476K035ATE200 Datasheet
1Mb / 26P
   Low ESR MnO2 Tantalum & Aluminum Surface Mount Capacitors T495 Surge Robust Low ESR MnO2 Series
T495D157K016ATE125 KEMET-T495D157K016ATE125 Datasheet
1Mb / 27P
   Low ESR MnO2 Tantalum & Aluminum Surface Mount Capacitors T495 Surge Robust Low ESR MnO2 Series
T495X107K020ZTE150 KEMET-T495X107K020ZTE150 Datasheet
2Mb / 29P
   Tantalum Surface Mount Capacitors ??Low ESR T495 Series Surge Robust MnO
T495C107K016ZTE200 KEMET-T495C107K016ZTE200 Datasheet
2Mb / 29P
   Tantalum Surface Mount Capacitors ??Low ESR T495 Series Surge Robust MnO2
B45197A3227K509 KEMET-B45197A3227K509 Datasheet
57Kb / 1P
   Capacitor, Tantalum, SMD, Molded, Low ESR, Surge Robust, 220 uF, 7343, /-10% Tol, 16V@85C
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com