Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AL12B Datasheet(PDF) 2 Page - AVX Corporation

Part # AL12B
Description  Air Core RF Inductors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

AL12B Datasheet(HTML) 2 Page - AVX Corporation

  AL12B Datasheet HTML 1Page - AVX Corporation AL12B Datasheet HTML 2Page - AVX Corporation AL12B Datasheet HTML 3Page - AVX Corporation AL12B Datasheet HTML 4Page - AVX Corporation AL12B Datasheet HTML 5Page - AVX Corporation AL12B Datasheet HTML 6Page - AVX Corporation AL12B Datasheet HTML 7Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
ELECTRICAL SPECIFICATIONS
AVX P/N
Turns
Inductance
Tolerance
Q
Q
Test Freq.
DCR max
SRF
Ir max
(nH)
(%)
min.
typ.
(MHz)
(mΩ)
GHz (min.)
Amps
AL05A1N65KTR
2
1.65
K
100
-
800
4
10
1.60
AL05A2N55*TR
3
2.55
J, K
100
-
800
5
8.2
1.60
AL05A3N85*TR
4
3.85
G, J, K
100
-
800
6
7.5
1.60
AL05A5N45*TR
5
5.45
G, J
100
-
800
8
7
1.60
AL05B05N6*TR
6
5.6
G, J
100
-
800
9
6.5
1.60
AL05B7N15*TR
7
7.15
G, J
100
-
800
10
6
1.60
AL05B08N8*TR
8
8.8
G, J
100
-
800
12
6
1.60
AL05B9N85*TR
9
9.85
G, J
100
-
800
13
5.2
1.60
AL05B12N5*TR
10
12.55
G, J
100
-
800
14
4.6
1.60
AL12A02N5KTR
1
2.5
K
145
-
150
1.1
12.5
4.00
AL12A05N0*TR
2
5
J, K
140
-
150
1.8
6.5
4.00
AL12A08N0*TR
3
8
G, J
140
-
150
2.6
5
4.00
AL12A12N5*TR
4
12.5
G, J
137
-
150
3.4
3.3
4.00
AL12A18N5*TR
5
18.5
G, J
132
-
150
3.9
2.5
4.00
AL12B17N5*TR
6
17.5
G, J
100
-
150
4.5
2.2
4.00
AL12B22N0*TR
7
22
G, J
102
-
150
5.2
2.1
4.00
AL12B28N0*TR
8
28
G, J
105
-
150
6
1.8
4.00
AL12B33N5*TR
9
35.5
G, J
112
-
150
6.8
1.5
4.00
AL12B43N0*TR
10
43
G, J
106
-
150
7.9
1.2
4.00
AL01622N0*TS
4
22
G, J
100
135
150
4.2
3.2
3.00
AL01627N0*TS
5
27
G, J
100
135
150
4
2.7
3.50
AL01633N0*TS
5
33
G, J
100
130
150
4.8
2.5
3.00
AL01639N0*TS
6
39
G, J
100
135
150
4.4
2.1
3.00
AL01647N0*TS
6
47
G, J
100
135
150
5.6
2.1
3.00
AL01656N0*TS
7
56
G, J
100
125
150
6.2
1.5
3.00
AL01668N0*TS
7
68
G, J
100
120
150
8.2
1.5
2.50
AL01682N0*TS
8
82
G, J
100
120
150
9.4
1.3
2.50
AL016100N*TS
9
100
G, J
100
115
150
12.3
1.2
1.70
AL016120N*TS
9
120
G, J
100
125
150
17.3
1.1
1.50
AL02390N0*TS
9
90
G, J
95
114
50
15
1.140
3.50
AL023111N*TS
10
111
G, J
87
104
50
15
1.020
3.50
AL023130N*TS
11
130
G, J
87
104
50
20
0.900
3.00
AL023169N*TS
12
169
G, J
95
114
50
25
0.875
3.00
AL023206N*TS
13
206
G, J
95
114
50
30
0.800
3.00
AL023222N*TS
14
222
G, J
92
110
50
35
0.730
3.00
AL023246N*TS
15
246
G, J
95
114
50
35
0.685
3.00
AL023307N*TS
16
307
G, J
95
114
50
35
0.660
3.00
AL023380N*TS
17
380
G, J
95
114
50
50
0.590
2.50
AL023422N*TS
18
422
G, J
95
114
50
60
0.540
2.50
AL023491N*TS
19
491
G, J
95
114
50
65
0.535
2.00
AL023538N*TS
20
538
G, J
87
104
50
90
0.490
2.00
*Tolerance: G= ± 2%, J: ± 5%, K: ± 10%
a. Test Equipment:
L/Q: HP-4291B With HP16193A test fixture or equivalent.
SRF: HP8753E /HP8720D or equivalent.
RDC: Chroma 16502 or equivalent.
b. Operating temperature range: -40ºC to +125ºC.
c. For Temperature Rise: 15ºC
d. Storage Temp.: -40ºC to +85ºC.
f.
MSL: Level 1
Air Core RF Inductors
AL Series


Similar Part No. - AL12B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AL1201 ETC-AL1201 Datasheet
134Kb / 9P
   stereo DAC
logo
Altech corporation
AL1212-8 ALTECH-AL1212-8 Datasheet
100Kb / 1P
   ALUMINUM ENCLOSURE AL 1212-8
logo
Samsung semiconductor
AL1213A SAMSUNG-AL1213A Datasheet
91Kb / 12P
   8-BIT 0.5MSPS DAC
logo
List of Unclassifed Man...
AL128 ETC-AL128 Datasheet
498Kb / 45P
   Plug and Play VGA to NTSC/PAL Converter
logo
AverLogic Technologies ...
AL128 AVERLOGIC-AL128 Datasheet
42Kb / 2P
   Plug and Play VGA to NTSC / PAL Converter
More results

Similar Description - AL12B

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
AL AVX-AL_15 Datasheet
191Kb / 7P
   Air Core RF Inductors
AS AVX-AS_15 Datasheet
158Kb / 5P
   Square Air Core RF Inductors
AS0605N5JTR AVX-AS0605N5JTR Datasheet
384Kb / 5P
   Square Air Core RF Inductors
logo
API Delevan
4726R API-4726R Datasheet
1Mb / 1P
   Air Core Inductors
logo
Coilcraft lnc.
NA5931 COILCRAFT-NA5931_14 Datasheet
228Kb / 2P
   Air Core Inductors
GA3092-AL COILCRAFT-GA3092-AL Datasheet
213Kb / 2P
   Air Core Inductors
logo
API Delevan
4426R API-4426R Datasheet
1Mb / 1P
   Air Core Inductors
logo
List of Unclassifed Man...
4426-1 ETC1-4426-1 Datasheet
39Kb / 1P
   Air Core Inductors
5526-1 ETC1-5526-1 Datasheet
30Kb / 1P
   Air Core Inductors
logo
API Delevan
5526R API-5526R Datasheet
1Mb / 1P
   Air Core Inductors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com