Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV70528YFPR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TLV70528YFPR
Description  200-mA, Low IQ, Low-Noise, Low-Dropout Regulator in Ultra-Small 0.8-mm x 0.8-mm WCSP
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV70528YFPR Datasheet(HTML) 5 Page - Texas Instruments

  TLV70528YFPR Datasheet HTML 1Page - Texas Instruments TLV70528YFPR Datasheet HTML 2Page - Texas Instruments TLV70528YFPR Datasheet HTML 3Page - Texas Instruments TLV70528YFPR Datasheet HTML 4Page - Texas Instruments TLV70528YFPR Datasheet HTML 5Page - Texas Instruments TLV70528YFPR Datasheet HTML 6Page - Texas Instruments TLV70528YFPR Datasheet HTML 7Page - Texas Instruments TLV70528YFPR Datasheet HTML 8Page - Texas Instruments TLV70528YFPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
EN
GND
V
IN
V
OUT
2
1
A
B
TLV705
TLV705P
www.ti.com
SBVS151B
– DECEMBER 2010 – REVISED DECEMBER 2011
PIN CONFIGURATION
YFF, YFP PACKAGES
WCSP-4
(TOP VIEW)
Table 1. Pin Descriptions
TLV705
NAME
PIN #
DESCRIPTION
GND
A1
Ground pin
Enable pin.
EN
A2
Driving EN over 0.9 V turns on the regulator. Driving EN below 0.4 V puts the regulator into shutdown
mode, thus reducing operating current to 1
μA, nominal.
Regulated output voltage pin.
VOUT
B1
A small 1-
μF ceramic capacitor is required to be placed from this pin to ground to assure stability. See
the Input and Output Capacitor Requirements section for more details.
Input pin.
VIN
B2
A small 1-
μF ceramic capacitor is recommended to be placed from this pin to ground for good transient
performance. See the Input and Output Capacitor Requirements section for more details.
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
5


Similar Part No. - TLV70528YFPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV70528YFPR TI1-TLV70528YFPR Datasheet
841Kb / 26P
[Old version datasheet]   200-mA, Low IQ, Low-Noise, Low-Dropout Regulator
TLV70528YFPR TI1-TLV70528YFPR Datasheet
1Mb / 33P
[Old version datasheet]   Thermal Shutdown and Overcurrent Protection
TLV70528YFPR TI1-TLV70528YFPR Datasheet
1Mb / 36P
[Old version datasheet]   200-mA, Low IQ, Low-Noise, Low-Dropout Regulator in Ultra-Small, 0.77-mm 횞 0.77-mm DSBGA and PicoStar
More results

Similar Description - TLV70528YFPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV705 TI1-TLV705_14 Datasheet
966Kb / 24P
[Old version datasheet]   200-mA, Low IQ, Low-Noise, Low-Dropout Regulator in Ultra-Small 0.8-mm x 0.8-mm WCSP
TLV705 TI-TLV705_15 Datasheet
1Mb / 32P
[Old version datasheet]   TLV705x 200-mA, Low IQ, Low-Noise, Low-Dropout Regulator in Ultra-Small, 0.8-mm 횞 0.8-mm DSBGA and PicoStar?
TLV705 TI1-TLV705_18 Datasheet
1Mb / 36P
[Old version datasheet]   200-mA, Low IQ, Low-Noise, Low-Dropout Regulator in Ultra-Small, 0.77-mm 횞 0.77-mm DSBGA and PicoStar
TLV705 TI1-TLV705 Datasheet
841Kb / 26P
[Old version datasheet]   200-mA, Low IQ, Low-Noise, Low-Dropout Regulator
logo
NXP Semiconductors
LD6806 PHILIPS-LD6806 Datasheet
2Mb / 36P
   Ultra low-dropout regulator, low noise, 200 mA
Rev. 3-9 December 2011
logo
Texas Instruments
TPS7A05 TI1-TPS7A05 Datasheet
511Kb / 24P
[Old version datasheet]   1-uA IQ, 200-mA, Ultralow IQ Low-Dropout Regulator in a 1-mm x 1-mm Package
logo
ON Semiconductor
NCP752 ONSEMI-NCP752 Datasheet
1Mb / 21P
   200 mA, Ultra-Low Quiescent Current, IQ 12 A, Ultra-Low Noise, Low Dropout Regulator
April, 2013 ??Rev. 2
NCV8752 ONSEMI-NCV8752 Datasheet
1Mb / 21P
   200 mA, Ultra-Low Quiescent Current, IQ 12 A, Ultra-Low Noise, Low Dropout Regulator
April, 2013 ??Rev. 0
logo
Texas Instruments
TLV70712P TI1-TLV70712P Datasheet
1Mb / 29P
[Old version datasheet]   200-mA, Low-IQ, Low-Noise, Low-Dropout Regulator for Portable Devices
TLV707 TI1-TLV707 Datasheet
1Mb / 28P
[Old version datasheet]   200-mA, Low-IQ, Low-Noise, Low-Dropout Regulator for Portable Devices
OCTOBER2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com