Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CGA2B2X8R1H471K Datasheet(PDF) 8 Page - TDK Electronics

Part # CGA2B2X8R1H471K
Description  Automotive Grade Capacitors
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

CGA2B2X8R1H471K Datasheet(HTML) 8 Page - TDK Electronics

Back Button CGA2B2X8R1H471K Datasheet HTML 4Page - TDK Electronics CGA2B2X8R1H471K Datasheet HTML 5Page - TDK Electronics CGA2B2X8R1H471K Datasheet HTML 6Page - TDK Electronics CGA2B2X8R1H471K Datasheet HTML 7Page - TDK Electronics CGA2B2X8R1H471K Datasheet HTML 8Page - TDK Electronics CGA2B2X8R1H471K Datasheet HTML 9Page - TDK Electronics CGA2B2X8R1H471K Datasheet HTML 10Page - TDK Electronics CGA2B2X8R1H471K Datasheet HTML 11Page - TDK Electronics CGA2B2X8R1H471K Datasheet HTML 12Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
TDK MLCC US Catalog
Version B11
Page 296
Capacitance
Range Table
CGA2 [EIA CC0402]
Class 2 (Temperature Stable)
Temperature Characteristics: X7R (-55 to +125ºC, ±15%), X6S (-55 to +105ºC, ±22%), X5R (-55 to +85ºC, ±15%), Y5V(-30 to +85ºC, +22/-82%)
TDK Part Number
(Ordering Code)
Temperature
Characteristics
Rated
Voltage
Capacitance
(pF)
Capacitance
Tolerance
Thickness
(mm)
CGA2B2X8R1E682K
X8R
25V
6,800
± 10%
0.50 ± 0.05
CGA2B2X8R1E103K
X8R
25V
10,000
± 10%
0.50 ± 0.05


Similar Part No. - CGA2B2X8R1H471K

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CGA2B2X8R1H471K050BA TDK-CGA2B2X8R1H471K050BA Datasheet
139Kb / 1P
   Multilayer Ceramic Chip Capacitors
CGA2B2X8R1H471K050BD TDK-CGA2B2X8R1H471K050BD Datasheet
139Kb / 1P
   Multilayer Ceramic Chip Capacitors
CGA2B2X8R1H471K050BE TDK-CGA2B2X8R1H471K050BE Datasheet
243Kb / 3P
   Multilayer Ceramic Chip Capacitors
More results

Similar Description - CGA2B2X8R1H471K

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NMA NIC-NMA Datasheet
158Kb / 12P
   Automotive Grade Ceramic Chip Capacitors
logo
Kemet Corporation
T499X227M010ATE500 KEMET-T499X227M010ATE500_16 Datasheet
1Mb / 16P
   Tantalum Surface Mount Capacitors ??Automotive Grade
T499B474K035ATE8K0 KEMET-T499B474K035ATE8K0 Datasheet
2Mb / 17P
   Tantalum Surface Mount Capacitors . Automotive Grade T499 Series Automotive Grade MnO2 175C
logo
International Rectifier
AUIRFZ48Z IRF-AUIRFZ48Z Datasheet
258Kb / 14P
   AUTOMOTIVE GRADE
logo
Kersemi Electronic Co.,...
IRFR4105ZTRL KERSEMI-IRFR4105ZTRL Datasheet
4Mb / 12P
   AUTOMOTIVE GRADE
logo
International Rectifier
AUIRLR3105 IRF-AUIRLR3105 Datasheet
632Kb / 13P
   AUTOMOTIVE GRADE
logo
Infineon Technologies A...
AUIRF9952Q INFINEON-AUIRF9952Q Datasheet
329Kb / 11P
   AUTOMOTIVE GRADE
2015-10-5
AUIRF7379Q INFINEON-AUIRF7379Q Datasheet
355Kb / 11P
   AUTOMOTIVE GRADE
2015-9-30
AUIRF7341Q INFINEON-AUIRF7341Q Datasheet
427Kb / 10P
   AUTOMOTIVE GRADE
2015-9-30
AUIRF7319Q INFINEON-AUIRF7319Q Datasheet
371Kb / 11P
   AUTOMOTIVE GRADE
2015-9-30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com