Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP20AIDCKR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TMP20AIDCKR
Description  짹2.5째C Low-Power, Analog Out TEMPERATURE SENSOR
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP20AIDCKR Datasheet(HTML) 5 Page - Texas Instruments

  TMP20AIDCKR Datasheet HTML 1Page - Texas Instruments TMP20AIDCKR Datasheet HTML 2Page - Texas Instruments TMP20AIDCKR Datasheet HTML 3Page - Texas Instruments TMP20AIDCKR Datasheet HTML 4Page - Texas Instruments TMP20AIDCKR Datasheet HTML 5Page - Texas Instruments TMP20AIDCKR Datasheet HTML 6Page - Texas Instruments TMP20AIDCKR Datasheet HTML 7Page - Texas Instruments TMP20AIDCKR Datasheet HTML 8Page - Texas Instruments TMP20AIDCKR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
20
18
16
14
12
10
8
6
4
2
0
-75
-50
-25
0
25
50
75
100
125
150
Temperature( C)
°
R
Sinking
V =2.7V
OUT
S
R
Sinking
V =5.5V
OUT
S
R
Source
V =2.7V
OUT
S
R
Source
V =5.5V
OUT
S
-75
-50
-25
0
25
50
75
100
125
150
Temperature( C)
°
V =5.5V
S
6
5
4
3
2
1
0
-75
-50
-25
0
25
50
75
100
125
150
Temperature( C)
°
3.0
2.5
2.0
1.5
1.0
0.5
0
V+=2.7V
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
SupplyVoltage(V)
6
5
4
3
2
1
0
T =
A
+25 C
°
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
SupplyVoltage(V)
0.5
0.4
0.3
0.2
0.1
0
0.1
0.2
0.3
0.4
0.5
-
-
-
-
-
20TypicalUnits
At+2
,+12
5 C
0 C
°
°
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
SupplyVoltage(V)
0.5
0.4
0.3
0.2
0.1
0
0.1
0.2
0.3
0.4
0.5
-
-
-
-
-
20TypicalUnits
At 50 C
-
°
TMP20
www.ti.com
SBOS466 – DECEMBER 2009
TYPICAL CHARACTERISTICS
OUTPUT IMPEDANCE vs
QUIESCENT CURRENT vs
TEMPERATURE
TEMPERATURE
Figure 1.
Figure 2.
OUTPUT VOLTAGE vs
QUIESCENT CURRENT vs
TEMPERATURE
SUPPLY VOLTAGE
Figure 3.
Figure 4.
POWER-SUPPLY REJECTION vs
POWER-SUPPLY REJECTION vs
TEMPERATURE
TEMPERATURE
Figure 5.
Figure 6.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TMP20


Similar Part No. - TMP20AIDCKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP20F2810PBKAEP TI-TMP20F2810PBKAEP Datasheet
2Mb / 159P
[Old version datasheet]   Digital Signal Processors
TMP20 TI-TMP20_15 Datasheet
1Mb / 19P
[Old version datasheet]   짹2.5째C Low-Power, Analog Out TEMPERATURE SENSOR
More results

Similar Description - TMP20AIDCKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP20 TI-TMP20_15 Datasheet
1Mb / 19P
[Old version datasheet]   짹2.5째C Low-Power, Analog Out TEMPERATURE SENSOR
TMP9A00-EP TI-TMP9A00-EP_V01 Datasheet
1Mb / 23P
[Old version datasheet]   TMP9A00-EP ±2.5 °C Low-Power, Analog Out Temperature Sensor
REVISED FEBRUARY 2021
TMP9A00-EP TI-TMP9A00-EP Datasheet
1Mb / 21P
[Old version datasheet]   TMP9A00-EP 짹2.5 째C Low-Power, Analog Out Temperature Sensor
logo
Fairchild Semiconductor
FM20 FAIRCHILD-FM20 Datasheet
357Kb / 9P
   Ultra-Low-Power Analog Temperature Sensor
logo
Texas Instruments
TMP422-EP TI1-TMP422-EP Datasheet
380Kb / 28P
[Old version datasheet]   짹1째C REMOTE TEMPERATURE AND 짹2.5째C LOCAL TEMPERATURE SENSOR IN SOT23-8
TMP422-EP TI1-TMP422-EP Datasheet
885Kb / 31P
[Old version datasheet]   짹1째C REMOTE TEMPERATURE AND 짹2.5째C LOCAL TEMPERATURE SENSOR IN SOT23-8
logo
Maxim Integrated Produc...
MAX6605 MAXIM-MAX6605_09 Datasheet
125Kb / 6P
   Low-Power Analog Temperature Sensor in SC70 Package
Rev 3; 12/09
MAX6605 MAXIM-MAX6605_08 Datasheet
97Kb / 6P
   Low-Power Analog Temperature Sensor in SC70 Package
Rev 2; 11/08
MAX6605 MAXIM-MAX6605 Datasheet
130Kb / 5P
   Low-Power Analog Temperature Sensor in SC70 Package
Rev 0; 10/00
logo
Texas Instruments
TMP300-Q1 TI1-TMP300-Q1 Datasheet
654Kb / 14P
[Old version datasheet]   1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com