Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST202E104GAR Datasheet(PDF) 10 Page - AVX Corporation

Part # ST202E104GAR
Description  Radial Leads/SkyCap짰/SR Series
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

ST202E104GAR Datasheet(HTML) 10 Page - AVX Corporation

Back Button ST202E104GAR Datasheet HTML 6Page - AVX Corporation ST202E104GAR Datasheet HTML 7Page - AVX Corporation ST202E104GAR Datasheet HTML 8Page - AVX Corporation ST202E104GAR Datasheet HTML 9Page - AVX Corporation ST202E104GAR Datasheet HTML 10Page - AVX Corporation ST202E104GAR Datasheet HTML 11Page - AVX Corporation ST202E104GAR Datasheet HTML 12Page - AVX Corporation ST202E104GAR Datasheet HTML 13Page - AVX Corporation ST202E104GAR Datasheet HTML 14Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
24
Radial Leads/AR Series
C0G (NP0) Dielectric
SIZE AND CAPACITANCE SPECIFICATIONS
EIA Characteristic
Dimensions: Millimeters (Inches)
AVX Style
AR15
AR20
AR21
AVX “Insertable”
AR07
AR29
AR59
Width
3.81
5.08
5.08
(W)
(.150)
(.200)
(.200)
Height
3.81
5.08
5.08
(H)
(.150)
(.200)
(.200)
Thickness
2.54
3.175
3.175
(T)
(.100)
(.125)
(.125)
Lead Spacing
2.54
2.54
5.08
(L.S.)
(.100)
(.100)
(.200)
Lead Diameter
.508
.508
.508
(L.D.)
(.020)
(.020)
(.020)
Cap
Industry Preferred
WVDC
WVDC
WVDC
in pF
Values in Blue
200 100
50 200 100
50
200 100
50
1AR-----A1R0D4R
10
AR-----A100K4R
15
AR-----A150K4R
22
AR-----A220K4R
33
AR-----A330K4R
39
AR-----A390K4R
47
AR-----A470K4R
68
AR-----A680K4R
100
AR-----A101K4R
150
AR-----A151K4R
220
AR-----A221K4R
330
AR-----A331K4R
390
AR-----A391K4R
470
AR-----A471K4R
680
AR-----A681K4R
1,000
AR-----A102K4R
1,500
AR-----A152K4R
2,200
AR-----A222K4R
3,900
AR-----A392K4R
4,700
AR-----A472K4R
6800
AR-----A682K4R
8200
AR-----A822K4R
Notes:
“Insertable” make reference to alternative AVX style using the same range of capacitance available on the matrix.
For others Styles, voltages, tolerance and lead lengths see Skycap catalog or contact factory.
Others capacitance values available upon special request.
Others styles available: AR12, AR14, AR62, AR89.


Similar Part No. - ST202E104GAR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST202E STMICROELECTRONICS-ST202E Datasheet
95Kb / 12P
   짹 15KV ESD PROTECTED 5V RS-232 TRANSCEIVER
ST202EB STMICROELECTRONICS-ST202EB Datasheet
724Kb / 18P
   /- 15 kV ESD protected 5 V RS-232 transceiver
ST202EBD STMICROELECTRONICS-ST202EBD Datasheet
95Kb / 12P
   짹 15KV ESD PROTECTED 5V RS-232 TRANSCEIVER
ST202EBDR STMICROELECTRONICS-ST202EBDR Datasheet
95Kb / 12P
   짹 15KV ESD PROTECTED 5V RS-232 TRANSCEIVER
ST202EBDR STMICROELECTRONICS-ST202EBDR Datasheet
724Kb / 18P
   /- 15 kV ESD protected 5 V RS-232 transceiver
More results

Similar Description - ST202E104GAR

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
SR211C104KAA AVX-SR211C104KAA Datasheet
267Kb / 8P
   Radial Leads/SkyCap짰
SR155E103MAR AVX-SR155E103MAR Datasheet
267Kb / 8P
   Radial Leads/SkyCap짰
AR215F104M4R AVX-AR215F104M4R Datasheet
202Kb / 9P
   Radial Leads/SkyCap짰/AR Series
SR152A3R0CAR AVX-SR152A3R0CAR Datasheet
177Kb / 4P
   Radial Leads/SkyCap /SR Series
SR212A220JAA AVX-SR212A220JAA Datasheet
169Kb / 1P
   Radial Leads/SkyCap/SR Series
SR155C102KAR AVX-SR155C102KAR Datasheet
177Kb / 4P
   Radial Leads/SkyCap/SR Series
SR215C104KAR AVX-SR215C104KAR Datasheet
177Kb / 4P
   Radial Leads/SkyCap/SR Series
SR211C105KAR AVX-SR211C105KAR Datasheet
177Kb / 4P
   Radial Leads/SkyCap/SR Series
BF01 AVX-BF01 Datasheet
57Kb / 4P
   Radial Leads
SR201A102JAR AVX-SR201A102JAR Datasheet
267Kb / 8P
   Radial Leads/SkyCap
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com