Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP121-EP Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TMP121-EP
Description  1.5째C ACCURATE DIGITAL TEMPERATURE SENSOR WITH SPI??INTERFACE
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP121-EP Datasheet(HTML) 3 Page - Texas Instruments

  TMP121-EP Datasheet HTML 1Page - Texas Instruments TMP121-EP Datasheet HTML 2Page - Texas Instruments TMP121-EP Datasheet HTML 3Page - Texas Instruments TMP121-EP Datasheet HTML 4Page - Texas Instruments TMP121-EP Datasheet HTML 5Page - Texas Instruments TMP121-EP Datasheet HTML 6Page - Texas Instruments TMP121-EP Datasheet HTML 7Page - Texas Instruments TMP121-EP Datasheet HTML 8Page - Texas Instruments TMP121-EP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
PIN CONFIGURATIONS
Top View
SOT23-6
Pin 1 orientation is determined by package marking.
NC
GND
V+
SO
CS
SCK
1
2
3
6
5
4
SOT23−6
NC = No Connection(2)
TMP121(1)
GND
NC
V+
SOT23−6
NC = No Connection(2)
TMP123(1)
SO
CS
SCK
1
2
3
6
5
4
TMP121-EP
TMP123-EP
SGLS315 – SEPTEMBER 2005
At T
A = –40°C to 125°C and V+ = 2.7 V to 5.5 V, unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TEMPERATURE INPUT
Range
–40
125
°C
–25
°C to 85°C
±0.5
±1.5
Accuracy (temperature error)
–40
°C to 125°C
±1
±2
°C
–40
°C to 150°C
±1.5
Accuracy vs Supply
0.1
°C/V
Resolution
±0.0625
°C
DIGITAL INPUT/OUTPUT
VIH
0.7(V+)
Input logic levels
V
VIL
0.3(V+)
IIN
Input current, SO, SCK, CS
0 V
≤ V
IN≤ V+
±1
µA
VOL SO
ISINK = 3 mA
0.4
Output logic levels
V
VOH SO
ISOURCE = 2 mA
(V+)–0.4
Resolution
12
Bits
Input capacitance, SO, SCK, CS
2.5
pF
Conversion time
12-Bit
240
320
ms
Conversion period(1)
12-BIt
480
640
ms
POWER SUPPLY
Operating range
2.7
5.5
V
IQ
Quiescent current
Serial bus inactive
35
50
µA
ISD
Shutdown current (TPM121)
Serial bus inactive
0.1
1
µA
ISD
Shutdown current (TMP123)
Serial bus inactive
0.1
3
µA
TEMPERATURE RANGE
Specified range
–40
125
°C
Operating range
–55
150
°C
Storage range
–60
150
°C
θ
JA
Thermal resistance
SOT23-6 surface-mount
200
°C/W
(1)
Period indicates time between conversion starts.
(1)
Pin 1 of the SOT23-6 package is determined by orienting the package marking as shown.
(2)
Pins labeled NC should be left floating or connected to GND.
3


Similar Part No. - TMP121-EP

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TMP121 BURR-BROWN-TMP121 Datasheet
128Kb / 9P
   1.5C Accurate Digital Temperature Sensor with SPI Interface
logo
Texas Instruments
TMP121 TI-TMP121 Datasheet
130Kb / 10P
[Old version datasheet]   2C Accurate Digital Temperature Sensor with SPI Interface
TMP121 TI-TMP121 Datasheet
734Kb / 18P
[Old version datasheet]   1.5 C Accurate Digital Temperature Sensor with SPI田?Interface
TMP121/123 TI1-TMP121/123 Datasheet
185Kb / 12P
[Old version datasheet]   2째C Accurate Digital Temperature Sensor with SPI Interface
TMP121/123 TI1-TMP121/123 Datasheet
183Kb / 12P
[Old version datasheet]   Accurate Digital Temperature Sensor with SPI田?Interface
More results

Similar Description - TMP121-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP122-EP TI-TMP122-EP Datasheet
556Kb / 17P
[Old version datasheet]   1.5째C ACCURATE PROGRAMMABLE DIGITAL TEMPERATURE SENSORS WITH SPI??INTERFACE
logo
Burr-Brown (TI)
TMP122 BURR-BROWN-TMP122 Datasheet
277Kb / 14P
   1.5째C Accurate Programmable Digital Temperature Sensors with SPI Interface
logo
Texas Instruments
TMP122-EP TI-TMP122-EP_1 Datasheet
563Kb / 17P
[Old version datasheet]   1.5째C ACCURATE PROGRAMMABLE DIGITAL TEMPERATURE SENSORS WITH SPI??INTERFACE
TMP122 TI1-TMP122_15 Datasheet
511Kb / 19P
[Old version datasheet]   1.5째C Accurate Programmable Digital Temperature Sensors with SPI Interface
TMP125AIDBVRG4 TI-TMP125AIDBVRG4 Datasheet
130Kb / 10P
[Old version datasheet]   2C Accurate Digital Temperature Sensor with SPI Interface
TMP125 TI1-TMP125 Datasheet
183Kb / 12P
[Old version datasheet]   Accurate Digital Temperature Sensor with SPI田?Interface
logo
Burr-Brown (TI)
TMP121 BURR-BROWN-TMP121 Datasheet
128Kb / 9P
   1.5C Accurate Digital Temperature Sensor with SPI Interface
logo
Texas Instruments
TMP125 TI1-TMP125_15 Datasheet
185Kb / 12P
[Old version datasheet]   2째C Accurate Digital Temperature Sensor with SPI Interface
TMP121AIDBVTG4 TI-TMP121AIDBVTG4 Datasheet
734Kb / 18P
[Old version datasheet]   1.5 C Accurate Digital Temperature Sensor with SPI田?Interface
logo
Microchip Technology
TC72 MICROCHIP-TC72 Datasheet
417Kb / 24P
   Digital Temperature Sensor with SPI??Interface
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com