Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CGA3E2C0G1H1R5C Datasheet(PDF) 10 Page - TDK Electronics

Part # CGA3E2C0G1H1R5C
Description  Automotive Grade Capacitors
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

CGA3E2C0G1H1R5C Datasheet(HTML) 10 Page - TDK Electronics

Back Button CGA3E2C0G1H1R5C Datasheet HTML 6Page - TDK Electronics CGA3E2C0G1H1R5C Datasheet HTML 7Page - TDK Electronics CGA3E2C0G1H1R5C Datasheet HTML 8Page - TDK Electronics CGA3E2C0G1H1R5C Datasheet HTML 9Page - TDK Electronics CGA3E2C0G1H1R5C Datasheet HTML 10Page - TDK Electronics CGA3E2C0G1H1R5C Datasheet HTML 11Page - TDK Electronics CGA3E2C0G1H1R5C Datasheet HTML 12Page - TDK Electronics CGA3E2C0G1H1R5C Datasheet HTML 13Page - TDK Electronics CGA3E2C0G1H1R5C Datasheet HTML 14Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
TDK MLCC US Catalog
Version B11
Page 298
CGA3 [EIA CC0603]
Capacitance
Range Chart
Standard Thickness
0.80 mm
Capacitance
(pF)
Cap
Code
Tolerance
X7R
X7S
2A
(100V)
1H
(50V)
1V
(35V)
1E
(25V)
1C
(16V)
0J
(6.3V)
2A
(100V)
220
221
K: ± 10%
330
331
470
471
680
681
1,000
102
1,500
152
2,200
222
3,300
332
4,700
472
6,800
682
10,000
103
15,000
153
22,000
223
33,000
333
47,000
473
68,000
683
100,000
104
150,000
154
220,000
224
330,000
334
470,000
474
680,000
684
1,000,000
105
2,200,000
225
Capacitance
(pF)
Cap
Code
Tolerance
X8R
X5R
2A
(100V)
1H
(50V)
1E
(25V)
1C
(16V)
0J
(6.3V)
1,000
102
K: ± 10%
1,500
152
2,200
222
3,300
332
4,700
472
6,800
682
10,000
103
15,000
153
22,000
223
33,000
333
47,000
473
68,000
683
100,000
104
2,200,000
225
4,700,000
475
Capacitance Range Chart
Temperature Characteristics: X7R (± 15%), X7S (± 22%), X8R (±15%), X5R (±15%)
Rated Voltage: 100V (2A), 50V (1H), 35V (1V), 25V (1E),16V (1C), 6.3V (0J)


Similar Part No. - CGA3E2C0G1H1R5C

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CGA3E2C0G1H1R5C080AA TDK-CGA3E2C0G1H1R5C080AA Datasheet
1Mb / 20P
   MULTILAYER CERAMIC CHIP CAPACITORS
CGA3E2C0G1H1R5C080AA TDK-CGA3E2C0G1H1R5C080AA Datasheet
885Kb / 20P
   MULTILAYER CERAMIC CHIP CAPACITORS
CGA3E2C0G1H1R5C080AA TDK-CGA3E2C0G1H1R5C080AA Datasheet
878Kb / 23P
   MULTILAYER CERAMIC CHIP CAPACITORS
March 2021
CGA3E2C0G1H1R5C080AA TDK-CGA3E2C0G1H1R5C080AA_17 Datasheet
180Kb / 3P
   Multilayer Ceramic Chip Capacitors
More results

Similar Description - CGA3E2C0G1H1R5C

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NMA NIC-NMA Datasheet
158Kb / 12P
   Automotive Grade Ceramic Chip Capacitors
logo
Kemet Corporation
T499X227M010ATE500 KEMET-T499X227M010ATE500_16 Datasheet
1Mb / 16P
   Tantalum Surface Mount Capacitors ??Automotive Grade
T499B474K035ATE8K0 KEMET-T499B474K035ATE8K0 Datasheet
2Mb / 17P
   Tantalum Surface Mount Capacitors . Automotive Grade T499 Series Automotive Grade MnO2 175C
logo
International Rectifier
AUIRFZ48Z IRF-AUIRFZ48Z Datasheet
258Kb / 14P
   AUTOMOTIVE GRADE
logo
Kersemi Electronic Co.,...
IRFR4105ZTRL KERSEMI-IRFR4105ZTRL Datasheet
4Mb / 12P
   AUTOMOTIVE GRADE
logo
International Rectifier
AUIRLR3105 IRF-AUIRLR3105 Datasheet
632Kb / 13P
   AUTOMOTIVE GRADE
logo
Infineon Technologies A...
AUIRF9952Q INFINEON-AUIRF9952Q Datasheet
329Kb / 11P
   AUTOMOTIVE GRADE
2015-10-5
AUIRF7379Q INFINEON-AUIRF7379Q Datasheet
355Kb / 11P
   AUTOMOTIVE GRADE
2015-9-30
AUIRF7341Q INFINEON-AUIRF7341Q Datasheet
427Kb / 10P
   AUTOMOTIVE GRADE
2015-9-30
AUIRF7319Q INFINEON-AUIRF7319Q Datasheet
371Kb / 11P
   AUTOMOTIVE GRADE
2015-9-30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com