Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C203PZ57 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C203PZ57
Description  DIGITAL SIGNAL PROCESSORS
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C203PZ57 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TMS320C203PZ57 Datasheet HTML 5Page - Texas Instruments TMS320C203PZ57 Datasheet HTML 6Page - Texas Instruments TMS320C203PZ57 Datasheet HTML 7Page - Texas Instruments TMS320C203PZ57 Datasheet HTML 8Page - Texas Instruments TMS320C203PZ57 Datasheet HTML 9Page - Texas Instruments TMS320C203PZ57 Datasheet HTML 10Page - Texas Instruments TMS320C203PZ57 Datasheet HTML 11Page - Texas Instruments TMS320C203PZ57 Datasheet HTML 12Page - Texas Instruments TMS320C203PZ57 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 84 page
background image
TMS320C203, TMS320C209, TMS320LC203
DIGITAL SIGNAL PROCESSORS
SPRS025B – JUNE 1995 – REVISED AUGUST 1998
9
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
TMS320C209 Terminal Functions (Continued)
TERMINAL
TYPE†
DESCRIPTION
NAME
NO.
TYPE†
DESCRIPTION
TEST SIGNALS
TCK
8
I
JTAG test clock. TCK is normally a free-running clock signal with a 50% duty cycle. The changes on
test-access port (TAP) input signals (TMS and TDI) are clocked into the TAP controller, instruction
register, or selected test-data register on the rising edge of TCK. Changes at the TAP output signal (TDO)
occur on the falling edge of TCK.
TDI
5
I
JTAG test data input. TDI is clocked into the selected register (instruction or data) on a rising edge of
TCK.
TDO
71
O/Z
JTAG test data output. The contents of the selected register (instruction or data) are shifted out of TDO
on the falling edge of TCK. TDO is in the high-impedance state except when scanning of data is in
progress. TDO goes into the high-impedance state when OFF is active low.
TMS
32
I
JTAG test mode-select. TMS is clocked into the TAP controller on the rising edge of TCK.
TRST
80
I
JTAG test reset. TRST, when active high, gives the JTAG scan system control of the operations of the
device. If TRST is not connected or driven low, the device operates in its functional mode, and the JTAG
signals are ignored.
EMU0
EMU1/OFF
2
3
I/O/Z
Emulator pin 0. When TRST is driven low, EMU0 must be high for activation of the OFF condition. When
TRST is driven high, EMU0 is used as an interrupt to or from the emulator system and is defined as an
input/output through the JTAG scan.
Emulator pin 1. EMU1 disables all outputs. When TRST is driven high, EMU1/OFF is used as an interrupt
to or from the emulator system and is defined as input/output by way of JTAG scan. When TRST is driven
low, this pin is configured as OFF. EMU1/OFF, when active low, puts all output drivers in the high-imped-
ance state.
SUPPLY PINS
VDD
1
15
50
51
76
PWR
Power
VSS
12
21
22
29
41
47
56
61
73
GND
Ground
† I = input, O = output, Z = high impedance, PWR = power, GND = ground


Similar Part No. - TMS320C203PZ57

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C203PZ57 TI-TMS320C203PZ57 Datasheet
1Mb / 83P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
More results

Similar Description - TMS320C203PZ57

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ320C31 TI-SMJ320C31 Datasheet
968Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2812 TI-TMS320F2812 Datasheet
1Mb / 103P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C31 TI-TMS320C31 Datasheet
636Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2810 TI-TMS320F2810_08 Datasheet
2Mb / 173P
[Old version datasheet]   Digital Signal Processors
TMS320F2809 TI-TMS320F2809_11 Datasheet
1Mb / 145P
[Old version datasheet]   Digital Signal Processors
SM320F2808-EP TI-SM320F2808-EP Datasheet
1Mb / 118P
[Old version datasheet]   Digital Signal Processors
TMS320F2810 TI-TMS320F2810_11 Datasheet
1Mb / 170P
[Old version datasheet]   Digital Signal Processors
TMS320C5X TI1-TMS320C5X_16 Datasheet
1Mb / 94P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C203 TI-TMS320C203 Datasheet
1Mb / 83P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320LBC57PGE80 TI1-TMS320LBC57PGE80 Datasheet
1Mb / 94P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMDXDOCK28069 TI-TMDXDOCK28069 Datasheet
1Mb / 147P
[Old version datasheet]   Digital Signal Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com