Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCR8DSM Datasheet(PDF) 4 Page - Motorola, Inc

Part # MCR8DSM
Description  Silicon Controlled Rectifiers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCR8DSM Datasheet(HTML) 4 Page - Motorola, Inc

  MCR8DSM Datasheet HTML 1Page - Motorola, Inc MCR8DSM Datasheet HTML 2Page - Motorola, Inc MCR8DSM Datasheet HTML 3Page - Motorola, Inc MCR8DSM Datasheet HTML 4Page - Motorola, Inc MCR8DSM Datasheet HTML 5Page - Motorola, Inc MCR8DSM Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MCR8DSM MCR8DSN
4
Motorola Thyristor Device Data
Figure 7. Typical Holding Current versus
Junction Temperature
Figure 8. Typical Latching Current versus
Junction Temperature
Figure 9. Holding Current versus
Gate–Cathode Resistance
65
110
–40
TJ, JUNCTION TEMPERATURE (°C)
TJ, JUNCTION TEMPERATURE (°C)
1000
10 K
100
RGK, GATE–CATHODE RESISTANCE (OHMS)
10
6.0
4.0
2.0
0
1.0
0.1
–25
5.0
20
50
95
10
TJ = 25°C
–10
35
80
Figure 10. Exponential Static dv/dt versus
Gate–Cathode Resistance and Junction
Temperature
100
RGK, GATE–CATHODE RESISTANCE (OHMS)
1000
10
1.0
TJ = 110°C
1000
IGT = 10 mA
RGK = 1.0 KW
65
110
–40
1.0
0.1
–25
5.0
20
50
95
10
–10
35
80
RGK = 1.0 KW
Figure 11. Exponential Static dv/dt versus
Gate–Cathode Resistance and Peak Voltage
Figure 12. Exponential Static dv/dt versus
Gate–Cathode Resistance and Gate Trigger
Current Sensitivity
8.0
IGT = 25 mA
100
90
°C
70
°C
100
RGK, GATE–CATHODE RESISTANCE (OHMS)
1000
10
1.0
TJ = 110°C
1000
100
VPK = 800 V
600 V
400 V
100
RGK, GATE–CATHODE RESISTANCE (OHMS)
1000
10
1.0
VD = 800 V
TJ = 110°C
1000
100
IGT = 10 mA
IGT = 25 mA


Similar Part No. - MCR8DSM

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MCR8DSM ONSEMI-MCR8DSM Datasheet
67Kb / 6P
   Sensitive Gate Silicon Controlled Rectifiers Reverse Blocking Thyristors
November, 2005 ??Rev. 4
logo
Kersemi Electronic Co.,...
MCR8DSM KERSEMI-MCR8DSM Datasheet
447Kb / 6P
   Silicon Controlled Rectifiers
logo
ON Semiconductor
MCR8DSMT4 ONSEMI-MCR8DSMT4 Datasheet
67Kb / 6P
   Sensitive Gate Silicon Controlled Rectifiers Reverse Blocking Thyristors
November, 2005 ??Rev. 4
logo
Kersemi Electronic Co.,...
MCR8DSMT4 KERSEMI-MCR8DSMT4 Datasheet
447Kb / 6P
   Silicon Controlled Rectifiers
MCR8DSMT4 KERSEMI-MCR8DSMT4 Datasheet
429Kb / 6P
   Silicon Controlled Rectifiers
More results

Similar Description - MCR8DSM

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
C122A1 MOTOROLA-C122A1 Datasheet
65Kb / 3P
   SILICON CONTROLLED RECTIFIERS
logo
Power Innovations Ltd
TIC106 POINN-TIC106 Datasheet
165Kb / 8P
   SILICON CONTROLLED RECTIFIERS
TICP106 POINN-TICP106 Datasheet
95Kb / 6P
   SILICON CONTROLLED RECTIFIERS
logo
ON Semiconductor
MCR12D ONSEMI-MCR12D Datasheet
92Kb / 8P
   Silicon Controlled Rectifiers
December, 1999 ??Rev. 2
logo
Transys Electronics
SC12 TRSYS-SC12 Datasheet
765Kb / 5P
   SILICON CONTROLLED RECTIFIERS
logo
ON Semiconductor
2N6504 ONSEMI-2N6504 Datasheet
50Kb / 8P
   Silicon Controlled Rectifiers
April, 2001 ??Rev. 4
logo
Motorola, Inc
MCR102 MOTOROLA-MCR102 Datasheet
79Kb / 4P
   Silicon Controlled Rectifiers
MCR22 MOTOROLA-MCR22 Datasheet
101Kb / 6P
   Silicon Controlled Rectifiers
MCR25 MOTOROLA-MCR25 Datasheet
431Kb / 6P
   Silicon Controlled Rectifiers
MCR310 MOTOROLA-MCR310 Datasheet
86Kb / 4P
   Silicon Controlled Rectifiers
logo
NTE Electronics
NTE5550 NTE-NTE5550 Datasheet
20Kb / 2P
   Silicon Controlled Rectifiers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com