Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5.30.759.102-0000 Datasheet(PDF) 4 Page - C&K Components

Part # 5.30.759.102-0000
Description  RF short-travel keyswitches
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

5.30.759.102-0000 Datasheet(HTML) 4 Page - C&K Components

  5.30.759.102-0000 Datasheet HTML 1Page - C&K Components 5.30.759.102-0000 Datasheet HTML 2Page - C&K Components 5.30.759.102-0000 Datasheet HTML 3Page - C&K Components 5.30.759.102-0000 Datasheet HTML 4Page - C&K Components 5.30.759.102-0000 Datasheet HTML 5Page - C&K Components 5.30.759.102-0000 Datasheet HTML 6Page - C&K Components 5.30.759.102-0000 Datasheet HTML 7Page - C&K Components 5.30.759.102-0000 Datasheet HTML 8Page - C&K Components 5.30.759.102-0000 Datasheet HTML 9Page - C&K Components Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 48 page
background image
Stock items are marked
by bold printed order numbers.
4 - 26
PCB Keyswitches
4
RF
RF short-travel keyswitches
RF 15 short-travel keyswitch
Technical data
General information
Colour of lens
see order block
Recommended key grid
19.05 mm
Dimensions
Length
15 mm
Width
15 mm
Overall height
9.7 mm
Mechanical design
Mounting
soldering into PCB
Terminals
contacts tin-plated,
fix contact Ag plated
Contact system
snap-action contact
Contact arrangement
1 NO
Contact materials
Au/Ag
Illumination
spot-/fully illuminated
LED colour
see order block
LED type
see order block
Mechanical characteristics
Operating force max.
2 ... 3 N
Operating travel
0.5 mm
Switching travel
0.5 mm
Robustness min.
with through-plated PCB
100 N
Electrical characteristics
Rated voltage min.
Au: 0.02 V, Ag: 3 V
Rated voltage max.
Au: 42 V, Ag: 50 V
Rated current min.
Au: 0.01 mA, Ag: 0.1 mA
Rated current max.
Au: 100 mA, Ag: 250 mA
Rated power max.
(ohmic load)
Au: 2 W, Ag: 12.5 W
Contact resistance when
new max.
100 m
Contact resistance acc.
to life max.
3
Insulation resistance
109
ESD strength (underneath
overlay)
15 kV
Bouncing time max.
5 ms
Other specifications
Ambient temp. operating
min.
-25 °C
Ambient temp. operating
max.
+70 °C
Storage temperature min.
-40 °C
Storage temperature max.
(product)
+80 °C
Storage temperature max.
(in tube)
+50 °C
Resistance to constant
environment
according to
IEC 600 68-2-3 and 2-30
Resistance at variable
environment
according to
IEC 600 68-2-14 and 2-33
Operating life min.
1000000
Soldering time max.
2.5 sec.
Soldering temperature
max.
250 °C
Flammability of materials
UL 94 HB
General data
Low-profile keyboards with RF 15 components should be designed with a 19.05 mm grid. With this grid, frame webs
remain free between the individual keys. The overlay can be glued onto these frame webs; we recommend area
embossing over the keys for the overlays.


Similar Part No. - 5.30.759.102-0000

ManufacturerPart #DatasheetDescription
logo
C&K Components
5.30.759.102/0000 CK-COMPONENTS-5.30.759.102/0000 Datasheet
2Mb / 48P
   RF short-travel keyswitches
More results

Similar Description - 5.30.759.102-0000

ManufacturerPart #DatasheetDescription
logo
C&K Components
3.14200.0110000 CK-COMPONENTS-3.14200.0110000 Datasheet
2Mb / 48P
   RF short-travel keyswitches
logo
ITT Industries
KN19 ITT-KN19 Datasheet
168Kb / 4P
   Short-travel main switch
logo
C&K Components
5.46.167.042-0209 CK-COMPONENTS-5.46.167.042-0209 Datasheet
687Kb / 19P
   PCB Keyswitches
1.14100.5020000 CK-COMPONENTS-1.14100.5020000 Datasheet
687Kb / 19P
   PCB Keyswitches
logo
TP-Link Technologies Co...
AC750 TP-LINK-AC750_V01 Datasheet
2Mb / 5P
   Wireless Travel Router
logo
ALPS ELECTRIC CO.,LTD.
SSAA ALPS-SSAA Datasheet
279Kb / 4P
   2mm-travel Type
logo
Molex Electronics Ltd.
130171-0317 MOLEX11-130171-0317 Datasheet
23Kb / 1P
   Aero-Motive Heavy Industrial Duty EB Balancer with Short Travel for Cable Assembly
logo
ALPS ELECTRIC CO.,LTD.
SPEF ALPS-SPEF_15 Datasheet
996Kb / 4P
   1.5mm-travel Vertical Type
SPPH1 ALPS-SPPH1 Datasheet
122Kb / 3P
   1.5mm-travel Vertical Type
SPEC ALPS-SPEC Datasheet
151Kb / 3P
   2.5mm-travel Vertical Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com