Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP432BDGST Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TMP432BDGST
Description  짹1째C TEMPERATURE SENSOR with Series-R, 管-Factor, and Automatic Beta Compensation
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP432BDGST Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMP432BDGST Datasheet HTML 2Page - Texas Instruments TMP432BDGST Datasheet HTML 3Page - Texas Instruments TMP432BDGST Datasheet HTML 4Page - Texas Instruments TMP432BDGST Datasheet HTML 5Page - Texas Instruments TMP432BDGST Datasheet HTML 6Page - Texas Instruments TMP432BDGST Datasheet HTML 7Page - Texas Instruments TMP432BDGST Datasheet HTML 8Page - Texas Instruments TMP432BDGST Datasheet HTML 9Page - Texas Instruments TMP432BDGST Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
TMP431, TMP432
SBOS441G – SEPTEMBER 2009 – REVISED DECEMBER 2015
www.ti.com
6.5 Electrical Characteristics
at TA = –40°C to 125°C and V+ = 2.7 V to 5.5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TEMPERATURE ERROR
TA = –40°C to 125°C
±1.25
±2.5
TELOCAL
Local temperature sensor
°C
TA = 0°C to 100°C, V+ = 3.3 V
±0.25
±1
TA = 0°C to 100°C, TDIODE = –40°C to 150°C, V+ = 3.3 V
±0.25
±1
TEREMOTE
Remote temperature sensor (1)
TA = –40°C to 100°C, TDIODE = –40°C to 150°C, V+ = 3.3 V
±0.5
±1.5
°C
TA = –40°C to 125°C, TDIODE = –40°C to 150°C
±3
±5
vs Supply (Local/Remote)
V+ = 2.7 V to 5.5 V
±0.2
±0.5
°C/V
TEMPERATURE MEASUREMENT CONVERSION TIME (PER CHANNEL)
Local channel
12
15
17
ms
Remote channel
RC = 1
97
126
137
ms
Beta correction enabled (2)
RC = 0
36
47
52
RC = 1
72
93
100
ms
Beta correction disabled (3)
RC = 0
33
44
47
TEMPERATURE MEASUREMENT RESOLUTION
Local channel
12
Bits
Remote channel
12
Bits
TEMPERATURE MEASUREMENT REMOTE SENSOR SOURCE CURRENTS
High
120
μA
Series resistance (beta correction) (4)
Medium-high
60
μA
Medium-low
12
μA
Low
6
μA
1.000(2)
η
Remote transistor ideality factor
TMP43x optimized ideality factor
1.008(3)
β
Beta correction range
0.1
27
SMBus INTERFACE
Logic input high voltage
VIH
2.1
V
(SCL, SDA)
VIL
Logic input low voltage (SCL, SDA)
0.8
V
Hysteresis
500
mV
SMBus output low sink current
6
mA
VOL
SDA output low voltage
IOUT = 6 mA
0.15
0.4
V
Logic input current
0
≤ VIN ≤ 6 V
–1
1
μA
SMBus input capacitance
3
pF
(SCL, SDA)
SMBus clock frequency
3.4
MHz
SMBus timeout
25
32
35
ms
SCL falling edge to SDA valid time
1
μs
DIGITAL OUTPUTS
VOL
Output low voltage
IOUT = 6 mA
0.15
0.4
V
IOH
High-level output leakage current
VOUT = V+
0.1
1
μA
ALERT/THERM2 output low
ALERT/THERM2 forced to 0.4 V
6
mA
sink current
THERM output low sink current
THERM2 forced to 0.4 V
6
mA
(1)
Tested with less than 5-
Ω effective series resistance and 100-pF differential input capacitance. TA is the ambient temperature of the
TMP43x. TDIODE is the temperature at the remote diode sensor.
(2)
Beta correction configuration set to 1000 and sensor is GND collector-connected (PNP collector to ground).
(3)
Beta correction configuration set to 0111 or sensor is diode-connected (base shorted to collector).
(4)
If beta correction is disabled (0111), then up to 1-k
Ω of series line resistance is cancelled; if beta correction is enabled (1xxx), up to
300
Ω is cancelled.
6
Submit Documentation Feedback
Copyright © 2009–2015, Texas Instruments Incorporated
Product Folder Links: TMP431 TMP432


Similar Part No. - TMP432BDGST

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP432BDGST TI1-TMP432BDGST Datasheet
1Mb / 47P
[Old version datasheet]   Temperature Sensor
More results

Similar Description - TMP432BDGST

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP432 TI-TMP432_15 Datasheet
1Mb / 42P
[Old version datasheet]   짹1째C Temperature Sensor with Series-R, 管-Factor, and Automatic Beta Compensation
TMP431 TI1-TMP431_15 Datasheet
1Mb / 42P
[Old version datasheet]   짹1째C Temperature Sensor with Series-R, 管-Factor, and Automatic Beta Compensation
TMP435 TI1-TMP435_15 Datasheet
995Kb / 35P
[Old version datasheet]   짹1째C TEMPERATURE SENSOR with Series-R,n-Factor, Automatic Beta Compensation and Programmable Addressing
TMP441 TI1-TMP441_15 Datasheet
1Mb / 29P
[Old version datasheet]   짹1째C TEMPERATURE SENSOR with Automatic Beta Compensation,Series-R, and h-Factor in a SOT23-8
TMP441 TI1-TMP441 Datasheet
764Kb / 28P
[Old version datasheet]   짹1째C TEMPERATURE SENSOR with Automatic Beta Compensation, Series-R, and h-Factor in a SOT23-8
TMP451 TI-TMP451 Datasheet
990Kb / 27P
[Old version datasheet]   짹1째C Remote and Local Temperature Sensor with 管-Factor and Offset Correction
logo
Microchip Technology
EMC1412-1-ACZL-TR MICROCHIP-EMC1412-1-ACZL-TR Datasheet
764Kb / 47P
   Temperature Sensor with Beta Compensation
Revision 1.41 02-23-12
logo
SMSC Corporation
EMC1402 SMSC-EMC1402 Datasheet
622Kb / 37P
   1째C Temperature Sensor with Beta Compensation
EMC1402 SMSC-EMC1402_12 Datasheet
671Kb / 40P
   1째C Temperature Sensor with Beta Compensation
EMC1403 SMSC-EMC1403 Datasheet
728Kb / 42P
   1째C Temperature Sensor with Beta Compensation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com