Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320TEST1000 Datasheet(PDF) 3 Page - Texas Instruments

Part # TMS320TEST1000
Description  DVCPro50 Decoder (v01.01.00) on TMS320C6678
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320TEST1000 Datasheet(HTML) 3 Page - Texas Instruments

  TMS320TEST1000 Datasheet HTML 1Page - Texas Instruments TMS320TEST1000 Datasheet HTML 2Page - Texas Instruments TMS320TEST1000 Datasheet HTML 3Page - Texas Instruments TMS320TEST1000 Datasheet HTML 4Page - Texas Instruments TMS320TEST1000 Datasheet HTML 5Page - Texas Instruments TMS320TEST1000 Datasheet HTML 6Page - Texas Instruments TMS320TEST1000 Datasheet HTML 7Page - Texas Instruments TMS320TEST1000 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
DVCPro50 Decoder (v01.01.00) on TMS320C6678
SPRS807 – NOVEMBER 2011
3
Table 3.
Memory Statistics (TMS320C6678 External Memory)
CONFIGURATION ID
MEMORY STATISTICS(1)(2)
PROGRAM
MEMORY
DATA MEMORY(4) (5)
TOTAL
PERSISTENT
CONSTANT
STACK
DV50_DEC_001
23.4
0.75
26.1
3
53.25
Note:
1.
All these memory requirements are for DVCPro50 decoder library only. They do not include any memory requirements
from test application side. Stack, heap and code requirements for test-application are extra.
2.
All memory requirements are expressed in kilobytes (1K bytes = 1024 bytes).
3.
The memory requirements given in Table 3 are calculated for D1 PAL resolution.
4.
Typical input and output buffers for D1 PAL resolutions are as follows.
Input Buffer: 282KB
Output Buffer:810KB
5.
One output buffer is sufficient as a part of DPB i.e only Intra frames are allowed in the standard.
Table 4.
Internal Data Memory Split-up
CONFIGURATION ID
DATA MEMORY – INTERNAL(1) (3)
LOCAL L2(2)
SHARED L2
TOTAL
CONSTANTS
PERSISTENT
SCRATCH
DV50_DEC_001
0
0
61
0
61
Note:
1.
Decoder stack is mapped to Local L2 memory and not included in the above table.
2.
Constant and Persistent memory can be corrupted by application provided application uses algorithm activate and
deactivate APIs before using process and control APIs
3.
All memory requirements are expressed in kilobytes (1K bytes = 1024 bytes).
Table 5.
Cache/SRAM configuration
NAME
AVAILABLE
CACHE
SRAM
L1p (Program Memory)
32K
32K
0K
L1d( Data Memory)
32K
32K
0K
L2
512K
64K
448K


Similar Part No. - TMS320TEST1000

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320TCI100 TI1-TMS320TCI100 Datasheet
1Mb / 137P
[Old version datasheet]   FIXED-PIONT DIGTAL SIGNAL PROCESSOR
TMS320TCI100BCLZ6 TI1-TMS320TCI100BCLZ6 Datasheet
1Mb / 137P
[Old version datasheet]   FIXED-PIONT DIGTAL SIGNAL PROCESSOR
TMS320TCI100BCLZ7 TI1-TMS320TCI100BCLZ7 Datasheet
1Mb / 137P
[Old version datasheet]   FIXED-PIONT DIGTAL SIGNAL PROCESSOR
TMS320TCI100BCLZA6 TI1-TMS320TCI100BCLZA6 Datasheet
1Mb / 137P
[Old version datasheet]   FIXED-PIONT DIGTAL SIGNAL PROCESSOR
TMS320TCI100BCLZA7 TI1-TMS320TCI100BCLZA7 Datasheet
1Mb / 137P
[Old version datasheet]   FIXED-PIONT DIGTAL SIGNAL PROCESSOR
More results

Similar Description - TMS320TEST1000

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
DSP-8682 ADVANTECH-DSP-8682_14 Datasheet
928Kb / 2P
   Full-length PCI Express Card with 8 TMS320C6678 DSPs
logo
Cirrus Logic
EP7209 CIRRUS-EP7209 Datasheet
1Mb / 128P
   Ultra-Low-Power Audio Decoder System-on-Chip
logo
Texas Instruments
SN74BCT2414 TI-SN74BCT2414 Datasheet
129Kb / 9P
[Old version datasheet]   MEMORY DECODER WITH ON-CHIP SUPPLY VOLTAGE MONITOR
SN74BCT2414 TI1-SN74BCT2414_16 Datasheet
534Kb / 14P
[Old version datasheet]   MEMORY DECODER WITH ON-CHIP SUPPLY VOLTAGE MONITOR
logo
Sanyo Semicon Device
LC897127K SANYO-LC897127K Datasheet
79Kb / 14P
   SCSI CD-ROM Decoder with On-Chip DVD Interface
logo
Advantech Co., Ltd.
DSPC-8681 ADVANTECH-DSPC-8681 Datasheet
1Mb / 2P
   Half-length PCI Express Card with 4 TMS320C6678 DSPs
DSP-8681 ADVANTECH-DSP-8681_14 Datasheet
1Mb / 2P
   Half-length PCI Express Card with 4 TMS320C6678 DSPs
logo
Sanyo Semicon Device
LC72714W SANYO-LC72714W Datasheet
232Kb / 29P
   Mobile FM Multiplex Broadcast IC with On-Chip VICS Decoder
logo
SamHop Microelectronics...
SM5032C SAMHOP-SM5032C Datasheet
28Kb / 6P
   DECODER
logo
Advantech Co., Ltd.
DSP-8683 ADVANTECH-DSP-8683_14 Datasheet
2Mb / 2P
   Half-Length PCI Express Card with TI 66AK2H12 and TMS320C6678 DSPs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com