Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS470MF03107 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TMS470MF03107
Description  TMS470MF04207/TMS470MF03107 16/32-Bit RISC Flash Microcontroller
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS470MF03107 Datasheet(HTML) 3 Page - Texas Instruments

  TMS470MF03107 Datasheet HTML 1Page - Texas Instruments TMS470MF03107 Datasheet HTML 2Page - Texas Instruments TMS470MF03107 Datasheet HTML 3Page - Texas Instruments TMS470MF03107 Datasheet HTML 4Page - Texas Instruments TMS470MF03107 Datasheet HTML 5Page - Texas Instruments TMS470MF03107 Datasheet HTML 6Page - Texas Instruments TMS470MF03107 Datasheet HTML 7Page - Texas Instruments TMS470MF03107 Datasheet HTML 8Page - Texas Instruments TMS470MF03107 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 67 page
background image
TMS470MF04207
TMS470MF03107
www.ti.com
SPNS159C
– JANUARY 2012
1.2
Description
The TMS470MF04207/03107 devices are members of the Texas Instruments TMS470M family of
Automotive Grade 16/32-bit reduced instruction set computer (RISC) microcontrollers. The TMS470M
microcontrollers offer high performance utilizing the high efficiency Cortex
™-M3 16/32-bit RISC central
processing unit (CPU), resulting in a high instruction throughput while maintaining greater code efficiency.
The TMS470M devices utilize the big-endian format where the most-significant byte of a word is stored at
the lowest numbered byte and the least-significant byte is stored at the highest numbered byte.
High-end embedded control applications demand more performance from their controllers while
maintaining low costs. The TMS470M microcontroller architecture offers solutions to these performance
and cost demands while maintaining low power consumption.
The TMS470MF04207/03107 device contains the following:
16/32-Bit RISC CPU Core
TMS470MF04207 Up to 448K-Byte Program Flash with SECDED ECC
TMS470MF03107 Up to 320K-Byte Program Flash with SECDED ECC
64K-Byte Flash with SECDED ECC for additional program space or EEPROM Emulation
Up to 24K-Byte Static RAM (SRAM) with SECDED ECC
Real-Time Interrupt Timer (RTI)
Vectored Interrupt Module (VIM)
Hardware built-in self-test (BIST) checkers for SRAM (MBIST) and CPU (LBIST)
64-bit Cyclic Redundancy Checker (CRC)
Frequency-Modulated Zero-Pin Phase-Locked Loop (FMzPLL)-Based Clock Module With Prescaler
Two Multi-buffered Serial Peripheral Interfaces (MibSPI)
Two UARTs (SCI) with Local Interconnect Network Interfaces (LIN)
Two CAN Controller (DCAN)
High-End Timer (HET)
External Clock Prescale (ECP) Module
One 16-Channel 10-Bit Multi-Buffered ADC (MibADC)
Error Signaling Module (ESM)
Four Dedicated General-Purpose I/O (GIO) Pins and 45 Additional Peripheral I/Os (100-Pin Package)
The TMS470M memory includes general-purpose SRAM supporting single-cycle read/write accesses in
byte, half-word, and word modes. The SRAM on the TMS470M devices can be protected by means of
ECC. This feature utilizes a single error correction and double error detection circuit (SECDED circuit) to
detect and optionally correct single bit errors as well as detect all dual bit and some multi-bit errors. This is
achieved by maintaining an 8-bit ECC checksum/code for each 64-bit double-word of memory space in a
separate ECC RAM memory space.
The flash memory on this device is a nonvolatile, electrically erasable and programmable memory. It is
implemented with a 144-bit wide data word (128-bit without ECC) and a 64-bit wide flash module interface.
The flash operates with a system clock frequency of up to 28 MHz. Pipeline mode, which allows linear
prefetching of flash data, enables a system clock of up to 80 MHz.
The enhanced real-time interrupt (RTI) module on the TMS470M devices has the option to be driven by
the oscillator clock. The digital watchdog (DWD) is a 25-bit resetable decrementing counter that provides a
system reset when the watchdog counter expires.
The TMS470M devices have six communication interfaces: two LIN/SCIs, two DCANs, and two MibSPIs.
The LIN is the Local Interconnect Network standard and also supports an SCI mode. SCI can be used in a
full-duplex, serial I/O interface intended for asynchronous communication between the CPU and other
peripherals using the standard non-return-to-zero (NRZ) format. The DCAN uses a serial, multimaster
communication protocol that efficiently supports distributed real-time control with robust communication
Copyright
© 2012, Texas Instruments Incorporated
Features
3
Submit Documentation Feedback
Product Folder Link(s): TMS470MF04207 TMS470MF03107


Similar Part No. - TMS470MF03107

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS470MF03107 TI1-TMS470MF03107 Datasheet
531Kb / 68P
[Old version datasheet]   TMS470MF04207/TMS470MF03107 16/32-Bit RISC Flash Microcontroller
More results

Similar Description - TMS470MF03107

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS470MF04207 TI1-TMS470MF04207_16 Datasheet
531Kb / 68P
[Old version datasheet]   TMS470MF04207/TMS470MF03107 16/32-Bit RISC Flash Microcontroller
TMS470PLF111 TI-TMS470PLF111 Datasheet
843Kb / 63P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLER
TMS470R1B768 TI-TMS470R1B768_08 Datasheet
533Kb / 49P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
RM46L852 TI-RM46L852 Datasheet
2Mb / 172P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1B1M TI1-TMS470R1B1M_12 Datasheet
547Kb / 60P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1A64PNTR TI-TMS470R1A64PNTR Datasheet
374Kb / 46P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1VF67A TI1-TMS470R1VF67A_V01 Datasheet
970Kb / 70P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLER
TMS470R1B1M TI-TMS470R1B1M Datasheet
516Kb / 57P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1A256 TI1-TMS470R1A256_09 Datasheet
490Kb / 48P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS570LS20216 TI1-TMS570LS20216_15 Datasheet
1Mb / 106P
[Old version datasheet]   16/32-BIT RISC Flash Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com