Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S4MF04207SPZQQ1 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # S4MF04207SPZQQ1
Description  TMS470MF04207/TMS470MF03107 16/32-Bit RISC Flash Microcontroller
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

S4MF04207SPZQQ1 Datasheet(HTML) 4 Page - Texas Instruments

  S4MF04207SPZQQ1 Datasheet HTML 1Page - Texas Instruments S4MF04207SPZQQ1 Datasheet HTML 2Page - Texas Instruments S4MF04207SPZQQ1 Datasheet HTML 3Page - Texas Instruments S4MF04207SPZQQ1 Datasheet HTML 4Page - Texas Instruments S4MF04207SPZQQ1 Datasheet HTML 5Page - Texas Instruments S4MF04207SPZQQ1 Datasheet HTML 6Page - Texas Instruments S4MF04207SPZQQ1 Datasheet HTML 7Page - Texas Instruments S4MF04207SPZQQ1 Datasheet HTML 8Page - Texas Instruments S4MF04207SPZQQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 67 page
background image
TMS470MF04207
TMS470MF03107
SPNS159C
– JANUARY 2012
www.ti.com
rates of up to 1 megabit per second (Mbps). The DCAN is ideal for applications operating in noisy and
harsh environments (e.g., automotive and industrial fields) that require reliable serial communication or
multiplexed wiring. The MibSPI provides a convenient method of serial interaction for high-speed
communications between similar shift-register type devices. The MibSPI provides the standard SOMI,
SIMO, and SPI clock interface as well as up to eight chip select lines.
The HET is an advanced intelligent timer that provides sophisticated timing functions for real-time
applications. The timer is software-controlled, using a reduced instruction set, with a specialized timer
micromachine and an attached I/O port. The HET can be used for compare, capture, or general-purpose
I/O. It is especially well suited for applications requiring multiple sensor information and drive actuators
with complex and accurate time pulses. The TMS470M HET peripheral contains the XOR-share feature.
This feature allows two adjacent HET high- resolution channels to be XORed together, making it possible
to output smaller pulses than a standard HET.
The TMS470M devices have one 10-bit-resolution, sample-and-hold MibADC. Each of the MibADC
channels can be grouped by software for sequential conversion sequences. There are three separate
groupings, all three of which can be triggered by an external event. Each sequence can be converted
once when triggered or configured for continuous conversion mode.
The frequency-modulated zero-pin phase-locked loop (FMzPLL) clock module contains a phase-locked
loop, a clock-monitor circuit, a clock-enable circuit, and a prescaler. The function of the FMzPLL is to
multiply the external frequency reference to a higher frequency for internal use. The FMzPLL provides the
input to the global clock module (GCM). The GCM module subsequently provides system clock (HCLK),
real-time interrupt clock (RTICLK), CPU clock (GCLK), HET clock (VCLK2), DCAN clock (AVCLK1), and
peripheral interface clock (VCLK) to all other TMS470M device modules.
The TMS470MF04207/TMS470MF03107 devices also have two external clock prescaler (ECP) modules
that when enabled, output a continuous external clock (ECLK). The ECLK1 frequency is a
user-programmable ratio of the peripheral interface clock (VCLK) frequency. The second ECLK output can
be selected in place of HET15 output. It shares the same source clock as ECLK1 but can be
independently programmed for a separate output frequency from ECLK1.
An error signaling module (ESM) provides a common location within the device for error reporting allowing
efficient error checking and identification.
4
Features
Copyright
© 2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS470MF04207 TMS470MF03107


Similar Part No. - S4MF04207SPZQQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
S4MF04207SPZQQ1 TI1-S4MF04207SPZQQ1 Datasheet
531Kb / 68P
[Old version datasheet]   TMS470MF04207/TMS470MF03107 16/32-Bit RISC Flash Microcontroller
More results

Similar Description - S4MF04207SPZQQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS470MF04207 TI1-TMS470MF04207_16 Datasheet
531Kb / 68P
[Old version datasheet]   TMS470MF04207/TMS470MF03107 16/32-Bit RISC Flash Microcontroller
TMS470PLF111 TI-TMS470PLF111 Datasheet
843Kb / 63P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLER
TMS470R1B768 TI-TMS470R1B768_08 Datasheet
533Kb / 49P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
RM46L852 TI-RM46L852 Datasheet
2Mb / 172P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1B1M TI1-TMS470R1B1M_12 Datasheet
547Kb / 60P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1A64PNTR TI-TMS470R1A64PNTR Datasheet
374Kb / 46P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1VF67A TI1-TMS470R1VF67A_V01 Datasheet
970Kb / 70P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLER
TMS470R1B1M TI-TMS470R1B1M Datasheet
516Kb / 57P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1A256 TI1-TMS470R1A256_09 Datasheet
490Kb / 48P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS570LS20216 TI1-TMS570LS20216_15 Datasheet
1Mb / 106P
[Old version datasheet]   16/32-BIT RISC Flash Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com