Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS470R1VC336A Datasheet(PDF) 9 Page - Texas Instruments

Part # TMS470R1VC336A
Description  16/32-BIT RISC ROM MICROCONTROLLERS
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS470R1VC336A Datasheet(HTML) 9 Page - Texas Instruments

Back Button TMS470R1VC336A Datasheet HTML 5Page - Texas Instruments TMS470R1VC336A Datasheet HTML 6Page - Texas Instruments TMS470R1VC336A Datasheet HTML 7Page - Texas Instruments TMS470R1VC336A Datasheet HTML 8Page - Texas Instruments TMS470R1VC336A Datasheet HTML 9Page - Texas Instruments TMS470R1VC336A Datasheet HTML 10Page - Texas Instruments TMS470R1VC336A Datasheet HTML 11Page - Texas Instruments TMS470R1VC336A Datasheet HTML 12Page - Texas Instruments TMS470R1VC336A Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 54 page
background image
TMS470R1VC336,TMS470R1VC346
16/32-BIT RISC ROM MICROCONTROLLERS
SPNS084E – MAY 2003 – REVISED AUGUST 2006
9
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251-1443
Terminal Functions (Continued)
† I = input, O = output, PWR = power, GND = ground, REF = reference voltage, NC = no connect
‡ All I/O pins, except RST, are configured as inputs while PORRST is low and immediately after PORRST goes high.
§ IPD = internal pulldown, IPU = internal pullup (all internal pullups and pulldowns are active on input pins, independent of the PORRST state.)
¶ N/A on the VC346 device. For the VC336 device, the HET[28] signal is only connected to the pad, not to a package pin.
TERMINAL
TYPE†‡
INTERNAL
PULLUP/
PULLDOWN§
DESCRIPTION
NAME
VC336
VC346
GENERAL-PURPOSE I/O (GIO)
GIOA[0]/INT0
28
28
3.3-V I
IPD
General-purpose input/output pins.
GIOA[0]/INT[0] is an input-only pin. GIOA[7:0]/INT[7:0] are interrupt-
capable pins.
GIOA[1]/INT[1]/ECLK pin is multiplexed with the external clock-out
function of the external clock prescale (ECP) module.
GIOA[2]/INT[2], GIOA[3]/INT[3], and GIOB[0:3] pins are not applicable on
the VC336 device.
GIOA[1]/INT1/
ECLK
29
29
3.3-V I/O
GIOA[2]/INT2
30
GIOA[3]/INT3
31
GIOA[4]/INT4
25
25
GIOA[5]/INT5
24
24
GIOA[6]/INT6
23
23
GIOA[7]/INT7
22
22
GIOB[0]
16
GIOB[1]
15
GIOB[2]
14
GIOB[3]
13
MULTI-BUFFERED ANALOG-TO-DIGITAL CONVERTER (MibADC)
ADEVT
67
66
3.3-V I/O
IPD
MibADC event input. ADEVT can be programmed as a GIO pin.
ADIN[0]
75
75
3.3-V I
MibADC analog input pins
The VC336 device has only 12 input channels but all S/W registers are
capable. ADIN[15:12] pins are not applicable to the VC336 device.
The VC346 device has all 16 input channels.
ADIN[1]
74
74
ADIN[2]
73
73
ADIN[3]
72
72
ADIN[4]
71
71
ADIN[5]
70
69
ADIN[6]
69
68
ADIN[7]
68
67
ADIN[8]
79
82
ADIN[9]
78
80
ADIN[10]
77
78
ADIN[11]
76
76
ADIN[12]
81
ADIN[13]
79
ADIN[14]
77
ADIN[15]
70
ADREFHI
80
83
3.3-V
REF I
MibADC module high-voltage reference input
ADREFLO
81
84
GND
REF I
MibADC module low-voltage reference input
VCCAD
82
85
3.3-V
PWR
MibADC analog supply voltage
VSSAD
83
86
GND
MibADC analog ground reference


Similar Part No. - TMS470R1VC336A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS470R1VC334A TI1-TMS470R1VC334A Datasheet
701Kb / 52P
[Old version datasheet]   16/32-BIT RISC ROM MICROCONTROLLER
TMS470R1VC334APNA TI1-TMS470R1VC334APNA Datasheet
701Kb / 52P
[Old version datasheet]   16/32-BIT RISC ROM MICROCONTROLLER
TMS470R1VC334APNQ TI1-TMS470R1VC334APNQ Datasheet
701Kb / 52P
[Old version datasheet]   16/32-BIT RISC ROM MICROCONTROLLER
TMS470R1VC334APNT TI1-TMS470R1VC334APNT Datasheet
701Kb / 52P
[Old version datasheet]   16/32-BIT RISC ROM MICROCONTROLLER
TMS470R1VC338 TI-TMS470R1VC338 Datasheet
753Kb / 55P
[Old version datasheet]   16/32-BIT RISC ROM MICROCONTROLLERS
More results

Similar Description - TMS470R1VC336A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS470R1VC338 TI-TMS470R1VC338 Datasheet
753Kb / 55P
[Old version datasheet]   16/32-BIT RISC ROM MICROCONTROLLERS
TMS470R1VC334A TI1-TMS470R1VC334A Datasheet
701Kb / 52P
[Old version datasheet]   16/32-BIT RISC ROM MICROCONTROLLER
TMS470R1VC002 TI-TMS470R1VC002 Datasheet
670Kb / 42P
[Old version datasheet]   16/32-BIT RISC ROM MICROCONTROLLER
TMS470R1A128 TI-TMS470R1A128 Datasheet
451Kb / 45P
[Old version datasheet]   16/32-Bit RISC Flash Microcontrollers
TMS470R1VF689 TI-TMS470R1VF689 Datasheet
992Kb / 70P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLERS
TMS470R1VF336A TI-TMS470R1VF336A Datasheet
770Kb / 56P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLERS
TMS470R1VF48C TI-TMS470R1VF48C Datasheet
948Kb / 67P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLERS
TMS470R1VF338 TI-TMS470R1VF338 Datasheet
912Kb / 56P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLERS
logo
NEC
V853 NEC-V853 Datasheet
32Kb / 4P
   32-bit RISC Microcontrollers
logo
Hynix Semiconductor
GMS30C2216 HYNIX-GMS30C2216 Datasheet
1Mb / 320P
   16/32 BIT RISC/DSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com