Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

445I31FMXXXXX Datasheet(PDF) 1 Page - CTS Corporation

Part # 445I31FMXXXXX
Description  Surface Mount Quartz Crystal
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

445I31FMXXXXX Datasheet(HTML) 1 Page - CTS Corporation

  445I31FMXXXXX Datasheet HTML 1Page - CTS Corporation 445I31FMXXXXX Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Document No. 008-0360-0
Page 1- 2
Rev. B
www.ctscorp.com
Model 445
Surface Mount Quartz Crystal
FEATURES
• Standard 5.0mm x 3.2mm Glass Seal Package
• Fundamental Crystal Design
• Frequency Range 10 – 50 MHz
Frequency Tolerance, ±20 ppm Standard [other tolerances available]
Frequency Stability, ±30 ppm Standard [other stabilities available]
• Operating Temperature to -40°C to +85°C
• Tape & Reel Packaging Standard, EIA-481
RoHS Compliant in Accordance with EU Directive 2005/95/EC
- Lead-Free Termination Finish
- Exemption 5 for Pb in glass material used for cover attach
APPLICATIONS
Model 445 is a low cost device used in a wide range of commercial applications including
notebooks, computer peripherals, audio visual, Bluetooth and USB interfaces, PDAs, and automotive electronics.
ORDERING INFORMATION
Example Part Numbers:
445C23D14M31818
445I23E14M31818
M
1 = ± 10 ppm 1
X = ± 15 ppm 2
2 = ± 20 ppm
3 = ± 30 ppm (std)
5 = ± 50 ppm
2] Only available with temperature range codes "W", "A" and "C".
445
LOAD CAPACITANCE
A = 10 pF
B = 13 pF
C = 16 pF
D = 18 pF
E = 20 pF
F = 24 pF
G = 30 pF
H = 32 pF
J = 9 pF
K = 8 pF
L = 12 pF
S = Series
FREQUENCY IN MHz
M - indicates MHz and decimal point. 3
STABILITY OVER TEMPERATURE
FREQUENCY TOLERANCE @ 25°C
OPERATING TEMPERATURE RANGE
2 = ± 20 ppm (standard)
3 = ± 30 ppm
W = 0°C to +50°C
A = -10°C to +60°C
C = -20°C to +70°C (standard)
I = -40°C to +85°C (standard)
Not all performance combinations and frequencies may be available.
Contact your local CTS Representative or CTS Customer Service for availability.
3] Frequency is recorded with two leading digits before the ‘M’ and 5 significant digits after the ‘M’ (including zeros).
1] Only available with temperature range codes "W" and "A".
PACKAGING INFORMATION
Device quantity is 1,000 pieces minimum per 180mm reel.
DIMENSIONS IN MILLIMETERS
DIRECTION OF FEED
3.5
5.40
12.0
8.0
4.0
Ø1.50
1.75
1.95
Ø21.4
Ø180
Ø60
120°
Ø13.5
17.5
2.0


Similar Part No. - 445I31FMXXXXX

ManufacturerPart #DatasheetDescription
logo
CAMBION Electronic Comp...
445-8600 CAMBION-445-8600 Datasheet
25Kb / 1P
   Connectaball Test Lead
445-8601 CAMBION-445-8601 Datasheet
26Kb / 1P
   Connectaball Test Lead
logo
Festo Corporation.
4450 FESTO-4450 Datasheet
82Kb / 1P
   Air solenoid valve
logo
Spectrum Microwave, Inc...
445052 SPECTRUM-445052 Datasheet
54Kb / 1P
   FREQUENCY SYNTHESIZER
logo
API Technologies Corp
445052 APITECH-445052 Datasheet
165Kb / 1P
   FREQUENCY SYNTHESIZER
More results

Similar Description - 445I31FMXXXXX

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
403 CTS-403 Datasheet
132Kb / 3P
   Surface Mount Quartz Crystal
405 CTS-405 Datasheet
135Kb / 3P
   Surface Mount Quartz Crystal
ATP-SM CTS-ATP-SM_06 Datasheet
118Kb / 4P
   Surface Mount Quartz Crystal
405C35D48M00000 CTS-405C35D48M00000 Datasheet
125Kb / 3P
   Surface Mount Quartz Crystal
407 CTS-407 Datasheet
155Kb / 3P
   Surface Mount Quartz Crystal
logo
STATEK CORPORATION
CX11VSM STATEK-CX11VSM Datasheet
104Kb / 2P
   Surface Mount Quartz Crystal
logo
CTS Corporation
405C11A19M20000 CTS-405C11A19M20000 Datasheet
125Kb / 3P
   Surface Mount Quartz Crystal
logo
List of Unclassifed Man...
JXE75 ETC1-JXE75 Datasheet
63Kb / 2P
   Surface Mount Quartz Crystal
logo
CTS Corporation
425 CTS-425 Datasheet
136Kb / 3P
   Surface Mount Quartz Crystal
403C35D24M00000 CTS-403C35D24M00000 Datasheet
137Kb / 3P
   Surface Mount Quartz Crystal
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com