Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS470R1VC346BPZQ Datasheet(PDF) 6 Page - Texas Instruments

Part # TMS470R1VC346BPZQ
Description  16/32-BIT RISC ROM MICROCONTROLLERS
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS470R1VC346BPZQ Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMS470R1VC346BPZQ Datasheet HTML 2Page - Texas Instruments TMS470R1VC346BPZQ Datasheet HTML 3Page - Texas Instruments TMS470R1VC346BPZQ Datasheet HTML 4Page - Texas Instruments TMS470R1VC346BPZQ Datasheet HTML 5Page - Texas Instruments TMS470R1VC346BPZQ Datasheet HTML 6Page - Texas Instruments TMS470R1VC346BPZQ Datasheet HTML 7Page - Texas Instruments TMS470R1VC346BPZQ Datasheet HTML 8Page - Texas Instruments TMS470R1VC346BPZQ Datasheet HTML 9Page - Texas Instruments TMS470R1VC346BPZQ Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 54 page
background image
TMS470R1VC336, TMS470R1VC346
16/32-BIT RISC ROM MICROCONTROLLERS
SPNS084E – MAY 2003 – REVISED AUGUST 2006
6
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251-1443
device characteristics (continued)
Table 1. Device Characteristics
CHARACTERISTICS
DEVICE
DESCRIPTION
TMS470R1VC336
DEVICE DESCRIPTION
TMS470R1VC346
COMMENTS
MEMORY
For the number of memory selects on this device, see the Memory Selection Assignment tables (Table 2).
INTERNAL
MEMORY
128K-Byte ROM
8K-Byte SRAM
128K-Byte ROM
8K-Byte SRAM
Pipeline capable.
The VC3x6 RAM is implemented in one 8K array selected by
two memory-select signals (see theVC3x6 Memory Selection
Assignment table, Table 2).
PERIPHERALS
For the device-specific interrupt priority configurations, see the Interrupt Priority table (Table 4). And for the 1K peripheral address ranges and
their peripheral selects, see the VC3x6 Peripherals and System Module Base Addresses table (Table 3).
CLOCK
ZPLL
ZPLL
Zero-pin PLL has no external loop filter pins.
GENERAL-PURPOSE
I/Os
5 I/O
1 Input only
11 I/O
1 Input only
For VC336, Port A has only six (6) external pins – GIOA[2]/INT2
and GIOA[3]/INT3 are not applicable.
For VC346, Port A has all eight (8) external pins, and Port B
has four (4).
ECP
YES
YES
C2SIa
1
1
SCI
1 (3-pin)
1 (2-pin)
1 (3-pin)
1 (2-pin)
SCI2 has no external clock pin, only transmit/receive pins
(SCI2TX and SCI2RX)
CAN
(HECC and/or SCC)
1 SCC
1 SCC
Standard CAN controller
SPI
(5-pin, 4-pin or 3-pin)
1 (5-pin)
1 (4-pin)
2 (5-pin)
For VC336, SPI2 has no chip select pin.
HET with
XOR Share
27 I/O
16 I/O
All devices have both the logic and registers for a full 32-I/O
HET implemented, even though not all 32 pins are available
externally.
The high-resolution (HR) SHARE feature allows even HR pins
to share the next higher odd HR pin structures. This HR sharing
is independent of whether or not the odd pin is available
externally. If an odd pin is available externally and shared, then
the odd pin can only be used as a general-purpose I/O. For
more information on HR SHARE, see the TMS470R1x High-
End Timer (HET) Reference Guide (literature number
SPNU199).
HET RAM
64-Instruction Capacity
64-Instruction Capacity
MibADC
10-bit, 12-channel
64-word FIFO
10-bit, 16-channel
64-word FIFO
12-channel MibADC (VC336), 16-channel MibADC (VC346).
Both the logic and registers for a full
16-channel MibADC are present.
CORE VOLTAGE
1.81 - 2.06 V
1.81 - 2.06 V
1.70
2.06V
1.70
2.06V
When operating at or below 85C ambient temperature and 115C
junction temperature.
I/O VOLTAGE
3.0 - 3.6 V
3.0 - 3.6 V
PINS
100
100
PACKAGE
PZ
PZ


Similar Part No. - TMS470R1VC346BPZQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS470R1VC348 TI-TMS470R1VC348 Datasheet
753Kb / 55P
[Old version datasheet]   16/32-BIT RISC ROM MICROCONTROLLERS
TMS470R1VC3482APZ-T TI-TMS470R1VC3482APZ-T Datasheet
753Kb / 55P
[Old version datasheet]   16/32-BIT RISC ROM MICROCONTROLLERS
TMS470R1VC3482APZA TI-TMS470R1VC3482APZA Datasheet
753Kb / 55P
[Old version datasheet]   16/32-BIT RISC ROM MICROCONTROLLERS
TMS470R1VC3482APZQ TI-TMS470R1VC3482APZQ Datasheet
753Kb / 55P
[Old version datasheet]   16/32-BIT RISC ROM MICROCONTROLLERS
TMS470R1VC348APZ-T TI-TMS470R1VC348APZ-T Datasheet
753Kb / 55P
[Old version datasheet]   16/32-BIT RISC ROM MICROCONTROLLERS
More results

Similar Description - TMS470R1VC346BPZQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS470R1VC338 TI-TMS470R1VC338 Datasheet
753Kb / 55P
[Old version datasheet]   16/32-BIT RISC ROM MICROCONTROLLERS
TMS470R1VC334A TI1-TMS470R1VC334A Datasheet
701Kb / 52P
[Old version datasheet]   16/32-BIT RISC ROM MICROCONTROLLER
TMS470R1VC002 TI-TMS470R1VC002 Datasheet
670Kb / 42P
[Old version datasheet]   16/32-BIT RISC ROM MICROCONTROLLER
TMS470R1A128 TI-TMS470R1A128 Datasheet
451Kb / 45P
[Old version datasheet]   16/32-Bit RISC Flash Microcontrollers
TMS470R1VF689 TI-TMS470R1VF689 Datasheet
992Kb / 70P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLERS
TMS470R1VF336A TI-TMS470R1VF336A Datasheet
770Kb / 56P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLERS
TMS470R1VF48C TI-TMS470R1VF48C Datasheet
948Kb / 67P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLERS
TMS470R1VF338 TI-TMS470R1VF338 Datasheet
912Kb / 56P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLERS
logo
NEC
V853 NEC-V853 Datasheet
32Kb / 4P
   32-bit RISC Microcontrollers
logo
Hynix Semiconductor
GMS30C2216 HYNIX-GMS30C2216 Datasheet
1Mb / 320P
   16/32 BIT RISC/DSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com