Selected language     English  ▼


W01 Datasheet(PDF) 1 Page - Shanghai Sunrise Electronics

Part No. W01
Description  SINGLE PHASE SILICON BRIDGE RECTIFIER
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SSE [Shanghai Sunrise Electronics]
Homepage  
Logo 

   
 1 page
background image
SHANGHAI SUNRISE ELECTRONICS CO., LTD.
VOLTAGE: 50 TO 1000V
CURRENT: 1.5A
FEATURES
• Ideal for printed circuit board
• Surge overload rating: 50 A peak
• High case dielectric strength
• High temperature soldering guaranteed:
250
oC/10sec/0.375"(9.5mm) lead length
at 5 lbs tension
MECHANICAL DATA
• Terminal: Plated leads solderable per
MIL-STD 202E, method 208C
• Case: UL-94 Class V-O recognized flame
retardant epoxy
• Polarity: Polarity symbol marked on body
• Mounting position: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
SYMBOL W005 W01 W02 W04 W06 W08 W10 UNITS
Maximum Repetitive Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified Current
(Ta=50
oC)
Peak Forward Surge Current (8.3ms single
half sine-wave superimposed on rated load)
Maximum Instantaneous Forward Voltage
(at forward current 1.5A DC)
Maximum DC Reverse Current
Ta=25
oC
µA
(at rated DC blocking voltage)
Ta=100
oC
µA
Operating Temperature Range
TJ
oC
Storage Temperature
TSTG
oC
http://www.sse-diode.com
W005 THRU W10
SINGLE PHASE SILICON
BRIDGE RECTIFIER
(Single-phase, half-wave, 60Hz, resistive or inductive load rating at 25
oC, unless otherwise stated, for capacitive load,
derate current by 20%)
RATINGS
IF(AV)
1.5
A
IFSM
50
A
VF
1.0
V
-55 to +150
IR
10.0
500
-55 to +125
TECHNICAL
SPECIFICATION
WOB
Dimensions in inches and (millimeters)




Html Pages

1 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
KBPC10005SINGLE PHASE SILICON BRIDGE RECTIFIER 1 Shanghai Sunrise Electronics
KBPC1005SINGLE PHASE SILICON BRIDGE RECTIFIER 1 Shanghai Sunrise Electronics
KBPC15005SINGLE PHASE SILICON BRIDGE RECTIFIER 1 Shanghai Sunrise Electronics
2W005SINGLE PHASE SILICON BRIDGE RECTIFIER 1 Shanghai Sunrise Electronics
KBPC25005SINGLE PHASE SILICON BRIDGE RECTIFIER 1 Shanghai Sunrise Electronics
KBPC35005SINGLE PHASE SILICON BRIDGE RECTIFIER 1 Shanghai Sunrise Electronics
GBPC15005SINGLE PHASE SILICON PASSIVATED BRIDGE RECTIFIER 1 2 Shanghai Lunsure Electronic Tech
PB10S1SINGLE - PHASE SILICON BRIDGE RECTIFIER 1 2 Nihon Inter Electronics Corporation
KBPC6005SINGLE PHASE SILICON BRIDGE RECTIFIER 1 Shanghai Sunrise Electronics
GBPC25005SINGLE PHASE SILICON PASSIVATED BRIDGE RECTIFIER 1 2 Shanghai Lunsure Electronic Tech

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl