Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA2038D1 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPA2038D1
Description  3.2 W Mono Class-D Audio Power Amplifier With Selectable Gain and Auto-Recovering Short-Circuit Protection
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA2038D1 Datasheet(HTML) 4 Page - Texas Instruments

  TPA2038D1 Datasheet HTML 1Page - Texas Instruments TPA2038D1 Datasheet HTML 2Page - Texas Instruments TPA2038D1 Datasheet HTML 3Page - Texas Instruments TPA2038D1 Datasheet HTML 4Page - Texas Instruments TPA2038D1 Datasheet HTML 5Page - Texas Instruments TPA2038D1 Datasheet HTML 6Page - Texas Instruments TPA2038D1 Datasheet HTML 7Page - Texas Instruments TPA2038D1 Datasheet HTML 8Page - Texas Instruments TPA2038D1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
Input
Buffer
SC
300 K
EN
Gain
Select
GAIN
A2
SD
TPA2038D1
SLOS697
– AUGUST 2011
www.ti.com
OPERATING CHARACTERISTICS (continued)
PVDD = VDD = 3.6 V, AV = 6 dB, TA = 25°C, RL = 8 Ω (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CMRR
Common mode rejection ratio
AV = 6 dB, VIC = 200 mVPP, f = 217 Hz
79
dB
AV = 12 dB, VIC = 200 mVPP, f = 217 Hz
77
TSU
Startup time from shutdown
4
ms
VO+ shorted to VDD
VO– shorted to VDD
ISC
Short circuit protection threshold
VO+ shorted to GND
2
A
VO– shorted to GND
VO+ shorted to VO–
TAR
Overcurrent recovery time
VDD = 2.5 V to 5.5 V
100
ms
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
WCSP BALL
IN+
A1
I
Positive audio input.
GAIN
A2
I
Gain select. Set to GND for 12 dB; set to VDD for 6 dB.
VO-
A3
O
Negative audio output.
VDD
B1
I
Power supply terminal. Connect to PVDD using a direct connection.
PVDD
B2
I
Class-D output power supply. Connect to VDD using a direct connection.
GND
B3
I
Ground.
IN
C1
I
Negative audio input.
EN
C2
I
Enable. Set to logic high to enable device.
VO+
C3
O
Positive audio output.
FUNCTIONAL BLOCK DIAGRAM
4
Copyright
© 2011, Texas Instruments Incorporated


Similar Part No. - TPA2038D1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2038D1 TI-TPA2038D1_15 Datasheet
934Kb / 23P
[Old version datasheet]   3.2 W Mono Class-D Audio Power Amplifier With Selectable Gain and Auto-Recovering Short-Circuit Protection
More results

Similar Description - TPA2038D1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2038D1 TI-TPA2038D1_15 Datasheet
934Kb / 23P
[Old version datasheet]   3.2 W Mono Class-D Audio Power Amplifier With Selectable Gain and Auto-Recovering Short-Circuit Protection
TPA2011D1 TI1-TPA2011D1_17 Datasheet
1Mb / 32P
[Old version datasheet]   3.2-W Mono Filter-Free Class-D Audio Power Amplifier With Auto-Recovering Short-Circuit Protection
TPA2011D1 TI-TPA2011D1 Datasheet
619Kb / 23P
[Old version datasheet]   3.2W Mono Filter-Free Class-D Audio Power Amplifier With Auto-Recovering Short-Circuit Protection
logo
Fangtek Ltd.
FT2010 FANGTEK-FT2010 Datasheet
759Kb / 18P
   3W Class-D Audio Power Amplifier with Auto-Recovering Short-Circuit Protection
FT2011 FANGTEK-FT2011 Datasheet
841Kb / 21P
   3W Low EMI Class-D Audio Power Amplifier with Auto-Recovering Short-Circuit Protection
logo
Shenzhen Huazhimei Semi...
HM2010 HMSEMI-HM2010 Datasheet
1Mb / 16P
   3W Low EMI Class-D Audio Power Amplifier with Auto-Recovering Short-circuit Protection
logo
Texas Instruments
TPA2039D1 TI-TPA2039D1 Datasheet
452Kb / 17P
[Old version datasheet]   3.2W Mono Class-D Audio Power Amplifier With 12-dB Gain and Auto Short-Circuit Recovery
TPA2037D1 TI-TPA2037D1_15 Datasheet
905Kb / 20P
[Old version datasheet]   3.2W Mono Class-D Audio Power Amplifier With 6-dB Gain and Auto Short-Circuit Recovery
TPA2037D1 TI-TPA2037D1 Datasheet
499Kb / 17P
[Old version datasheet]   3.2W Mono Class-D Audio Power Amplifier With 6-dB Gain and Auto Short-Circuit Recovery
TPA2039D1YFFEVM TI-TPA2039D1YFFEVM Datasheet
738Kb / 20P
[Old version datasheet]   3.2W Mono Class-D Audio Power Amplifier With 12-dB Gain and Auto Short-Circuit Recovery
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com