Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCR8DSN Datasheet(PDF) 5 Page - Motorola, Inc

Part # MCR8DSN
Description  Silicon Controlled Rectifiers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCR8DSN Datasheet(HTML) 5 Page - Motorola, Inc

  MCR8DSN Datasheet HTML 1Page - Motorola, Inc MCR8DSN Datasheet HTML 2Page - Motorola, Inc MCR8DSN Datasheet HTML 3Page - Motorola, Inc MCR8DSN Datasheet HTML 4Page - Motorola, Inc MCR8DSN Datasheet HTML 5Page - Motorola, Inc MCR8DSN Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MCR8DSM MCR8DSN
5
Motorola Thyristor Device Data
PACKAGE DIMENSIONS
CASE 369A–13
ISSUE Y
D
A
K
B
R
V
S
F
L
G
2 PL
M
0.13 (0.005)
T
E
C
U
J
H
–T– SEATING
PLANE
Z
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.235
0.250
5.97
6.35
B
0.250
0.265
6.35
6.73
C
0.086
0.094
2.19
2.38
D
0.027
0.035
0.69
0.88
E
0.033
0.040
0.84
1.01
F
0.037
0.047
0.94
1.19
G
0.180 BSC
4.58 BSC
H
0.034
0.040
0.87
1.01
J
0.018
0.023
0.46
0.58
K
0.102
0.114
2.60
2.89
L
0.090 BSC
2.29 BSC
R
0.175
0.215
4.45
5.46
S
0.020
0.050
0.51
1.27
U
0.020
–––
0.51
–––
V
0.030
0.050
0.77
1.27
Z
0.138
–––
3.51
–––
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
12
3
4
STYLE 4:
PIN 1. CATHODE
2. ANODE
3. GATE
4. ANODE


Similar Part No. - MCR8DSN

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MCR8DSN ONSEMI-MCR8DSN Datasheet
67Kb / 6P
   Sensitive Gate Silicon Controlled Rectifiers Reverse Blocking Thyristors
November, 2005 ??Rev. 4
logo
Kersemi Electronic Co.,...
MCR8DSN KERSEMI-MCR8DSN Datasheet
429Kb / 6P
   Silicon Controlled Rectifiers
logo
ON Semiconductor
MCR8DSNT4 ONSEMI-MCR8DSNT4 Datasheet
67Kb / 6P
   Sensitive Gate Silicon Controlled Rectifiers Reverse Blocking Thyristors
November, 2005 ??Rev. 4
logo
Kersemi Electronic Co.,...
MCR8DSNT4 KERSEMI-MCR8DSNT4 Datasheet
447Kb / 6P
   Silicon Controlled Rectifiers
MCR8DSNT4 KERSEMI-MCR8DSNT4 Datasheet
429Kb / 6P
   Silicon Controlled Rectifiers
More results

Similar Description - MCR8DSN

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
C122A1 MOTOROLA-C122A1 Datasheet
65Kb / 3P
   SILICON CONTROLLED RECTIFIERS
logo
Power Innovations Ltd
TIC106 POINN-TIC106 Datasheet
165Kb / 8P
   SILICON CONTROLLED RECTIFIERS
TICP106 POINN-TICP106 Datasheet
95Kb / 6P
   SILICON CONTROLLED RECTIFIERS
logo
ON Semiconductor
MCR12D ONSEMI-MCR12D Datasheet
92Kb / 8P
   Silicon Controlled Rectifiers
December, 1999 ??Rev. 2
logo
Transys Electronics
SC12 TRSYS-SC12 Datasheet
765Kb / 5P
   SILICON CONTROLLED RECTIFIERS
logo
ON Semiconductor
2N6504 ONSEMI-2N6504 Datasheet
50Kb / 8P
   Silicon Controlled Rectifiers
April, 2001 ??Rev. 4
logo
Motorola, Inc
MCR102 MOTOROLA-MCR102 Datasheet
79Kb / 4P
   Silicon Controlled Rectifiers
MCR22 MOTOROLA-MCR22 Datasheet
101Kb / 6P
   Silicon Controlled Rectifiers
MCR25 MOTOROLA-MCR25 Datasheet
431Kb / 6P
   Silicon Controlled Rectifiers
MCR310 MOTOROLA-MCR310 Datasheet
86Kb / 4P
   Silicon Controlled Rectifiers
logo
NTE Electronics
NTE5550 NTE-NTE5550 Datasheet
20Kb / 2P
   Silicon Controlled Rectifiers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com