Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA6100A2DG4 Datasheet(PDF) 6 Page - Texas Instruments

Part # TPA6100A2DG4
Description  50-mW ULTRALOW VOLTAGE STEREO HEADPHONE AUDIO POWER AMPLIFIER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA6100A2DG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPA6100A2DG4 Datasheet HTML 2Page - Texas Instruments TPA6100A2DG4 Datasheet HTML 3Page - Texas Instruments TPA6100A2DG4 Datasheet HTML 4Page - Texas Instruments TPA6100A2DG4 Datasheet HTML 5Page - Texas Instruments TPA6100A2DG4 Datasheet HTML 6Page - Texas Instruments TPA6100A2DG4 Datasheet HTML 7Page - Texas Instruments TPA6100A2DG4 Datasheet HTML 8Page - Texas Instruments TPA6100A2DG4 Datasheet HTML 9Page - Texas Instruments TPA6100A2DG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
www.ti.com
POWER SUPPLY DECOUPLING, C
S
MIDRAIL BYPASS CAPACITOR, C
B
1
C
B
55 k
v
1
C
I RI
(6)
OUTPUT COUPLING CAPACITOR, C
C
fc +
1
2p R
L CC
(7)
TPA6100A2D
SLOS269B – JUNE 2000 – REVISED SEPTEMBER 2004
APPLICATION INFORMATION (continued)
The TPA6100A2D is a high-performance CMOS audio amplifier that requires adequate power supply decoupling
to ensure that the output total harmonic distortion (THD) is as low as possible. Power supply decoupling also
prevents oscillations for long lead lengths between the amplifier and the speaker. The optimum decoupling is
achieved by using two capacitors of different types that target different types of noise on the power supply leads.
For higher frequency transients, spikes, or digital hash on the line, a good low equivalent-series-resistance (ESR)
ceramic capacitor, typically 0.1 µF, placed as close as possible to the device VDD lead, works best. For filtering
lower frequency noise signals, a larger aluminum electrolytic capacitor of 10 µF or greater placed near the power
amplifier is recommended.
The midrail bypass capacitor (CB) serves several important functions. During start-up, CB determines the rate at
which the amplifier starts up. This helps to push the start-up pop noise into the subaudible range (so low it can
not be heard). The second function is to reduce noise produced by the power supply caused by coupling into the
output drive signal. This noise is from the midrail generation circuit internal to the amplifier. The capacitor is fed
from a 55-k
Ω source inside the amplifier. To keep the start-up pop as low as possible, the relationship shown in
Equation 6 should be maintained.
As an example, consider a circuit where CB is 1 µF, CI is 1 µF, and RI is 20 kΩ. Inserting these values into
Equation 6 results in: 18.18
≤ 50 which satisfies the rule. Bypass capacitor (C
B) values of 0.47-µF to 1-µF
ceramic or tantalum low-ESR capacitors are recommended for the best THD and noise performance.
In the typical single-supply, single-ended (SE) configuration, an output coupling capacitor (CC) is required to
block the dc bias at the output of the amplifier, thus preventing dc currents in the load. As with the input coupling
capacitor, the output coupling capacitor and impedance of the load form a high-pass filter governed by
Equation 7.
The main disadvantage, from a performance standpoint, is that the typically small load impedances drive the
low-frequency corner higher. Large values of CC are required to pass low frequencies into the load. Consider the
example where a CC of 68 µF is chosen and loads vary from 32 Ω to 47 kΩ. Table 1 summarizes the frequency
response characteristics of each configuration.
Table 1. Common Load Impedances vs Low Frequency
Output Characteristics in SE Mode
RL
CC
LOWEST FREQUENCY
32
68 µF
73 Hz
10,000
68 µF
0.23 Hz
47,000
68 µF
0.05 Hz
As Table 1 indicates, headphone response is adequate and drive into line level inputs (a home stereo for
example) is good.
The output coupling capacitor required in single-supply, SE mode also places additional constraints on the
selection of other components in the amplifier circuit. With the rules described earlier still valid, add the following
relationship:
6


Similar Part No. - TPA6100A2DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6100A2DG4 TI1-TPA6100A2DG4 Datasheet
600Kb / 15P
[Old version datasheet]   50-mW ULTRALOW VOLTAGE STEREO HEADPHONE AUDIO POWER AMPLIFIER
More results

Similar Description - TPA6100A2DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6100A2D TI-TPA6100A2D_06 Datasheet
256Kb / 11P
[Old version datasheet]   50-mW ULTRALOW VOLTAGE STEREO HEADPHONE AUDIO POWER AMPLIFIER
TPA6100A2D TI-TPA6100A2D Datasheet
241Kb / 10P
[Old version datasheet]   50-mW ULTRALOW VOLTAGE STEREO HEADPHONE AUDIO POWER AMPLIFIER
TPA6100A2 TI1-TPA6100A2 Datasheet
600Kb / 15P
[Old version datasheet]   50-mW ULTRALOW VOLTAGE STEREO HEADPHONE AUDIO POWER AMPLIFIER
TPA6102A2 TI1-TPA6102A2_14 Datasheet
748Kb / 22P
[Old version datasheet]   50-mW ULTRALOW-VOLTAGE, FIXED-GAIN STEREO HEADPHONE AUDIO POWER AMPLIFIER
TPA6101A2 TI-TPA6101A2_07 Datasheet
500Kb / 19P
[Old version datasheet]   50-mW ULTRALOW-VOLTAGE, FIXED-GAIN STEREO HEADPHONE AUDOI POWER AMPLIFIER
TPA6101A2 TI-TPA6101A2 Datasheet
423Kb / 19P
[Old version datasheet]   50-mW ULTRALOW-VOLTAGE, FIXED-GAIN STEREO HEADPHONE AUDOI POWER AMPLIFIER
TPA6102A2 TI-TPA6102A2 Datasheet
289Kb / 17P
[Old version datasheet]   50 mM ULTRALOW VOLTAGE FIXED-GAIN STEREO HEADPHONE AUDIO POWER AMPLIFIER
TPA6102A2 TI-TPA6102A2_06 Datasheet
427Kb / 20P
[Old version datasheet]   50-mM ULTRALOW VOLTAGE FIXED-GAIN STEREO HEADPHONE AUDIO POWER AMPLIFIER
logo
ON Semiconductor
NCP2809 ONSEMI-NCP2809 Datasheet
186Kb / 22P
   NOCAP 135 mW Stereo Headphone Power Amplifier
November, 2004 ??Rev. 7
NCP2809 ONSEMI-NCP2809_06 Datasheet
188Kb / 22P
   NOCAP 135 mW Stereo Headphone Power Amplifier
January, 2006 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com