Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA6139A2PW Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPA6139A2PW
Description  DirectPath??25-mW Headphone Amplifier With Programmable-Fixed Gain
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA6139A2PW Datasheet(HTML) 3 Page - Texas Instruments

  TPA6139A2PW Datasheet HTML 1Page - Texas Instruments TPA6139A2PW Datasheet HTML 2Page - Texas Instruments TPA6139A2PW Datasheet HTML 3Page - Texas Instruments TPA6139A2PW Datasheet HTML 4Page - Texas Instruments TPA6139A2PW Datasheet HTML 5Page - Texas Instruments TPA6139A2PW Datasheet HTML 6Page - Texas Instruments TPA6139A2PW Datasheet HTML 7Page - Texas Instruments TPA6139A2PW Datasheet HTML 8Page - Texas Instruments TPA6139A2PW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
De Pop
GAIN
Control
Current
Limit
Charge Pump
Thermal
Limit
Left
Right
Power
Management
Current
Limit
TPA6139A2
www.ti.com
SLOS700B – JANUARY 2011 – REVISED JUNE 2012
SYSTEM BLOCK DIAGRAM
ORDERING INFORMATION(1)
TA
PACKAGE
DESCRIPTION
–40°C to 85°C
TPA6139A2PW
14-pin TSSOP
–40°C to 85°C
TPA6139A2RGT
16-pin QFN
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
Web site at www.ti.com.
THERMAL INFORMATION
TPA6139A2
TPA6139A2
THERMAL METRIC(1)
UNITS
PW (14-Pin)
RGT (16-Pin)
θJA
Junction-to-ambient thermal resistance
130
52
θJCtop
Junction-to-case (top) thermal resistance
49
71
θJB
Junction-to-board thermal resistance
63
26
°C/W
ψJT
Junction-to-top characterization parameter
3.6
3.0
ψJB
Junction-to-board characterization parameter
62
26
θJCbot
Junction-to-case (bottom) thermal resistance
N/A
9.8
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s) :TPA6139A2


Similar Part No. - TPA6139A2PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6139A2PW TI1-TPA6139A2PW Datasheet
1Mb / 28P
[Old version datasheet]   25mW Headphone Amplifier
TPA6139A2PWR TI1-TPA6139A2PWR Datasheet
1Mb / 28P
[Old version datasheet]   25mW Headphone Amplifier
More results

Similar Description - TPA6139A2PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6139A2 TI-TPA6139A2_15 Datasheet
967Kb / 23P
[Old version datasheet]   DirectPath??25-mW Headphone Amplifier With Programmable-Fixed Gain
logo
TEXAS ADVANCED OPTOELEC...
TPA6132A2 TAOS-TPA6132A2 Datasheet
1,001Kb / 22P
   25-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH POP SUPPRESSION
logo
Texas Instruments
TPA6132A2 TI1-TPA6132A2_17 Datasheet
1Mb / 28P
[Old version datasheet]   25-mW DirectPath Stereo Headphone Amplifier With Pop Suppression
TPA6136A2 TI-TPA6136A2 Datasheet
921Kb / 22P
[Old version datasheet]   25-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH POP SUPPRESSION
TPA6136A2 TI-TPA6136A2_15 Datasheet
1Mb / 23P
[Old version datasheet]   25-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH POP SUPPRESSION
TPA6132A2 TI-TPA6132A2 Datasheet
1,001Kb / 22P
[Old version datasheet]   25-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH POP SUPPRESSION
TPA6132A2 TI-TPA6132A2_15 Datasheet
1Mb / 28P
[Old version datasheet]   TPA6132A2 25-mW DirectPath??Stereo Headphone Amplifier With Pop Suppression
TPA6133A2 TI1-TPA6133A2 Datasheet
1Mb / 18P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER
TPA6133A2 TI1-TPA6133A2_14 Datasheet
1Mb / 19P
[Old version datasheet]   138-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER
TPA6133A2 TI1-TPA6133A2_15 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DirectPath Stereo Headphone Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com