Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GBPC5002 Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # GBPC5002
Description  High Current 40, 50 AMPS. Single Phase Glass Passivated Bridge Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

GBPC5002 Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  GBPC5002 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd GBPC5002 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
.692(17.6)
.612(15.5)
.034(0.86)
.030(0.76)
0.309(7.87)
0.289(7.36)
.26(6.60)
.22(5.59)
.20(5.08)
HOLE FOR #10 SCREW
DIA
.692(17.6)
.612(15.5)
.692(17.6)
.612(15.5)
.692(17.6)
.612(15.5)
1.14(29.0)
1.12(28.5)
1.14(29.0)
1.12(28.5)
0.967(24.57)
0.837(21.26)
Voltage Range
50 to 1000 Volts
Current
40, 50.0 Amperes
Features
Glass passivated junction
The plastic material used carries Underwriters
Laboratory Flammability Recognition 94V-0
Integrally molded heatsink provide very low
thermal resistance for maximum heat
dissipation
Universal 4-way terminals; snap-on,
wrap-around, solder or P.C. board mounting
Surge overload ratings 400 amperes
Typical IR less than 0.2 uA
High temperature soldering guaranteed:
260
℃/ 10 seconds / .375”, (9.5mm) lead
lengths
Isolated voltage from case to lead over 2500
volts
GBPC40
GBPC40-M
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25
℃ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol -005
-01
-02
-04
-06
-08
-10
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward
Rectified Current
GBPC40
@TC= 55
GBPC50
I(AV)
40.0
50.0
A
Peak Forward Surge Current,
Single Sine-wave Superimposed
GBPC40
on Rated Load (JEDEC method )
GBPC50
IFSM
400
400
A
Maximum Instantaneous
Forward Voltage Drop Per
GBPC40 @20A
Element at Specified Current
GBPC50 @25A
VF
1.1
V
Maximum DC Reverse Current
at Rated DC Blocking Voltage Per Element
IR
10
uA
Typical Thermal Resistance (Note 1)
R
θJC
1.5
℃/W
Operating and Storage Temperature Range
TJ ,TSTG
-50 to +150
Notes: 1. Thermal Resistance from Junction to Case.
2. Suffix”M” - Terminal Location Face to Face.
GBPC 40, 50 SERIES
High Current 40, 50 AMPS.
Single Phase Glass Passivated Bridge Rectifiers
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - GBPC5002

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
GBPC5002 TSC-GBPC5002 Datasheet
103Kb / 2P
   High Current 40, 50 AMPS. Single Phase Glass Passivated Bridge Rectifiers
logo
SAMYANG ELECTRONICS CO....
GBPC5002 SAMYANG-GBPC5002 Datasheet
1Mb / 3P
   SILICON BRIDGE RECTIFIERS
logo
Won-Top Electronics
GBPC5002 WTE-GBPC5002 Datasheet
60Kb / 4P
   50A GLASS PASSIVATED HIGH CURRENT SINGLE-PHASE BRIDGE RECTIFIER
logo
RFE international
GBPC5002 RFE-GBPC5002 Datasheet
984Kb / 3P
   Bridge Rectifiers
12-28-2022
logo
MIC GROUP RECTIFIERS
GBPC5002 MIC-GBPC5002 Datasheet
48Kb / 2P
   GLASS PASSIVATED SINGLE-OHASE BPIDGE RECTIFIER
More results

Similar Description - GBPC5002

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
GBPC40005 TSC-GBPC40005 Datasheet
103Kb / 2P
   High Current 40, 50 AMPS. Single Phase Glass Passivated Bridge Rectifiers
GBPC40 TSC-GBPC40_10 Datasheet
566Kb / 2P
   High Current 40, 50 AMPS. Single Phase Glass Passivated Bridge Rectifiers
GBPC40 TSC-GBPC40 Datasheet
121Kb / 2P
   High Current 40, 50 AMPS. Single Phase Glass Passivated Bridge Rectifiers
logo
Kingtronics Internation...
KBPC25005-KBPC2510 KINGTRONICS-KBPC25005-KBPC2510 Datasheet
423Kb / 2P
   High Current 25 AMPS. Single Phase Glass Passivated Bridge Rectifiers
KBPC35005W KINGTRONICS-KBPC35005W_15 Datasheet
391Kb / 2P
   High Current 35 AMPS. Single Phase Glass Passivated Bridge Rectifiers
KBPC35005 KINGTRONICS-KBPC35005_15 Datasheet
404Kb / 2P
   High Current 35 AMPS. Single Phase Glass Passivated Bridge Rectifiers
logo
Jinan Gude Electronic D...
KBPC1500G JGD-KBPC1500G Datasheet
157Kb / 2P
   HIGH CURRENT 15,25,35 AMPS SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Kingtronics Internation...
KBPC25005 KINGTRONICS-KBPC25005_15 Datasheet
412Kb / 2P
   High Current 25 AMPS. Single Phase Glass Passivated Bridge Rectifiers
logo
Jinan Gude Electronic D...
MP1500G JGD-MP1500G Datasheet
160Kb / 2P
   HIGH CURRENT 15 AMPS SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Surge Components
GBPC15 SURGE-GBPC15 Datasheet
130Kb / 2P
   HIGH CURRENT 15,25,35,AMPS. SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com