Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST27SF020 Datasheet(PDF) 9 Page - Silicon Storage Technology, Inc

Part # SST27SF020
Description  256 Kbit / 512 Kbit / 1 Mbit / 2 Mbit (x8) Many-Time Programmable Flash
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST27SF020 Datasheet(HTML) 9 Page - Silicon Storage Technology, Inc

Back Button SST27SF020 Datasheet HTML 5Page - Silicon Storage Technology, Inc SST27SF020 Datasheet HTML 6Page - Silicon Storage Technology, Inc SST27SF020 Datasheet HTML 7Page - Silicon Storage Technology, Inc SST27SF020 Datasheet HTML 8Page - Silicon Storage Technology, Inc SST27SF020 Datasheet HTML 9Page - Silicon Storage Technology, Inc SST27SF020 Datasheet HTML 10Page - Silicon Storage Technology, Inc SST27SF020 Datasheet HTML 11Page - Silicon Storage Technology, Inc SST27SF020 Datasheet HTML 12Page - Silicon Storage Technology, Inc SST27SF020 Datasheet HTML 13Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
Data Sheet
256 Kbit / 512 Kbit / 1 Mbit / 2 Mbit Multi-Purpose Flash
SST27SF256 / SST27SF512 / SST27SF010 / SST27SF020
9
©2001 Silicon Storage Technology, Inc.
S71152-02-000
5/01
502
TABLE
7: PROGRAM/ERASE DC OPERATING CHARACTERISTICS FOR SST27SF256
VDD=5.0V±10%, VPP=VPPH (Ta=25°C±5°C)
Symbol Parameter
Limits
Test Conditions
Min
Max
Units
IDD
VDD Erase or Program Current
30
mA
CE#=VIL, OE#=VIH, VPP=12V±5%, VDD=VDD Max
IPP
VPP Erase or Program Current
1
mA
CE#=VIL, OE#=VIH, VPP=12V±5%, VDD=VDD Max
ILI
Input Leakage Current
1
µA
VIN=GND to VDD, VDD=VDD Max
ILO
Output Leakage Current
1
µA
VOUT=GND to VDD, VDD=VDD Max
VH
Supervoltage for A9
11.4
12.6
V
CE#=OE#=VIL,
IH
Supervoltage Current for A9
100
µA
CE#=OE#=VIL, A9=VH Max
VPPH
High Voltage for VPP Pin
11.4
12.6
V
T7.1 502
TABLE
8: PROGRAM/ERASE DC OPERATING CHARACTERISTICS FOR SST27SF512
VDD=5.0V±10%, VPP=VPPH (Ta=25°C±5°C)
Symbol Parameter
Limits
Test Conditions
Min
Max
Units
IDD
VDD Erase or Program Current
30
mA
CE#=VIL, OE#/VPP=12V±5%, VDD=VDD Max
IPP
VPP Erase or Program Current
1
mA
CE#=VIL, OE#/VPP=12V±5%, VDD=VDD Max
ILI
Input Leakage Current
1
µA
VIN=GND to VDD, VDD=VDD Max
ILO
Output Leakage Current
1
µA
VOUT=GND to VDD, VDD=VDD Max
VH
Supervoltage for A9
11.4
12.6
V
CE#=OE#/VPP=VIL,
IH
Supervoltage Current for A9
100
µA
CE#=OE#/VPP=VIL, A9=VH Max
VPPH
High Voltage for OE#/VPP Pin
11.4
12.6
V
T8.1 502
TABLE
9: PROGRAM/ERASE DC OPERATING CHARACTERISTICS FOR SST27SF010/020
VDD=5.0V±10%, VPP=VPPH (Ta=25°C±5°C)
Symbol Parameter
Limits
Test Conditions
Min
Max
Units
IDD
VDD Erase or Program Current
30
mA
CE#=PGM#=VIL, OE#=VIH, VPP=12V±5%,
VDD=VDD Max
IPP
VPP Erase or Program Current
1
mA
CE#=PGM#=VIL, OE#=VIH, VPP=12V±5%,
VDD=VDD Max
ILI
Input Leakage Current
1
µA
VIN =GND to VDD, VDD=VDD Max
ILO
Output Leakage Current
1
µA
VOUT =GND to VDD, VDD=VDD Max
VH
Supervoltage for A9
11.4
12.6
V
CE#=OE#=VIL,
IH
Supervoltage Current for A9
100
µA
CE#=OE#=VIL, A9=VH Max
VPPH
High Voltage for VPP Pin
11.4
12.6
V
T9.1 502


Similar Part No. - SST27SF020

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST27SF020 SST-SST27SF020 Datasheet
326Kb / 23P
   512 Kbit / 1 Mbit / 2 Mbit (x8) Many-Time Programmable Flash
SST27SF020-70-3C-NH SST-SST27SF020-70-3C-NH Datasheet
326Kb / 23P
   512 Kbit / 1 Mbit / 2 Mbit (x8) Many-Time Programmable Flash
SST27SF020-70-3C-NHE SST-SST27SF020-70-3C-NHE Datasheet
326Kb / 23P
   512 Kbit / 1 Mbit / 2 Mbit (x8) Many-Time Programmable Flash
SST27SF020-70-3C-PH SST-SST27SF020-70-3C-PH Datasheet
326Kb / 23P
   512 Kbit / 1 Mbit / 2 Mbit (x8) Many-Time Programmable Flash
SST27SF020-70-3C-PHE SST-SST27SF020-70-3C-PHE Datasheet
326Kb / 23P
   512 Kbit / 1 Mbit / 2 Mbit (x8) Many-Time Programmable Flash
More results

Similar Description - SST27SF020

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST27SF512 SST-SST27SF512_05 Datasheet
326Kb / 23P
   512 Kbit / 1 Mbit / 2 Mbit (x8) Many-Time Programmable Flash
SST37VF512 SST-SST37VF512_06 Datasheet
215Kb / 18P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Many-Time Programmable Flash
SST37VF512 SST-SST37VF512 Datasheet
165Kb / 16P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Many-Time Programmable Flash
SST27VF010 SST-SST27VF010 Datasheet
586Kb / 18P
   1 Mbit / 2 Mbit (x8) Many-Time Programmable Flash
SST39LF512 SST-SST39LF512_10 Datasheet
640Kb / 24P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST39LF512 SST-SST39LF512_06 Datasheet
454Kb / 25P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST39LF512 SST-SST39LF512 Datasheet
284Kb / 24P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST29SF512 SST-SST29SF512 Datasheet
290Kb / 24P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Small-Sector Flash
SST45VF512 SST-SST45VF512 Datasheet
170Kb / 16P
   512 Kbit / 1 Mbit / 2 Mbit Serial Flash
SST39SF512 SST-SST39SF512 Datasheet
269Kb / 22P
   512 Kbit / 1 Mbit (x8) Multi-Purpose Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com