Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS7A3001DGNT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS7A3001DGNT
Description  ??6V, ??00mA, Ultralow-Noise, Negative LINEAR REGULATOR
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7A3001DGNT Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS7A3001DGNT Datasheet HTML 4Page - Texas Instruments TPS7A3001DGNT Datasheet HTML 5Page - Texas Instruments TPS7A3001DGNT Datasheet HTML 6Page - Texas Instruments TPS7A3001DGNT Datasheet HTML 7Page - Texas Instruments TPS7A3001DGNT Datasheet HTML 8Page - Texas Instruments TPS7A3001DGNT Datasheet HTML 9Page - Texas Instruments TPS7A3001DGNT Datasheet HTML 10Page - Texas Instruments TPS7A3001DGNT Datasheet HTML 11Page - Texas Instruments TPS7A3001DGNT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
-40 -25 -10
5
20
35
50
65
80
95
110
Temperature( C)
°
125
2
1.5
1
0.5
0
0.5
1
1.5
2
-
-
-
-
ON
ON
OFF
10
100
100k
1M
Frequency(Hz)
10M
90
80
70
60
50
40
30
20
10
V
= 5V
V
= 6.2V
I
=200mA
C
=10nF
C
=0 F
OUT
IN
OUT
-
-
m
NR/SS
BYP
C
=2.2 F
m
OUT
C
=10 F
m
OUT
10k
1k
-40
V
(V)
IN
0
1
0.8
0.6
0.4
0.2
0
0.2
0.4
0.6
0.8
1
-
-
-
-
-
-35
-30
-25
-20
-15
-10
-5
+105 C
°
+85 C
°
+25 C
°
-
°
40 C
+125 C
°
10
100
100k
1M
Frequency(Hz)
10M
90
80
70
60
50
40
30
20
10
V
= 5V
V
= 6.2V
I
=200mA
C
=10 F
C
=0 F
OUT
IN
OUT
-
-
m
m
OUT
BYP
C
=0nF
NR/SS
C
=10nF
NR/SS
10k
1k
1
0.8
0.6
0.4
0.2
0
0.2
0.4
0.6
0.8
1
-
-
-
-
-
0
I
(mA)
OUT
200
20
40
60
80
100
120
140
160
180
+105 C
°
+85 C
°
+25 C
°
-
°
40 C
+125 C
°
10
100
100k
1M
Frequency(Hz)
10M
90
80
70
60
50
40
30
20
10
V
= 5V
V
= 6.2V
I
=200mA
C
=10nF
C
=10 F
OUT
IN
OUT
-
-
m
NR/SS
OUT
C
=0nF
BYP
10k
1k
C
=10nF
BYP
TPS7A30xx
SBVS125A
– AUGUST 2010 – REVISED MARCH 2011
www.ti.com
TYPICAL CHARACTERISTICS (continued)
At TJ = –40°C to +125°C, |VIN| = |VOUT(NOM)| + 1.0V or |VIN| = 3.0V (whichever is greater), VEN = VIN, IOUT = 1mA, CIN = 2.2μF,
COUT = 2.2μF, CNR/SS = 0nF, and the FB pin tied to OUT, unless otherwise noted.
ENABLE THRESHOLD VOLTAGE vs TEMPERATURE
POWER-SUPPLY REJECTION RATIO vs COUT
Figure 13.
Figure 14.
LINE REGULATION
POWER-SUPPLY REJECTION RATIO vs CNR/SS
Figure 15.
Figure 16.
LOAD REGULATION
POWER-SUPPLY REJECTION RATIO vs CBYP
Figure 17.
Figure 18.
8
Submit Documentation Feedback
Copyright
© 2010–2011, Texas Instruments Incorporated


Similar Part No. - TPS7A3001DGNT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A3001DGNT TI-TPS7A3001DGNT Datasheet
766Kb / 23P
[Old version datasheet]   -36V, -200mA, Ultralow-Noise, Negative LINEAR REGULATOR
TPS7A3001DGNT TI-TPS7A3001DGNT Datasheet
699Kb / 24P
[Old version datasheet]   -36V, -200mA, Ultralow-Noise, Negative LINEAR REGULATOR
TPS7A3001DGNT TI1-TPS7A3001DGNT Datasheet
1Mb / 40P
[Old version datasheet]   TPS7A30 ??5-V, ??00-mA, Ultralow-Noise, Negative Linear Regulator
More results

Similar Description - TPS7A3001DGNT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A3001-EP TI-TPS7A3001-EP_15 Datasheet
884Kb / 25P
[Old version datasheet]   ??6V, ??00mA, ULTRALOW-NOISE, NEGATIVE LINEAR REGULATOR
TPS7A3001-EP TI1-TPS7A3001-EP Datasheet
981Kb / 25P
[Old version datasheet]   ??6V, ??00mA, ULTRALOW-NOISE, NEGATIVE LINEAR REGULATOR
logo
Analog Devices
LT3094 AD-LT3094 Datasheet
2Mb / 34P
   Ultralow Noise, Ultrahigh PSRR Negative Linear Regulator
logo
Texas Instruments
TPS7A30XX TI-TPS7A30XX_11 Datasheet
699Kb / 24P
[Old version datasheet]   -36V, -200mA, Ultralow-Noise, Negative LINEAR REGULATOR
TPS7A30XX TI-TPS7A30XX Datasheet
766Kb / 23P
[Old version datasheet]   -36V, -200mA, Ultralow-Noise, Negative LINEAR REGULATOR
logo
Analog Devices
LT3093 AD-LT3093 Datasheet
4Mb / 32P
   Ultralow Noise, Ultrahigh PSRR Negative Linear Regulator
logo
Linear Technology
LT3091EDE LINER-LT3091EDE Datasheet
536Kb / 8P
   ??6V, 1.5A Negative Linear Regulator
logo
Texas Instruments
TPS7A30 TI1-TPS7A30 Datasheet
1Mb / 40P
[Old version datasheet]   TPS7A30 ??5-V, ??00-mA, Ultralow-Noise, Negative Linear Regulator
logo
NTE Electronics
NTE963 NTE-NTE963 Datasheet
23Kb / 2P
   Linear Integrated Circuit Voltage Regulator, Negative, -6V, 1A
logo
Analog Devices
ADM7160 AD-ADM7160 Datasheet
844Kb / 24P
   Ultralow Noise, 200 mA Linear Regulator
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com