Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS7A3301 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS7A3301
Description  ??6-V, ??-A, Ultralow-Noise Negative Voltage Regulator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7A3301 Datasheet(HTML) 1 Page - Texas Instruments

  TPS7A3301 Datasheet HTML 1Page - Texas Instruments TPS7A3301 Datasheet HTML 2Page - Texas Instruments TPS7A3301 Datasheet HTML 3Page - Texas Instruments TPS7A3301 Datasheet HTML 4Page - Texas Instruments TPS7A3301 Datasheet HTML 5Page - Texas Instruments TPS7A3301 Datasheet HTML 6Page - Texas Instruments TPS7A3301 Datasheet HTML 7Page - Texas Instruments TPS7A3301 Datasheet HTML 8Page - Texas Instruments TPS7A3301 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
+LDO
IN
+18 V
OUT
EN
GND
-
18 V
TPS7A33
-
LDO
IN
OUT
EN
GND
EVM
+15 V
-
15 V
GND OUT
NR/SS
1
2
3
4
5
6
IN
NC
EN
FB
7
KC PACKAGE
TO-220-7
(Top View)
OUT
NC
FB
NC
NC
IN
NR/SS
EN
NC
NC
GND
1
2
3
4
5
15
14
13
12
11
RGW PACKAGE
5-mm
5-mm QFN-20
(Top View)
´
TPS7A33
www.ti.com
SBVS169B – DECEMBER 2011 – REVISED MARCH 2012
–36-V, –1-A, Ultralow-Noise Negative Voltage Regulator
1
FEATURES
DESCRIPTION
The TPS7A33 series of linear regulators are negative
2
Input Voltage Range: –3 V to –36 V
voltage (–36 V), ultralow-noise (16
μVRMS, 72 dB
Noise:
PSRR) linear regulators capable of sourcing a
16
μVRMS (10 Hz to 100 kHz)
maximum load of 1 A.
Power-Supply Ripple Rejection:
The TPS7A33 series include a complementary metal
72 dB (10 kHz)
oxide semiconductor (CMOS) logic-level-compatible
enable pin (EN) to allow for user-customizable power
Adjustable Output: –1.18 V to –33 V
management
schemes.
Other
features
available
Maximum Output Current: 1 A
include built-in current limit and thermal shutdown
Stable with Ceramic Capacitors
≥ 10 μF
features to protect the device and system during fault
conditions.
Built-In Current-Limit and Thermal Shutdown
Protection
The TPS7A33 family is designed using bipolar
technology primarily for high-accuracy, high-precision
Available in an External Heatsink-Capable,
instrumentation applications, where clean voltage
High Thermal Performance TO-220 Package
rails are critical to maximize system performance.
Operating Temperature Range:
This feature makes it ideal to power operational
–40°C to +125°C
amplifiers,
analog-to-digital
converters
(ADCs),
digital-to-analog converters (DACs), and other high-
APPLICATIONS
performance analog circuitry.
Supply Rails for Op Amps, DACs, ADCs, and
In addition, the TPS7A33 family of linear regulators is
Other High-Precision Analog Circuitry
suitable for post dc-dc converter regulation. By
filtering out the output voltage ripple inherent to dc-dc
Audio
switching conversion, maximum system performance
Post DC/DC Converter Regulation and Ripple
is ensured in sensitive instrumentation, medical, test
Filtering
and measurement, audio, and RF applications.
Test and Measurement
Medical
Industrial Instrumentation
Base Stations and Telecom Infrastructure
12-V and 24-V Industrial Buses
Typical Application: Post DC/DC Converter
Regulation for High-Performance Analog Circuitry
NOTE: RGW package is product preview.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
UNLESS
OTHERWISE
NOTED
this
document
contains
Copyright © 2011–2012, Texas Instruments Incorporated
PRODUCTION DATA information current as of publication date.
Products conform to specifications per the terms of Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS7A3301

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A3301KC TI1-TPS7A3301KC Datasheet
593Kb / 22P
[Old version datasheet]   ??6-V, ??-A, Ultralow-Noise Negative Voltage Regulator
TPS7A3301RGWR TI1-TPS7A3301RGWR Datasheet
593Kb / 22P
[Old version datasheet]   ??6-V, ??-A, Ultralow-Noise Negative Voltage Regulator
TPS7A3301RGWT TI1-TPS7A3301RGWT Datasheet
593Kb / 22P
[Old version datasheet]   ??6-V, ??-A, Ultralow-Noise Negative Voltage Regulator
More results

Similar Description - TPS7A3301

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A33 TI1-TPS7A33 Datasheet
593Kb / 22P
[Old version datasheet]   ??6-V, ??-A, Ultralow-Noise Negative Voltage Regulator
TPS7A3001 TI1-TPS7A3001 Datasheet
847Kb / 24P
[Old version datasheet]   ??6V, ??00mA, Ultralow-Noise, Negative LINEAR REGULATOR
TPS7A3001-EP TI-TPS7A3001-EP_15 Datasheet
884Kb / 25P
[Old version datasheet]   ??6V, ??00mA, ULTRALOW-NOISE, NEGATIVE LINEAR REGULATOR
logo
Analog Devices
LT3094 AD-LT3094 Datasheet
2Mb / 34P
   Ultralow Noise, Ultrahigh PSRR Negative Linear Regulator
logo
Texas Instruments
TPS7A30XX TI-TPS7A30XX Datasheet
766Kb / 23P
[Old version datasheet]   -36V, -200mA, Ultralow-Noise, Negative LINEAR REGULATOR
logo
Analog Devices
LT3093 AD-LT3093 Datasheet
4Mb / 32P
   Ultralow Noise, Ultrahigh PSRR Negative Linear Regulator
logo
Texas Instruments
TPS7A3001-EP TI1-TPS7A3001-EP Datasheet
981Kb / 25P
[Old version datasheet]   ??6V, ??00mA, ULTRALOW-NOISE, NEGATIVE LINEAR REGULATOR
TPS7A30XX TI-TPS7A30XX_11 Datasheet
699Kb / 24P
[Old version datasheet]   -36V, -200mA, Ultralow-Noise, Negative LINEAR REGULATOR
TPS7A30 TI1-TPS7A30 Datasheet
1Mb / 40P
[Old version datasheet]   TPS7A30 ??5-V, ??00-mA, Ultralow-Noise, Negative Linear Regulator
TPS7A3401 TI-TPS7A3401 Datasheet
593Kb / 18P
[Old version datasheet]   -20-V, -200-mA, Low-Noise NEGATIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com