Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS7A4001 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS7A4001
Description  100V Input Voltage, 50mA, Very High Voltage LINEAR REGULATOR
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7A4001 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS7A4001 Datasheet HTML 3Page - Texas Instruments TPS7A4001 Datasheet HTML 4Page - Texas Instruments TPS7A4001 Datasheet HTML 5Page - Texas Instruments TPS7A4001 Datasheet HTML 6Page - Texas Instruments TPS7A4001 Datasheet HTML 7Page - Texas Instruments TPS7A4001 Datasheet HTML 8Page - Texas Instruments TPS7A4001 Datasheet HTML 9Page - Texas Instruments TPS7A4001 Datasheet HTML 10Page - Texas Instruments TPS7A4001 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
0
10
20
30
40
50
60
70
80
90
100
0
10
20
30
40
50
Output Current (mA)
− 40°C
+ 25°C
+ 85°C
+ 105°C
+ 125°C
0
0.25
0.5
0.75
1
1.25
1.5
1.75
2
0
10
20
30
40
50
Output Current (mA)
− 40°C
+ 25°C
+ 85°C
+ 105°C
+ 125°C
0
0.5
1
1.5
2
2.5
−40 −25 −10
5
20
35
50
65
80
95
110 125
ON−TO−OFF
OFF−TO−ON
Temperature (°C)
0.001
0.01
0.1
1
10
10
100
1k
10k
100k
1M
10M
Frequency (Hz)
IOUT = 100µA,VNOISE = 60µVRMS
IOUT = 50mA,VNOISE = 100µVRMS
VIN = 12V
VOUT = VREF
COUT = 10µF
CBYP = 10nF
0
40
80
120
160
200
6
9
12
15
18
21
24
Input Voltage (V)
− 40°C
+ 25°C
+ 85°C
+ 105°C
+ 125°C
0
10
20
30
40
50
60
70
80
90
100
10
100
1k
10k
100k
1M
10M
Frequency (Hz)
IOUT = 50mA
IOUT = 100µA
VIN = 12V
VOUT = 5V
COUT = 10µF
CBYP = 10nF
TPS7A4001
www.ti.com
SBVS162A
– MARCH 2011 – REVISED MARCH 2011
TYPICAL CHARACTERISTICS (continued)
At TJ = –40°C to +125°C, VIN = VOUT(NOM) + 2.0V or VIN = 9.0V (whichever is greater), VEN = VIN, IOUT = 100µA, CIN = 1μF, COUT
= 4.7
μF, and FB tied to OUT, unless otherwise noted.
GROUND CURRENT
DROPOUT VOLTAGE
Figure 7.
Figure 8.
ENABLE THRESHOLD VOLTAGE
OUTPUT SPECTRAL NOISE DENSITY
Figure 9.
Figure 10.
CURRENT LIMIT
POWER-SUPPLY REJECTION RATIO
Figure 11.
Figure 12.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TPS7A4001


Similar Part No. - TPS7A4001

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A4001 TI1-TPS7A4001 Datasheet
86Kb / 4P
[Old version datasheet]   VERY HIGH VOLTAGE LINEAR REGULATOR
TPS7A4001-DIE TI1-TPS7A4001-DIE Datasheet
86Kb / 4P
[Old version datasheet]   VERY HIGH VOLTAGE LINEAR REGULATOR
TPS7A4001-EP TI-TPS7A4001-EP Datasheet
990Kb / 23P
[Old version datasheet]   TPS7A4001-EP 100-V Input Voltage, 50-mA, Very High Voltage Linear Regulator
TPS7A4001-EP TI1-TPS7A4001-EP Datasheet
86Kb / 4P
[Old version datasheet]   VERY HIGH VOLTAGE LINEAR REGULATOR
TPS7A4001-EP TI1-TPS7A4001-EP_16 Datasheet
996Kb / 23P
[Old version datasheet]   100-V Input Voltage, 50-mA, Very High Voltage Linear Regulator
More results

Similar Description - TPS7A4001

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTR1005PD8 DIODES-ZXTR1005PD8 Datasheet
429Kb / 8P
   100V INPUT, 5V 50mA VOLTAGE REGULATOR
ZXTR1005K4 DIODES-ZXTR1005K4_15 Datasheet
408Kb / 8P
   100V INPUT, 5V 50mA VOLTAGE REGULATOR
ZXTR1005PD8 DIODES-ZXTR1005PD8_15 Datasheet
429Kb / 8P
   100V INPUT, 5V 50mA VOLTAGE REGULATOR
ZXTR1005K4 DIODES-ZXTR1005K4 Datasheet
408Kb / 8P
   100V INPUT, 5V 50mA VOLTAGE REGULATOR
logo
Texas Instruments
TPS7A4001-DIE TI1-TPS7A4001-DIE Datasheet
86Kb / 4P
[Old version datasheet]   VERY HIGH VOLTAGE LINEAR REGULATOR
TPS7A4101 TI1-TPS7A4101 Datasheet
741Kb / 19P
[Old version datasheet]   50-V Input Voltage, 50-mA, Very High Voltage LINEAR REGULATOR
logo
RICOH electronics devic...
R1515X RICOH-R1515X Datasheet
847Kb / 20P
   50mA VOLTAGE REGULATOR (Wide Input Voltage Range)
logo
Nisshinbo Micro Devices...
R1515X NISSHINBO-R1515X Datasheet
267Kb / 14P
   50mA VOLTAGE REGULATOR (Wide Input Voltage Range)
logo
Texas Instruments
TPS7A4001-EP TI1-TPS7A4001-EP_16 Datasheet
996Kb / 23P
[Old version datasheet]   100-V Input Voltage, 50-mA, Very High Voltage Linear Regulator
logo
Diodes Incorporated
ZXTR2005K DIODES-ZXTR2005K_17 Datasheet
378Kb / 7P
   100V INPUT, 5V 50mA REGULATOR TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com