Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS7A4101 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS7A4101
Description  50-V Input Voltage, 50-mA, Very High Voltage LINEAR REGULATOR
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7A4101 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS7A4101 Datasheet HTML 6Page - Texas Instruments TPS7A4101 Datasheet HTML 7Page - Texas Instruments TPS7A4101 Datasheet HTML 8Page - Texas Instruments TPS7A4101 Datasheet HTML 9Page - Texas Instruments TPS7A4101 Datasheet HTML 10Page - Texas Instruments TPS7A4101 Datasheet HTML 11Page - Texas Instruments TPS7A4101 Datasheet HTML 12Page - Texas Instruments TPS7A4101 Datasheet HTML 13Page - Texas Instruments TPS7A4101 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
50 V
I
LED
IN
Device
EN
OUT
FB
C
OUT
R
SET
GND
EN
I
=
LED
V
REF
R
SET
TPS7A41
SBVS183
– DECEMBER 2011
www.ti.com
APPLICATION INFORMATION
TRANSIENT VOLTAGE PROTECTION
One of the primary applications of the TPS7A4101 is to provide transient voltage protection to sensitive circuitry
that may be damaged in the presence of high-voltage spikes.
This transient voltage protection can be more cost-effective and compact compared to topologies that use a
transient voltage suppression (TVS) block.
LED ARRAY DRIVER
The TPS7A4101 can be used to drive several LED drivers connected in series, as shown in Figure 13.
Figure 13. LED Array Driver Application
The TPS7A4101 high voltage rating makes it suitable not only for driving the intensity of an array of multiple
LEDs by using a PWM signal at its EN pin, but also for controlling such an array. This PWM signal enables and
disables the regulator, causing the LED light to vary its intensity.
10
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): TPS7A41


Similar Part No. - TPS7A4101

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A4101 TI-TPS7A4101_15 Datasheet
941Kb / 23P
[Old version datasheet]   TPS7A41 50-V Input Voltage, 50-mA, Very High Voltage Linear Regulator
More results

Similar Description - TPS7A4101

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A4101 TI-TPS7A4101_15 Datasheet
941Kb / 23P
[Old version datasheet]   TPS7A41 50-V Input Voltage, 50-mA, Very High Voltage Linear Regulator
TPS7A4001-EP TI1-TPS7A4001-EP_16 Datasheet
996Kb / 23P
[Old version datasheet]   100-V Input Voltage, 50-mA, Very High Voltage Linear Regulator
TPS7A4001-EP TI-TPS7A4001-EP Datasheet
990Kb / 23P
[Old version datasheet]   TPS7A4001-EP 100-V Input Voltage, 50-mA, Very High Voltage Linear Regulator
TPS7B7702-Q1 TI-TPS7B7702-Q1 Datasheet
1Mb / 23P
[Old version datasheet]   TPS7A4001-EP 100-V Input Voltage, 50-mA, Very High Voltage Linear Regulator
TPS7A4201 TI1-TPS7A4201 Datasheet
740Kb / 19P
[Old version datasheet]   28-V Input Voltage, 50-mA Voltage Regulator
logo
Analog Devices
ADP1720-EP AD-ADP1720-EP Datasheet
905Kb / 12P
   50 mA, High Voltage, Micropower Linear Regulator
REV. A
ADP1720ARMZ-5-R7 AD-ADP1720ARMZ-5-R7 Datasheet
369Kb / 16P
   50 mA, High Voltage, Micropower Linear Regulator
REV. A
ADP1720 AD-ADP1720_15 Datasheet
369Kb / 16P
   50 mA, High Voltage, Micropower Linear Regulator
REV. A
logo
Texas Instruments
TPS7A4201_15 TI-TPS7A4201_15_15 Datasheet
932Kb / 22P
[Old version datasheet]   TPS7A4201 28-V Input Voltage, 50-mA Voltage Regulator
logo
ON Semiconductor
NCP781 ONSEMI-NCP781 Datasheet
168Kb / 14P
   150 V, 100mA Very High Voltage Linear Regulator
April, 2017 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com