Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS7A4101DGNR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS7A4101DGNR
Description  50-V Input Voltage, 50-mA, Very High Voltage LINEAR REGULATOR
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7A4101DGNR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS7A4101DGNR Datasheet HTML 2Page - Texas Instruments TPS7A4101DGNR Datasheet HTML 3Page - Texas Instruments TPS7A4101DGNR Datasheet HTML 4Page - Texas Instruments TPS7A4101DGNR Datasheet HTML 5Page - Texas Instruments TPS7A4101DGNR Datasheet HTML 6Page - Texas Instruments TPS7A4101DGNR Datasheet HTML 7Page - Texas Instruments TPS7A4101DGNR Datasheet HTML 8Page - Texas Instruments TPS7A4101DGNR Datasheet HTML 9Page - Texas Instruments TPS7A4101DGNR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Time(100 s/div)
m
V =12V,V
=5V
1mA
C
=10 F,C
=10nF
I
=1mA 29mA
D
®
®
m
IN
OUT
OUT
BYP
OUT
I
OUT
V
OUT
10mA/div
50mV/div
−10
−7.5
−5
−2.5
0
2.5
5
7.5
10
5
10
15
20
25
30
35
40
45
50
Input Voltage (V)
−40°C
+25°C
+85°C
+105°C
+125°C
G001
1.075
1.125
1.175
1.225
1.275
5
10
15
20
25
30
35
40
45
50
Input Voltage (V)
−40°C
+25°C
+85°C
+105°C
+125°C
G002
0
20
40
60
80
100
5
10
15
20
25
30
35
40
45
50
Input Voltage (V)
−40°C
+25°C
+85°C
+105°C
+125°C
IOUT = 0 mA
G003
0
10
20
30
40
50
60
70
80
90
100
−40 −25 −10
5
20
35
50
65
80
95
110 125
Temperature (°C)
0
10
20
30
40
50
60
70
80
90
100
0
10
20
30
40
50
Output Current (mA)
− 40°C
+ 25°C
+ 85°C
+ 105°C
+ 125°C
TPS7A41
SBVS183
– DECEMBER 2011
www.ti.com
TYPICAL CHARACTERISTICS
At TJ = –40°C to +125°C, VIN = VOUT(NOM) + 2.0 V or VIN = 9.0 V (whichever is greater), VEN = VIN, IOUT = 100 µA, CIN = 1 μF,
COUT = 4.7 μF, and FB tied to OUT, unless otherwise noted.
LOAD TRANSIENT RESPONSE
LINE REGULATION
Figure 1.
Figure 2.
FEEDBACK VOLTAGE
QUIESCENT CURRENT vs INPUT VOLTAGE
Figure 3.
Figure 4.
FEEDBACK CURRENT
GROUND CURRENT
Figure 5.
Figure 6.
6
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): TPS7A41


Similar Part No. - TPS7A4101DGNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A4101 TI-TPS7A4101_15 Datasheet
941Kb / 23P
[Old version datasheet]   TPS7A41 50-V Input Voltage, 50-mA, Very High Voltage Linear Regulator
More results

Similar Description - TPS7A4101DGNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A4101 TI-TPS7A4101_15 Datasheet
941Kb / 23P
[Old version datasheet]   TPS7A41 50-V Input Voltage, 50-mA, Very High Voltage Linear Regulator
TPS7A4001-EP TI1-TPS7A4001-EP_16 Datasheet
996Kb / 23P
[Old version datasheet]   100-V Input Voltage, 50-mA, Very High Voltage Linear Regulator
TPS7A4001-EP TI-TPS7A4001-EP Datasheet
990Kb / 23P
[Old version datasheet]   TPS7A4001-EP 100-V Input Voltage, 50-mA, Very High Voltage Linear Regulator
TPS7B7702-Q1 TI-TPS7B7702-Q1 Datasheet
1Mb / 23P
[Old version datasheet]   TPS7A4001-EP 100-V Input Voltage, 50-mA, Very High Voltage Linear Regulator
TPS7A4201 TI1-TPS7A4201 Datasheet
740Kb / 19P
[Old version datasheet]   28-V Input Voltage, 50-mA Voltage Regulator
logo
Analog Devices
ADP1720-EP AD-ADP1720-EP Datasheet
905Kb / 12P
   50 mA, High Voltage, Micropower Linear Regulator
REV. A
ADP1720ARMZ-5-R7 AD-ADP1720ARMZ-5-R7 Datasheet
369Kb / 16P
   50 mA, High Voltage, Micropower Linear Regulator
REV. A
ADP1720 AD-ADP1720_15 Datasheet
369Kb / 16P
   50 mA, High Voltage, Micropower Linear Regulator
REV. A
logo
Texas Instruments
TPS7A4201_15 TI-TPS7A4201_15_15 Datasheet
932Kb / 22P
[Old version datasheet]   TPS7A4201 28-V Input Voltage, 50-mA Voltage Regulator
logo
ON Semiconductor
NCP781 ONSEMI-NCP781 Datasheet
168Kb / 14P
   150 V, 100mA Very High Voltage Linear Regulator
April, 2017 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com