Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS7A4201 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS7A4201
Description  28-V Input Voltage, 50-mA Voltage Regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7A4201 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS7A4201 Datasheet HTML 3Page - Texas Instruments TPS7A4201 Datasheet HTML 4Page - Texas Instruments TPS7A4201 Datasheet HTML 5Page - Texas Instruments TPS7A4201 Datasheet HTML 6Page - Texas Instruments TPS7A4201 Datasheet HTML 7Page - Texas Instruments TPS7A4201 Datasheet HTML 8Page - Texas Instruments TPS7A4201 Datasheet HTML 9Page - Texas Instruments TPS7A4201 Datasheet HTML 10Page - Texas Instruments TPS7A4201 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
0
0.25
0.5
0.75
1
1.25
1.5
1.75
2
0
10
20
30
40
50
Output Current (mA)
− 40°C
+ 25°C
+ 85°C
+ 105°C
+ 125°C
0
0.5
1
1.5
2
2.5
−40 −25 −10
5
20
35
50
65
80
95
110 125
ON−TO−OFF
OFF−TO−ON
Temperature (°C)
0.001
0.01
0.1
1
10
10
100
1k
10k
100k
1M
10M
Frequency (Hz)
IOUT = 100µA,VNOISE = 60µVRMS
IOUT = 50mA,VNOISE = 100µVRMS
VIN = 12V
VOUT = VREF
COUT = 10µF
CBYP = 10nF
0
40
80
120
160
200
6
9
12
15
18
21
24
Input Voltage (V)
− 40°C
+ 25°C
+ 85°C
+ 105°C
+ 125°C
0
10
20
30
40
50
60
70
80
90
100
10
100
1k
10k
100k
1M
10M
Frequency (Hz)
IOUT = 50mA
IOUT = 100µA
VIN = 12V
VOUT = 5V
COUT = 10µF
CBYP = 10nF
TPS7A42
www.ti.com
SBVS184
– DECEMBER 2011
TYPICAL CHARACTERISTICS (continued)
At TJ = –40°C to +125°C, VIN = VOUT(NOM) + 2.0 V or VIN = 9.0 V (whichever is greater), VEN = VIN, IOUT = 100 µA, CIN = 1 μF,
COUT = 4.7 μF, and FB tied to OUT, unless otherwise noted.
DROPOUT VOLTAGE
ENABLE THRESHOLD VOLTAGE
Figure 7.
Figure 8.
OUTPUT SPECTRAL NOISE DENSITY
CURRENT LIMIT
Figure 9.
Figure 10.
POWER-SUPPLY REJECTION RATIO
Figure 11.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TPS7A42


Similar Part No. - TPS7A4201

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A4201_15 TI-TPS7A4201_15_15 Datasheet
932Kb / 22P
[Old version datasheet]   TPS7A4201 28-V Input Voltage, 50-mA Voltage Regulator
More results

Similar Description - TPS7A4201

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A4201_15 TI-TPS7A4201_15_15 Datasheet
932Kb / 22P
[Old version datasheet]   TPS7A4201 28-V Input Voltage, 50-mA Voltage Regulator
logo
ABLIC Inc.
S-1222B ABLIC-S-1222B Datasheet
1Mb / 65P
   28 V INPUT, 200 mA VOLTAGE REGULATOR
Rev.2.1_00
logo
Texas Instruments
TPS7A4101 TI1-TPS7A4101 Datasheet
741Kb / 19P
[Old version datasheet]   50-V Input Voltage, 50-mA, Very High Voltage LINEAR REGULATOR
TPS7A4101 TI-TPS7A4101_15 Datasheet
941Kb / 23P
[Old version datasheet]   TPS7A41 50-V Input Voltage, 50-mA, Very High Voltage Linear Regulator
TPS7A4001-EP TI1-TPS7A4001-EP_16 Datasheet
996Kb / 23P
[Old version datasheet]   100-V Input Voltage, 50-mA, Very High Voltage Linear Regulator
logo
ON Semiconductor
NCP4640 ONSEMI-NCP4640 Datasheet
396Kb / 17P
   50 mA, Wide Input Range, Voltage Regulator
February, 2011 ??Rev. 1
NCP4640H033T1G ONSEMI-NCP4640H033T1G Datasheet
396Kb / 17P
   50 mA, Wide Input Range, Voltage Regulator
February, 2011 ??Rev. 1
logo
Zilog, Inc.
IXD1701 ZILOG-IXD1701 Datasheet
3Mb / 33P
   28 V Input High Speed Voltage Regulator
logo
ABLIC Inc.
S-1135 ABLIC-S-1135 Datasheet
558Kb / 48P
   5.5 V INPUT, 300 mA VOLTAGE REGULATOR
Rev.2.3_00
S-13A1 ABLIC-S-13A1 Datasheet
1Mb / 74P
   5.5 V INPUT, 1000 mA VOLTAGE REGULATOR
Rev.2.2_00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com