Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GBU6J Datasheet(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # GBU6J
Description  Single Phase 6.0AMP.Glass Passivated Bridge Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

GBU6J Datasheet(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  GBU6J Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd GBU6J Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES
FIG.3- MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT PER BRIDGE ELEMENT
1
5
100
CASE TEMPERATURE. ( C)
o
FIG.1-MAXIMUM FORWARD CURRENT DERATING
CURVE
NUMBER OF CYCLES AT 60Hz
FIG.5- TYPICAL FORWARD CHARACTERISTICS
PER BRIDGE ELEMENT
FIG.2- TYPICAL REVERSE CHARACTERISTICS
PER BRIDGE ELEMENT
50
20
10
2
0
2
4
6
25
50
75
125
100
150
175
0
100
50
150
4
20
40
100
10
2
1
0.4
0.2
0.1
0.01
0.1
10
100
500
1
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
02040
60
80
100
INSTANTANEOUSFORWARD VOLTAGE. (V)
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
Tj=150 C
8.3ms Single Half Sine Wave
Tj=25 C
0
Pulse Width=300 s
1% Duty Cycle
m
Tj=25 C
0
Tj=125 C
0
50-400V
600-1000V
HEAT-SINK MOUNTG
2.6 x 1.4 x 0.06" THK
(6.5 x 3.5 x 0.15 cm)AI. PLATE
0
FIG.4- TYPICAL JUNCTION CAPACITANCE
1
2
5
10
20
800
100
500
300
250
200
150
100
50
0
REVERSE VOLTAGE. (V)
200
500
50
0.1
0.5
G
GBU6A-GBU6G
G
GBU6J-GBU6M
Tj=25 C
0
GBU6A-GBU6M
Single Phase 6.0AMP.Glass Passivated Bridge Rectifiers
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - GBU6J

ManufacturerPart #DatasheetDescription
logo
GeneSiC Semiconductor, ...
GBU6J GENESIC-GBU6J Datasheet
374Kb / 3P
   Single Phase Glass Passivated Silicon Bridge Rectifier
logo
Pan Jit International I...
GBU6J PANJIT-GBU6J Datasheet
42Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER(VOLTAGE - 100 Volts CURRENT - 6.0 Amperes)
logo
GeneSiC Semiconductor, ...
GBU6J GENESIC-GBU6J Datasheet
363Kb / 3P
   Single Phase Glass Passivated Silicon Bridge Rectifier
logo
Diotec Semiconductor
GBU6J DIOTEC-GBU6J Datasheet
112Kb / 2P
   Silicon-Bridge-Rectifiers
logo
Micro Commercial Compon...
GBU6J MCC-GBU6J Datasheet
182Kb / 3P
   6 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
More results

Similar Description - GBU6J

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
GBU601 LUGUANG-GBU601 Datasheet
193Kb / 2P
   Single Phase 6.0AMP.Glass Passivated Bridge Rectifiers
logo
Mospec Semiconductor
GBJ20A MOSPEC-GBJ20A Datasheet
167Kb / 2P
   GLASS PASSIVATED BRIDGE SINGLE-PHASE BRIDGE RECTIFIERS
logo
Silicon Standard Corp.
GBL02 SSC-GBL02 Datasheet
305Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifiers
logo
Continental Device Indi...
GBJ25005 CDIL-GBJ25005 Datasheet
225Kb / 3P
   GLASS PASSIVATED SINGLE PHASE BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
TS10KL60 TSC-TS10KL60_14 Datasheet
180Kb / 4P
   Glass Passivated Single-Phase Bridge Rectifiers
logo
List of Unclassifed Man...
GBU2D ETC2-GBU2D Datasheet
146Kb / 3P
   Glass Passivated Single Phase Bridge Rectifiers
SGBU4D ETC2-SGBU4D Datasheet
147Kb / 3P
   Glass Passivated Single Phase Bridge Rectifiers
SKBJ402 ETC2-SKBJ402 Datasheet
158Kb / 3P
   Glass Passivated Single Phase Bridge Rectifiers
logo
Shenzhen Luguang Electr...
GBU801 LUGUANG-GBU801 Datasheet
165Kb / 2P
   Single Phase 8.0AMP.Glass Passivated Bridge Rectifiers
logo
List of Unclassifed Man...
GBPC35 ETC2-GBPC35 Datasheet
220Kb / 3P
   Glass Passivated Single Phase Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com