Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS7A6033-Q1 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS7A6033-Q1
Description  300-mA 40-V LOW-DROPOUT REGULATOR WITH 25-關A QUIESCENT CURRENT
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7A6033-Q1 Datasheet(HTML) 1 Page - Texas Instruments

  TPS7A6033-Q1 Datasheet HTML 1Page - Texas Instruments TPS7A6033-Q1 Datasheet HTML 2Page - Texas Instruments TPS7A6033-Q1 Datasheet HTML 3Page - Texas Instruments TPS7A6033-Q1 Datasheet HTML 4Page - Texas Instruments TPS7A6033-Q1 Datasheet HTML 5Page - Texas Instruments TPS7A6033-Q1 Datasheet HTML 6Page - Texas Instruments TPS7A6033-Q1 Datasheet HTML 7Page - Texas Instruments TPS7A6033-Q1 Datasheet HTML 8Page - Texas Instruments TPS7A6033-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
0.01
0.1
1
10
100 300
0.01
0.1
1
10
V
= 14V
C
= 10 F, 47 F
T = 27°C
V
= 5V, 3.3V
IN
OUT
A
OUT
µ
µ
Stable Operation
Over Entire Region
I
(mA)
OUT
TPS7A6033-Q1, TPS7A6050-Q1
TPS7A6133-Q1, TPS7A6150-Q1
www.ti.com
SLVSA62G – MARCH 2010 – REVISED MARCH 2012
300-mA 40-V LOW-DROPOUT REGULATOR WITH 25-µA QUIESCENT CURRENT
Check for Samples: TPS7A6033-Q1, TPS7A6050-Q1
1
FEATURES
DESCRIPTION
Low Dropout Voltage
The TPS7A60xx/TPS7A61xx is a series of low
300mV at IOUT = 150mA
dropout linear voltage regulators designed for low
4-V to 40-V Wide Input Voltage Range
power consumption and quiescent current less than
With up to 45-V Transients
25 µA in light load applications. These devices
feature an integrated over current protection and are
300-mA Maximum Output Current
designed to achieve stable operation even with low-
Ultra Low Quiescent Current
ESR ceramic capacitors. Power-On Reset delay is
IQUIESCENT = 25 µA (Typ) at Light Loads
implemented during device start up to indicate that
the output voltage is stable and in regulation. The
ISLEEP < 2µA when EN = Low
Power-On Reset delay is fixed (250 µs typical), and
3.3-V and 5-V Fixed Output Voltage
can also be programmed by an external capacitor.
Low-ESR Ceramic Output Stability Capacitor
Low voltage tracking feature allows for a smaller input
capacitor and can possibly eliminate the need of
Integrated Power-On Reset
using a boost converter during cold crank conditions.
Programmable Delay
Because of these features, these devices are well
Open-Drain Reset Output
suited in power supplies for various automotive
Integrated Fault Protection
applications.
Short-Circuit/Over-Current Protection
TYPICAL REGULATOR STABILITY
Thermal Shutdown
Low Input Voltage Tracking
Thermally Enhanced Power Package
5-pin TO-263 (KTT /D2PAK)
5-pin TO-252 (KVU /DPAK)
APPLICATIONS
Qualified for Automotive Applications
Infotainment Systems with Sleep Mode
Body Control Modules
Always ON Battery Applications
Gateway Applications
Figure 1. ESR vs Load Current for TPS7A60/1xx
Remote Keyless Entry Systems
Immobilizers
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
UNLESS
OTHERWISE
NOTED
this
document
contains
Copyright © 2010–2012, Texas Instruments Incorporated
PRODUCTION DATA information current as of publication date.
Products conform to specifications per the terms of Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS7A6033-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A6033-Q1 TI1-TPS7A6033-Q1 Datasheet
1Mb / 26P
[Old version datasheet]   300-mA 40-V LOW-DROPOUT REGULATOR WITH 25-關A QUIESCENT CURRENT
TPS7A6033-Q1 TI1-TPS7A6033-Q1_14 Datasheet
1Mb / 26P
[Old version datasheet]   300-mA 40-V LOW-DROPOUT REGULATOR WITH 25-關A QUIESCENT CURRENT
TPS7A6033-Q1 TI1-TPS7A6033-Q1_16 Datasheet
1Mb / 34P
[Old version datasheet]   300-mA, 40-V Low-Dropout Regulator
More results

Similar Description - TPS7A6033-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A6033-Q1 TI1-TPS7A6033-Q1_14 Datasheet
1Mb / 26P
[Old version datasheet]   300-mA 40-V LOW-DROPOUT REGULATOR WITH 25-關A QUIESCENT CURRENT
TPS7A6201-Q1 TI-TPS7A6201-Q1_15 Datasheet
695Kb / 20P
[Old version datasheet]   300-mA 40-V LOW-DROPOUT REGULATOR WITH 25-關A QUIESCENT CURRENT
TPS7A6201-Q1 TI1-TPS7A6201-Q1_14 Datasheet
728Kb / 21P
[Old version datasheet]   300-mA 40-V LOW-DROPOUT REGULATOR WITH 25-關A QUIESCENT CURRENT
TPS7A6533-Q1 TI1-TPS7A6533-Q1 Datasheet
813Kb / 18P
[Old version datasheet]   300-mA 40-V LOW-DROPOUT REGULATOR WITH 25-關A QUIESCENT CURRENT
TPS7A6550-Q1 TI-TPS7A6550-Q1_15 Datasheet
989Kb / 18P
[Old version datasheet]   300-mA 40-V LOW-DROPOUT REGULATOR WITH 25-關A QUIESCENT CURRENT
TPS7A6201-Q1 TI1-TPS7A6201-Q1 Datasheet
728Kb / 20P
[Old version datasheet]   300-mA 40-V LOW-DROPOUT REGULATOR WITH 25-關A QUIESCENT CURRENT
TPS7A6533-Q1 TI1-TPS7A6533-Q1_17 Datasheet
1Mb / 26P
[Old version datasheet]   300-mA, 40-V, Low-Dropout Regulator With 25-UA Quiescent Current
logo
STMicroelectronics
ST732 STMICROELECTRONICS-ST732 Datasheet
721Kb / 21P
   300 mA, 28 V low-dropout voltage regulator, with 5 關A quiescent current
Rev 3 - April 2021
logo
ON Semiconductor
NCP717 ONSEMI-NCP717 Datasheet
549Kb / 16P
   300 mA, Very-Low Quiescent Current, IQ 25 A, Low Noise, Low Dropout Regulator
February, 2015 ??Rev. 7
logo
Texas Instruments
TPS7A6033-Q1 TI1-TPS7A6033-Q1_16 Datasheet
1Mb / 34P
[Old version datasheet]   300-mA, 40-V Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com