Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS7A6033QKVURQ1 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS7A6033QKVURQ1
Description  300-mA 40-V LOW-DROPOUT REGULATOR WITH 25-關A QUIESCENT CURRENT
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7A6033QKVURQ1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS7A6033QKVURQ1 Datasheet HTML 3Page - Texas Instruments TPS7A6033QKVURQ1 Datasheet HTML 4Page - Texas Instruments TPS7A6033QKVURQ1 Datasheet HTML 5Page - Texas Instruments TPS7A6033QKVURQ1 Datasheet HTML 6Page - Texas Instruments TPS7A6033QKVURQ1 Datasheet HTML 7Page - Texas Instruments TPS7A6033QKVURQ1 Datasheet HTML 8Page - Texas Instruments TPS7A6033QKVURQ1 Datasheet HTML 9Page - Texas Instruments TPS7A6033QKVURQ1 Datasheet HTML 10Page - Texas Instruments TPS7A6033QKVURQ1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
Q1
Oscillator
UVLO Comp .
with internal
reference
Voltage
Supervisor with
Reset Delay
Charge Pump
Logic
Control
Band Gap
Temp . Sensor/
Thermal Shutdown
Over
Current
Detection
VRef1
Error
Amp.
Regulator
Control
Q2
VIN
VOUT
CIN
COUT
CDLY
RRST
RDELAY
VIN
VOUT
GND
nRST
RESET
VRef1
EN
Q1
Oscillator
UVLO Comp .
with internal
reference
Voltage
Supervisor with
Reset Delay
Charge Pump
Logic
Control
Band Gap
Temp . Sensor /
Thermal Shutdown
Over
Current
Detection
VRef1
Error
Amp.
Regulator
Control
Q2
VIN
VOUT
CIN
COUT
RRST
VIN
VOUT
GND
nRST
RESET
VRef1
VEN
TPS7A6033-Q1, TPS7A6050-Q1
TPS7A6133-Q1, TPS7A6150-Q1
www.ti.com
SLVSA62G – MARCH 2010 – REVISED MARCH 2012
FUNCTIONAL BLOCK DIAGRAM
Figure 4. TPS7A60xx Functional Block Diagram
Figure 5. TPS7A61xx Functional Block Diagram
Copyright © 2010–2012, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TPS7A6033-Q1 TPS7A6050-Q1


Similar Part No. - TPS7A6033QKVURQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A6033QKVURQ1 TI1-TPS7A6033QKVURQ1 Datasheet
1Mb / 34P
[Old version datasheet]   300-mA, 40-V Low-Dropout Regulator
More results

Similar Description - TPS7A6033QKVURQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A6033-Q1 TI1-TPS7A6033-Q1_14 Datasheet
1Mb / 26P
[Old version datasheet]   300-mA 40-V LOW-DROPOUT REGULATOR WITH 25-關A QUIESCENT CURRENT
TPS7A6201-Q1 TI-TPS7A6201-Q1_15 Datasheet
695Kb / 20P
[Old version datasheet]   300-mA 40-V LOW-DROPOUT REGULATOR WITH 25-關A QUIESCENT CURRENT
TPS7A6201-Q1 TI1-TPS7A6201-Q1_14 Datasheet
728Kb / 21P
[Old version datasheet]   300-mA 40-V LOW-DROPOUT REGULATOR WITH 25-關A QUIESCENT CURRENT
TPS7A6533-Q1 TI1-TPS7A6533-Q1 Datasheet
813Kb / 18P
[Old version datasheet]   300-mA 40-V LOW-DROPOUT REGULATOR WITH 25-關A QUIESCENT CURRENT
TPS7A6550-Q1 TI-TPS7A6550-Q1_15 Datasheet
989Kb / 18P
[Old version datasheet]   300-mA 40-V LOW-DROPOUT REGULATOR WITH 25-關A QUIESCENT CURRENT
TPS7A6201-Q1 TI1-TPS7A6201-Q1 Datasheet
728Kb / 20P
[Old version datasheet]   300-mA 40-V LOW-DROPOUT REGULATOR WITH 25-關A QUIESCENT CURRENT
TPS7A6533-Q1 TI1-TPS7A6533-Q1_17 Datasheet
1Mb / 26P
[Old version datasheet]   300-mA, 40-V, Low-Dropout Regulator With 25-UA Quiescent Current
logo
STMicroelectronics
ST732 STMICROELECTRONICS-ST732 Datasheet
721Kb / 21P
   300 mA, 28 V low-dropout voltage regulator, with 5 關A quiescent current
Rev 3 - April 2021
logo
ON Semiconductor
NCP717 ONSEMI-NCP717 Datasheet
549Kb / 16P
   300 mA, Very-Low Quiescent Current, IQ 25 A, Low Noise, Low Dropout Regulator
February, 2015 ??Rev. 7
logo
Texas Instruments
TPS7A6033-Q1 TI1-TPS7A6033-Q1_16 Datasheet
1Mb / 34P
[Old version datasheet]   300-mA, 40-V Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com