Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS7A6533-Q1 Datasheet(PDF) 3 Page - Texas Instruments

Part # TPS7A6533-Q1
Description  300-mA 40-V LOW-DROPOUT REGULATOR WITH 25-關A QUIESCENT CURRENT
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7A6533-Q1 Datasheet(HTML) 3 Page - Texas Instruments

  TPS7A6533-Q1 Datasheet HTML 1Page - Texas Instruments TPS7A6533-Q1 Datasheet HTML 2Page - Texas Instruments TPS7A6533-Q1 Datasheet HTML 3Page - Texas Instruments TPS7A6533-Q1 Datasheet HTML 4Page - Texas Instruments TPS7A6533-Q1 Datasheet HTML 5Page - Texas Instruments TPS7A6533-Q1 Datasheet HTML 6Page - Texas Instruments TPS7A6533-Q1 Datasheet HTML 7Page - Texas Instruments TPS7A6533-Q1 Datasheet HTML 8Page - Texas Instruments TPS7A6533-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
TPS7A6533-Q1
TPS7A6550-Q1
www.ti.com
SLVSA98C – MAY 2010 – REVISED JULY 2012
ELECTRICAL CHARACTERISTICS
VIN = 14V, TJ = –40ºC to 150ºC (unless otherwise noted)
NO.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
4. Input Voltage (VIN pin)
Fixed 5-V output, IOUT = 1 mA
5.3
40
4.1
VIN
Input voltage
V
Fixed 3.3-V output, IOUT = 1 mA
3.6
40
4.2
IQUIESCENT
Quiescent current
VIN = 8.2 V to 18 V, IOUT = 0.01 mA to 0.75 mA
25
40
µA
Undervoltage lockout
4.3
VIN-UVLO
Ramp VIN down until output is turned OFF
3.16
V
voltage
4.4
VIN(POWERUP)
Power-up voltage
Ramp VIN up until output is turned ON
3.45
V
5. Regulated Output Voltage (VOUT pin)
Fixed VOUT value (3.3 V or 5 V as applicable),
5.1
VOUT
Regulated output voltage
IOUT = 10 mA, 10 mA to 300 mA,
–2%
2%
VIN = VOUT + 1 V to 16 V
VIN = 6 V to 28 V, IOUT = 10 mA, VOUT = 5 V
15
mV
5.2
∆VLINE-REG
Line regulation
VIN = 6 V to 28 V, IOUT = 10 mA, VOUT = 3.3 V
20
mV
IOUT = 10 mA to 300 mA, VIN= 14 V, VOUT = 5 V
25
mV
5.3
∆VLOAD-REG
Load regulation
IOUT = 10 mA to 300 mA,VIN = 14 V, VOUT = 3.3 V
35
mV
IOUT = 250 mA
500
mV
Dropout voltage
5.4
VDROPOUT
(1)
(VIN – VOUT)
IOUT = 150 mA
300
mV
5.5
RSW
(2)
Switch resistance
VIN to VOUT resistance
2
Ω
5.6
IOUT
Output current
VOUT in regulation
0
300
mA
5.7
ICL
Output current limit
VOUT = 0 V (VOUT pin is shorted to ground)
350
1000
mA
VIN-RIPPLE = 0.5 Vpp, IOUT = 300 mA,
frequency = 100 Hz, VOUT = 5 V, and
60
VOUT = 3.3 V
Power-supply ripple
5.8
PSRR(2)
dB
rejection
VIN-RIPPLE = 0.5 Vpp, IOUT = 300 mA,
frequency = 150 kHz, VOUT = 5 V, and
30
VOUT = 3.3 V
6. Operating Temperature Range
Operating junction
6.1
TJ
-40
150
ºC
temperature
Thermal shutdown trip
6.2
TSHUTDOWN
165
ºC
point
Thermal shutdown
6.3
THYST
10
ºC
hysteresis
(1)
This test is done with VOUT in regulation and VIN – VOUT parameter is measured when VOUT (3.3 V or 5 V) drops by 100 mV at specified
loads.
(2)
Specified by design – not tested
Copyright © 2010–2012, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TPS7A6533-Q1 TPS7A6550-Q1


Similar Part No. - TPS7A6533-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A6533-Q1 TI-TPS7A6533-Q1 Datasheet
989Kb / 18P
[Old version datasheet]   300-mA 40-V LOW-DROPOUT REGULATOR WITH 25-關A QUIESCENT CURRENT
TPS7A6533-Q1 TI1-TPS7A6533-Q1 Datasheet
434Kb / 19P
[Old version datasheet]   Low-Dropout Regulator
TPS7A6533-Q1 TI1-TPS7A6533-Q1 Datasheet
1Mb / 26P
[Old version datasheet]   300-mA, 40-V, Low-Dropout Regulator With 25-UA Quiescent Current
TPS7A6533-Q1 TI1-TPS7A6533-Q1_16 Datasheet
434Kb / 19P
[Old version datasheet]   Low-Dropout Regulator
TPS7A6533-Q1 TI1-TPS7A6533-Q1_17 Datasheet
1Mb / 26P
[Old version datasheet]   300-mA, 40-V, Low-Dropout Regulator With 25-UA Quiescent Current
More results

Similar Description - TPS7A6533-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A6033-Q1 TI1-TPS7A6033-Q1_14 Datasheet
1Mb / 26P
[Old version datasheet]   300-mA 40-V LOW-DROPOUT REGULATOR WITH 25-關A QUIESCENT CURRENT
TPS7A6201-Q1 TI-TPS7A6201-Q1_15 Datasheet
695Kb / 20P
[Old version datasheet]   300-mA 40-V LOW-DROPOUT REGULATOR WITH 25-關A QUIESCENT CURRENT
TPS7A6201-Q1 TI1-TPS7A6201-Q1_14 Datasheet
728Kb / 21P
[Old version datasheet]   300-mA 40-V LOW-DROPOUT REGULATOR WITH 25-關A QUIESCENT CURRENT
TPS7A6550-Q1 TI-TPS7A6550-Q1_15 Datasheet
989Kb / 18P
[Old version datasheet]   300-mA 40-V LOW-DROPOUT REGULATOR WITH 25-關A QUIESCENT CURRENT
TPS7A6033-Q1 TI1-TPS7A6033-Q1 Datasheet
929Kb / 25P
[Old version datasheet]   300-mA 40-V LOW-DROPOUT REGULATOR WITH 25-關A QUIESCENT CURRENT
TPS7A6201-Q1 TI1-TPS7A6201-Q1 Datasheet
728Kb / 20P
[Old version datasheet]   300-mA 40-V LOW-DROPOUT REGULATOR WITH 25-關A QUIESCENT CURRENT
TPS7A6533-Q1 TI1-TPS7A6533-Q1_17 Datasheet
1Mb / 26P
[Old version datasheet]   300-mA, 40-V, Low-Dropout Regulator With 25-UA Quiescent Current
logo
STMicroelectronics
ST732 STMICROELECTRONICS-ST732 Datasheet
721Kb / 21P
   300 mA, 28 V low-dropout voltage regulator, with 5 關A quiescent current
Rev 3 - April 2021
logo
ON Semiconductor
NCP717 ONSEMI-NCP717 Datasheet
549Kb / 16P
   300 mA, Very-Low Quiescent Current, IQ 25 A, Low Noise, Low Dropout Regulator
February, 2015 ??Rev. 7
logo
Texas Instruments
TPS7A6033-Q1 TI1-TPS7A6033-Q1_16 Datasheet
1Mb / 34P
[Old version datasheet]   300-mA, 40-V Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com