Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS7A6533-Q1 Datasheet(PDF) 6 Page - Texas Instruments

Part # TPS7A6533-Q1
Description  300-mA 40-V LOW-DROPOUT REGULATOR WITH 25-關A QUIESCENT CURRENT
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7A6533-Q1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS7A6533-Q1 Datasheet HTML 2Page - Texas Instruments TPS7A6533-Q1 Datasheet HTML 3Page - Texas Instruments TPS7A6533-Q1 Datasheet HTML 4Page - Texas Instruments TPS7A6533-Q1 Datasheet HTML 5Page - Texas Instruments TPS7A6533-Q1 Datasheet HTML 6Page - Texas Instruments TPS7A6533-Q1 Datasheet HTML 7Page - Texas Instruments TPS7A6533-Q1 Datasheet HTML 8Page - Texas Instruments TPS7A6533-Q1 Datasheet HTML 9Page - Texas Instruments TPS7A6533-Q1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
8
8.5
9
9.5
10
10.5
11
11.5
12
-50
0
50
100
150
TA (°C)
VIN = 14V
VOUT = 5V, 3.3V
IOUT step from
10mA to 300mA
0
0.5
1
1.5
2
2.5
3
-50
0
50
100
150
TA (°C)
IOUT = 10mA
VOUT = 5V, 3.3V
VIN step from
8V to 28V
450
500
550
600
650
700
750
-50
0
50
100
150
TA (°C)
V
= 14V
V
= 5V, 3.3V
IN
OUT
0
0.02
0.04
0.06
0.08
0.1
0.12
0
10
20
30
40
50
V
(V)
IN
I
LOAD = 100mA
V
OUT = 5V, 3.3V
TA= 25°C
TA = -40°C
TA= 125°C
4.9
4.92
4.94
4.96
4.98
5
5.02
5.04
5.06
5.08
5.1
-50
0
50
100
150
TA (°C)
VIN = 14V
IOUT = 1mA
0
5
6
2
3
4
5
6
7
VIN (V)
1
2
3
4
IOUT = 100mA
TA = 25°C
TPS7A6533-Q1
TPS7A6550-Q1
SLVSA98C – MAY 2010 – REVISED JULY 2012
www.ti.com
TYPICAL CHARACTERISTICS (continued)
OUTPUT VOLTAGE
OUTPUT VOLTAGE
vs
vs
AMBIENT AIR TEMPERATURE
INPUT VOLTAGE
OUTPUT CURRENT
OUTPUT CURRENT LIMIT
vs
vs
INPUT VOLTAGE
AMBIENT AIR TEMPERATURE
LOAD REGULATION
LINE REGULATION
vs
vs
AMBIENT AIR TEMPERATURE
AMBIENT AIR TEMPERATURE
6
Submit Documentation Feedback
Copyright © 2010–2012, Texas Instruments Incorporated
Product Folder Link(s): TPS7A6533-Q1 TPS7A6550-Q1


Similar Part No. - TPS7A6533-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A6533-Q1 TI-TPS7A6533-Q1 Datasheet
989Kb / 18P
[Old version datasheet]   300-mA 40-V LOW-DROPOUT REGULATOR WITH 25-關A QUIESCENT CURRENT
TPS7A6533-Q1 TI1-TPS7A6533-Q1 Datasheet
434Kb / 19P
[Old version datasheet]   Low-Dropout Regulator
TPS7A6533-Q1 TI1-TPS7A6533-Q1 Datasheet
1Mb / 26P
[Old version datasheet]   300-mA, 40-V, Low-Dropout Regulator With 25-UA Quiescent Current
TPS7A6533-Q1 TI1-TPS7A6533-Q1_16 Datasheet
434Kb / 19P
[Old version datasheet]   Low-Dropout Regulator
TPS7A6533-Q1 TI1-TPS7A6533-Q1_17 Datasheet
1Mb / 26P
[Old version datasheet]   300-mA, 40-V, Low-Dropout Regulator With 25-UA Quiescent Current
More results

Similar Description - TPS7A6533-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A6033-Q1 TI1-TPS7A6033-Q1_14 Datasheet
1Mb / 26P
[Old version datasheet]   300-mA 40-V LOW-DROPOUT REGULATOR WITH 25-關A QUIESCENT CURRENT
TPS7A6201-Q1 TI-TPS7A6201-Q1_15 Datasheet
695Kb / 20P
[Old version datasheet]   300-mA 40-V LOW-DROPOUT REGULATOR WITH 25-關A QUIESCENT CURRENT
TPS7A6201-Q1 TI1-TPS7A6201-Q1_14 Datasheet
728Kb / 21P
[Old version datasheet]   300-mA 40-V LOW-DROPOUT REGULATOR WITH 25-關A QUIESCENT CURRENT
TPS7A6550-Q1 TI-TPS7A6550-Q1_15 Datasheet
989Kb / 18P
[Old version datasheet]   300-mA 40-V LOW-DROPOUT REGULATOR WITH 25-關A QUIESCENT CURRENT
TPS7A6033-Q1 TI1-TPS7A6033-Q1 Datasheet
929Kb / 25P
[Old version datasheet]   300-mA 40-V LOW-DROPOUT REGULATOR WITH 25-關A QUIESCENT CURRENT
TPS7A6201-Q1 TI1-TPS7A6201-Q1 Datasheet
728Kb / 20P
[Old version datasheet]   300-mA 40-V LOW-DROPOUT REGULATOR WITH 25-關A QUIESCENT CURRENT
TPS7A6533-Q1 TI1-TPS7A6533-Q1_17 Datasheet
1Mb / 26P
[Old version datasheet]   300-mA, 40-V, Low-Dropout Regulator With 25-UA Quiescent Current
logo
STMicroelectronics
ST732 STMICROELECTRONICS-ST732 Datasheet
721Kb / 21P
   300 mA, 28 V low-dropout voltage regulator, with 5 關A quiescent current
Rev 3 - April 2021
logo
ON Semiconductor
NCP717 ONSEMI-NCP717 Datasheet
549Kb / 16P
   300 mA, Very-Low Quiescent Current, IQ 25 A, Low Noise, Low Dropout Regulator
February, 2015 ??Rev. 7
logo
Texas Instruments
TPS7A6033-Q1 TI1-TPS7A6033-Q1_16 Datasheet
1Mb / 34P
[Old version datasheet]   300-mA, 40-V Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com