Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS7A6133QKVURQ1 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS7A6133QKVURQ1
Description  300-mA 40-V LOW-DROPOUT REGULATOR WITH 25-關A QUIESCENT CURRENT
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7A6133QKVURQ1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS7A6133QKVURQ1 Datasheet HTML 2Page - Texas Instruments TPS7A6133QKVURQ1 Datasheet HTML 3Page - Texas Instruments TPS7A6133QKVURQ1 Datasheet HTML 4Page - Texas Instruments TPS7A6133QKVURQ1 Datasheet HTML 5Page - Texas Instruments TPS7A6133QKVURQ1 Datasheet HTML 6Page - Texas Instruments TPS7A6133QKVURQ1 Datasheet HTML 7Page - Texas Instruments TPS7A6133QKVURQ1 Datasheet HTML 8Page - Texas Instruments TPS7A6133QKVURQ1 Datasheet HTML 9Page - Texas Instruments TPS7A6133QKVURQ1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
GND
VOUT
VIN
nRST
RDELAY/
ENABLE
1
2
3
4
5
GND
VOUT
VIN
nRST
RDELAY/
ENABLE
1
2
3
4
5
TPS7A6033-Q1, TPS7A6050-Q1
TPS7A6133-Q1, TPS7A6150-Q1
SLVSA62G – MARCH 2010 – REVISED MARCH 2012
www.ti.com
DEVICE INFORMATION
KTT PACKAGE
KVU PACKAGE
(TOP VIEW)
(TOP VIEW)
TERMINAL FUNCTIONS
NO.
NAME
TYPE
DESCRIPTION
Input voltage pin: The unregulated input voltage is supplied to this pin. A bypass capacitor is connected
1
VIN
I
between VIN pin and GND pin to dampen input line transients.
2
nRST
O
Reset pin: This is an output pin with an external pull up resistor connected to VOUT pin.
3
GND
I/O
Ground pin: This is signal ground pin of the IC.
Reset delay timer pin (for TPS7A60xx only): This pin is used to program the reset delay timer using an
RDELAY
O
external capacitor (CDLY) to ground.
4
Enable pin (for TPS7A61xx only): This is a high voltage tolerant input pin with an internal pull down. A
EN
I
high input to this pin activates the device and turns the regulator ON. This input can be connected to
VIN terminal for self bias applications. If this pin is not connected, the device will stay disabled.
Regulated output voltage pin: This is a regulated voltage output (VOUT = 3.3V or 5V, as applicable) pin
5
VOUT
O
with a limitation on maximum output current. In order to achieve stable operation and prevent oscillation,
an external output capacitor (COUT) with low ESR is connected between this pin and GND pin.
6
Submit Documentation Feedback
Copyright © 2010–2012, Texas Instruments Incorporated
Product Folder Link(s): TPS7A6033-Q1 TPS7A6050-Q1


Similar Part No. - TPS7A6133QKVURQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A6133QKVURQ1 TI1-TPS7A6133QKVURQ1 Datasheet
1Mb / 34P
[Old version datasheet]   300-mA, 40-V Low-Dropout Regulator
More results

Similar Description - TPS7A6133QKVURQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A6033-Q1 TI1-TPS7A6033-Q1_14 Datasheet
1Mb / 26P
[Old version datasheet]   300-mA 40-V LOW-DROPOUT REGULATOR WITH 25-關A QUIESCENT CURRENT
TPS7A6201-Q1 TI-TPS7A6201-Q1_15 Datasheet
695Kb / 20P
[Old version datasheet]   300-mA 40-V LOW-DROPOUT REGULATOR WITH 25-關A QUIESCENT CURRENT
TPS7A6201-Q1 TI1-TPS7A6201-Q1_14 Datasheet
728Kb / 21P
[Old version datasheet]   300-mA 40-V LOW-DROPOUT REGULATOR WITH 25-關A QUIESCENT CURRENT
TPS7A6533-Q1 TI1-TPS7A6533-Q1 Datasheet
813Kb / 18P
[Old version datasheet]   300-mA 40-V LOW-DROPOUT REGULATOR WITH 25-關A QUIESCENT CURRENT
TPS7A6550-Q1 TI-TPS7A6550-Q1_15 Datasheet
989Kb / 18P
[Old version datasheet]   300-mA 40-V LOW-DROPOUT REGULATOR WITH 25-關A QUIESCENT CURRENT
TPS7A6201-Q1 TI1-TPS7A6201-Q1 Datasheet
728Kb / 20P
[Old version datasheet]   300-mA 40-V LOW-DROPOUT REGULATOR WITH 25-關A QUIESCENT CURRENT
TPS7A6533-Q1 TI1-TPS7A6533-Q1_17 Datasheet
1Mb / 26P
[Old version datasheet]   300-mA, 40-V, Low-Dropout Regulator With 25-UA Quiescent Current
logo
STMicroelectronics
ST732 STMICROELECTRONICS-ST732 Datasheet
721Kb / 21P
   300 mA, 28 V low-dropout voltage regulator, with 5 關A quiescent current
Rev 3 - April 2021
logo
ON Semiconductor
NCP717 ONSEMI-NCP717 Datasheet
549Kb / 16P
   300 mA, Very-Low Quiescent Current, IQ 25 A, Low Noise, Low Dropout Regulator
February, 2015 ??Rev. 7
logo
Texas Instruments
TPS7A6033-Q1 TI1-TPS7A6033-Q1_16 Datasheet
1Mb / 34P
[Old version datasheet]   300-mA, 40-V Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com