Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2556 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2556
Description  PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2556 Datasheet(HTML) 4 Page - Texas Instruments

  TPS2556 Datasheet HTML 1Page - Texas Instruments TPS2556 Datasheet HTML 2Page - Texas Instruments TPS2556 Datasheet HTML 3Page - Texas Instruments TPS2556 Datasheet HTML 4Page - Texas Instruments TPS2556 Datasheet HTML 5Page - Texas Instruments TPS2556 Datasheet HTML 6Page - Texas Instruments TPS2556 Datasheet HTML 7Page - Texas Instruments TPS2556 Datasheet HTML 8Page - Texas Instruments TPS2556 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
TPS2556
TPS2557
SLVS931A
– NOVEMBER 2009 – REVISED FEBRUARY 2012
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
over recommended operating conditions, V/EN = 0 V, or VEN = VIN (unless otherwise noted)
PARAMETER
TEST CONDITIONS(1)
MIN
TYP
MAX
UNIT
SUPPLY CURRENT
IIN_off
Supply current, low-level output
VIN = 6.5 V, No load on OUT, V EN = 6.5 V or VEN = 0 V
0.1
2.0
μA
RILIM = 24.9 kΩ
95
120
μA
IIN_on
Supply current, high-level output
VIN = 6.5 V, No load on OUT
RILIM = 100 kΩ
85
110
μA
IREV
Reverse leakage current
VOUT = 6.5 V, VIN = 0 V
TJ = 25 °C
0.01
1
μA
UNDERVOLTAGE LOCKOUT
UVLO
Low-level input voltage, IN
VIN rising
2.35
2.45
V
Hysteresis, IN
35(3)
mV
FAULT FLAG
VOL
Output low voltage, FAULT
I/FAULT = 1 mA
180
mV
Off-state leakage
V/FAULT = 6.5 V
1
μA
FAULT deglitch
FAULT assertion or de-assertion due to overcurrent condition
6
9
13
ms
THERMAL SHUTDOWN
OTSD2
Thermal shutdown threshold
155
°C
Thermal shutdown threshold in
OTSD
135
°C
current-limit
Hysteresis
20(3)
°C
(3)
These parameters are provided for reference only, and do no constitute part of TI
's published specifications for purposes of TI's product
warranty.
4
Submit Documentation Feedback
Copyright
© 2009–2012, Texas Instruments Incorporated
Product Folder Link(s): TPS2556 TPS2557


Similar Part No. - TPS2556

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2556 TI1-TPS2556 Datasheet
1Mb / 28P
[Old version datasheet]   Precision Automotive Adjustable Current-Limited Power-Distribution Switches
TPS2556-Q1 TI1-TPS2556-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   Precision Automotive Adjustable Current-Limited Power-Distribution Switches
TPS2556QDRB TI1-TPS2556QDRB Datasheet
1Mb / 28P
[Old version datasheet]   Precision Automotive Adjustable Current-Limited Power-Distribution Switches
TPS2556QDRBRQ1 TI1-TPS2556QDRBRQ1 Datasheet
1Mb / 28P
[Old version datasheet]   Precision Automotive Adjustable Current-Limited Power-Distribution Switches
TPS2556QDRBTQ1 TI1-TPS2556QDRBTQ1 Datasheet
1Mb / 28P
[Old version datasheet]   Precision Automotive Adjustable Current-Limited Power-Distribution Switches
More results

Similar Description - TPS2556

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2553QDBVRQ1 TI-TPS2553QDBVRQ1 Datasheet
1Mb / 29P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2552 TI-TPS2552 Datasheet
1Mb / 26P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2552 TI-TPS2552_09 Datasheet
1Mb / 31P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
Unisonic Technologies
US210AD UTC-US210AD Datasheet
163Kb / 5P
   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
SG Micro Corp
SGM2553 SGMICRO-SGM2553 Datasheet
780Kb / 12P
   Precision Adjustable Current Limited Power Distribution Switches
JUNE2018-REV.A.3
logo
Texas Instruments
TPS2552 TI-TPS2552_10 Datasheet
1Mb / 31P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2552D TI1-TPS2552D Datasheet
743Kb / 31P
[Old version datasheet]   Precision Adjustable Current-Limited Power-Distribution Switches
TPS2554 TI1-TPS2554_16 Datasheet
1Mb / 24P
[Old version datasheet]   Precision Adjustable Current-Limited, Power-Distribution Switches
TPS2554 TI1-TPS2554 Datasheet
1Mb / 23P
[Old version datasheet]   Precision Adjustable Current-Limited, Power-Distribution Switches
TPS2552 TI1-TPS2552_17 Datasheet
1Mb / 38P
[Old version datasheet]   Precision Adjustable Current-Limited Power-Distribution Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com