Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS3610U18PW Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3610U18PW
Description  BATTERY-BACKUP SUPERVISORS FOR RAM RETENTION
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3610U18PW Datasheet(HTML) 1 Page - Texas Instruments

  TPS3610U18PW Datasheet HTML 1Page - Texas Instruments TPS3610U18PW Datasheet HTML 2Page - Texas Instruments TPS3610U18PW Datasheet HTML 3Page - Texas Instruments TPS3610U18PW Datasheet HTML 4Page - Texas Instruments TPS3610U18PW Datasheet HTML 5Page - Texas Instruments TPS3610U18PW Datasheet HTML 6Page - Texas Instruments TPS3610U18PW Datasheet HTML 7Page - Texas Instruments TPS3610U18PW Datasheet HTML 8Page - Texas Instruments TPS3610U18PW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
TPS3610U18, TPS3610T50
BATTERY BACKUP SUPERVISORS FOR RAM RETENTION
SLVS327B – DECEMBER 2000 – REVISED DECEMBER 2002
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
features
D Supply Current of 40 µA (Max)
D Battery Supply Current of 100 nA (Max)
D Precision Supply-Voltage Monitor,
1.8 V, 5 V; Other Options on Request
D Watchdog Timer With 800-ms Time-Out
D Backup-Battery Voltage Can Exceed VDD
D Power-On Reset Generator With Fixed
100-ms Reset Delay Time
D Battery-OK Output
D Voltage Monitor for Power-Fail or
Low-Battery Monitoring
D Manual Switchover to Battery-Backup
Mode
D Chip-Enable Gating ... 3 ns (at VDD = 5 V)
Max Propagation Delay
D Battery-Freshness Seal
D 14-pin TSSOP Package
D Temperature Range ... –40°C to 85°C
typical applications
D Fax Machines
D Set-Top Boxes
D Advanced Voice Mail Systems
D Portable Battery-Powered Equipment
D Computer Equipment
D Advanced Modems
D Automotive Systems
D Portable Long-Time Monitoring Equipment
D Point of Sale Equipment
typical operating circuit
CEIN
CEOUT
VDD
VBAT
PFI
Backup
Battery
RESET
WDI
PFO
BATTOK
BATTON
VOUT
GND
MSWITCH
Rx
Ry
External
Source
0.1
µF
Power
Supply
Address Bus
GND
RESET
I/O
I/O
I/O
I/O
VCC
Data Bus
16
Address
Decoder
0.1
µF
TPS3610
uC
CMOS
RAM
CE
VCC
8
CMOS
RAM
CE
VCC
8
Real-
Time
Clock
VCC
LOWLINE
I/O
Switchover
Capacitor
Copyright
 2002, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
VBAT
RESET
WDI
LOWLINE
CEOUT
BATTOK
PFO
VOUT
VDD
GND
MSWITCH
CEIN
BATTON
PFI
TPS3610
TSSOP (PW) Package
(TOP VIEW)
ACTUAL SIZE
(5,10mm x 6,60mm)
1
2
3
4
5
6
7
14
13
12
11
10
9
8


Similar Part No. - TPS3610U18PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3610U18PW TI-TPS3610U18PW Datasheet
543Kb / 26P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR RAM RETENTION
TPS3610U18PW TI1-TPS3610U18PW Datasheet
1Mb / 27P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR RAM RETENTION
TPS3610U18PWG4 TI-TPS3610U18PWG4 Datasheet
543Kb / 26P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR RAM RETENTION
TPS3610U18PWR TI-TPS3610U18PWR Datasheet
543Kb / 26P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR RAM RETENTION
TPS3610U18PWR TI1-TPS3610U18PWR Datasheet
1Mb / 27P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR RAM RETENTION
More results

Similar Description - TPS3610U18PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3610U18 TI-TPS3610U18 Datasheet
543Kb / 26P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR RAM RETENTION
TPS3619-33 TI-TPS3619-33 Datasheet
337Kb / 18P
[Old version datasheet]   BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
TPS3619-33 TI1-TPS3619-33_16 Datasheet
870Kb / 17P
[Old version datasheet]   BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
TPS3619-33-EP TI1-TPS3619-33-EP_14 Datasheet
625Kb / 18P
[Old version datasheet]   BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
TPS3619-33-EP TI1-TPS3619-33-EP Datasheet
618Kb / 18P
[Old version datasheet]   BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
TPS3610U18 TI1-TPS3610U18_16 Datasheet
1Mb / 27P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR RAM RETENTION
TPS3617-50 TI1-TPS3617-50 Datasheet
271Kb / 15P
[Old version datasheet]   BATTERY-BACKUP SUPERVISOR FOR RAM RETENTION
TPS3617 TI1-TPS3617 Datasheet
612Kb / 17P
[Old version datasheet]   BATTERY-BACKUP SUPERVISOR FOR RAM RETENTION
TPS3631-01 TI1-TPS3631-01 Datasheet
469Kb / 19P
[Old version datasheet]   ADJUSTABLE BATTERY-BACKUP SUPERVISOR FOR RAM RETENTION
TPS3613-01 TI1-TPS3613-01 Datasheet
319Kb / 15P
[Old version datasheet]   Adustable battery-backup supervisor for ram retention
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com