Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST28SF040A-90-4C-WH Datasheet(PDF) 11 Page - Silicon Storage Technology, Inc

Part # SST28SF040A-90-4C-WH
Description  4 Mbit (512K x8) SuperFlash EEPROM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST28SF040A-90-4C-WH Datasheet(HTML) 11 Page - Silicon Storage Technology, Inc

Back Button SST28SF040A-90-4C-WH Datasheet HTML 7Page - Silicon Storage Technology, Inc SST28SF040A-90-4C-WH Datasheet HTML 8Page - Silicon Storage Technology, Inc SST28SF040A-90-4C-WH Datasheet HTML 9Page - Silicon Storage Technology, Inc SST28SF040A-90-4C-WH Datasheet HTML 10Page - Silicon Storage Technology, Inc SST28SF040A-90-4C-WH Datasheet HTML 11Page - Silicon Storage Technology, Inc SST28SF040A-90-4C-WH Datasheet HTML 12Page - Silicon Storage Technology, Inc SST28SF040A-90-4C-WH Datasheet HTML 13Page - Silicon Storage Technology, Inc SST28SF040A-90-4C-WH Datasheet HTML 14Page - Silicon Storage Technology, Inc SST28SF040A-90-4C-WH Datasheet HTML 15Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Data Sheet
4 Mbit SuperFlash EEPROM
SST28SF040A / SST28VF040A
11
©2001 Silicon Storage Technology, Inc.
S71077-04-000
6/01
310
TABLE 13: ERASE/PROGRAM CYCLE TIMING PARAMETERS
IEEE
Symbol
Industry
Symbol
Parameter
SST28SF040A
SST28VF040A
Units
Min
Max
Min
Max
tAVA
TBP
Byte-Program Cycle Time
40
40
µs
tWLWH
TWP
Write Pulse Width (WE#)
90
100
ns
tAVWL
TAS
Address Setup Time
10
10
ns
tWLAX
TAH
Address Hold Time
50
100
ns
tELWL
TCS
CE# Setup Time
0
0
ns
tWHEX
TCH
CE# Hold Time
0
0
ns
tGHWL
TOES
OE# High Setup Time
10
20
ns
tWGL
TOEH
OE# High Hold Time
10
20
ns
tWLEH
TCP
Write Pulse Width (CE#)
90
100
ns
tDVWH
TDS
Data Setup Time
50
100
ns
tWHDX
TDH
Data Hold Time
10
20
ns
tWHWL2
TSE
Sector-Erase Cycle Time
4
4
ms
TRST1
Reset Command Recovery Time
4
4
µs
tWHWL3
TSCE
Software Chip-Erase Cycle Time
20
20
ms
tEHEL
TCPH
CE# High Pulse Width
50
50
ns
tWHWL1
TWPH
WE# High Pulse Width
50
50
ns
TPCP1
Protect CE# or OE# Pulse Width
50
50
ns
TPCH1
Protect CE# or OE# High Time
50
50
ns
TPAS1
Protect Address Setup Time
40
40
ns
TPAH1
Protect Address Hold Time
0
0
ns
T13.6 310
1. This parameter is measured only for initial qualification and after a design or process change that could affect this parameter.


Similar Part No. - SST28SF040A-90-4C-WH

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST28SF040A-90-4C-EH SST-SST28SF040A-90-4C-EH Datasheet
339Kb / 26P
   4 Mbit (512K x8) SuperFlash EEPROM
SST28SF040A-90-4C-NH SST-SST28SF040A-90-4C-NH Datasheet
339Kb / 26P
   4 Mbit (512K x8) SuperFlash EEPROM
SST28SF040A-90-4C-PH SST-SST28SF040A-90-4C-PH Datasheet
339Kb / 26P
   4 Mbit (512K x8) SuperFlash EEPROM
More results

Similar Description - SST28SF040A-90-4C-WH

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST28SF040A SST-SST28SF040A_03 Datasheet
339Kb / 26P
   4 Mbit (512K x8) SuperFlash EEPROM
logo
Greenliant systems
GLS36VF1601G GREENLIANT-GLS36VF1601G Datasheet
1Mb / 36P
   16 Mbit (x8/x16) Concurrent SuperFlash
logo
Silicon Storage Technol...
SST36VF1602E SST-SST36VF1602E Datasheet
419Kb / 35P
   16 Mbit (x8/x16) Concurrent SuperFlash
SST36VF3203 SST-SST36VF3203 Datasheet
431Kb / 34P
   32 Mbit (x8/x16) Concurrent SuperFlash
SST36VF1601G SST-SST36VF1601G Datasheet
935Kb / 36P
   16 Mbit (x8/x16) Concurrent SuperFlash
logo
STMicroelectronics
M68AF511AL STMICROELECTRONICS-M68AF511AL Datasheet
93Kb / 18P
   4 Mbit (512K x8), 5V Asynchronous SRAM
M68AW511A STMICROELECTRONICS-M68AW511A Datasheet
134Kb / 21P
   4 Mbit (512K x8) 3.0V Asynchronous SRAM
M68AF511A STMICROELECTRONICS-M68AF511A Datasheet
129Kb / 18P
   4 Mbit (512K x8), 5V Asynchronous SRAM
logo
Silicon Storage Technol...
SST34HF1621 SST-SST34HF1621 Datasheet
486Kb / 32P
   16 Mbit Concurrent SuperFlash 2 / 4 Mbit SRAM ComboMemory
SST34HF3244C SST-SST34HF3244C Datasheet
778Kb / 40P
   32 Mbit Concurrent SuperFlash 4 Mbit SRAM ComboMemory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com