Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GBU25M Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # GBU25M
Description  Silicon Bridge Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

GBU25M Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  GBU25M Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd GBU25M Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
-
+
3.7± 0.35
22.3± 0.3
AC
2.4± 0.2
1.2± 0.15
5.0± 0.3
3.8± 0.2
0.5± 0.15
2.5± 0.2
4 45°
Ideal for printed circuit board
Reliable low cos t cons truction utilizing m olded
plas tic technique
Plas tic m aterrial has U/L flam m ability clas s ification
94V-O
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
am bient tem perature unles s otherwis e s pecified.
Single phase,half wave,60 Hz,res istive or inductive load. For capacitive load,derate by 20%.
GBU
25D
GBU
25G
GBU
25J
GBU
25K
GBU
25M
UNITS
Maximum recurrent peak reverse voltage
VRRM
200
400
600
800
1000
V
Maximum RMS voltage
VRMS
140
280
420
560
700
V
Maximum DC blocking voltage
VDC
200
400
600
800
1000
V
Maximum average forw ard Tc=100
output current
Peak forw ard surge current
8.3ms single half-sine-w ave
superimposed on rated load
Maximum instantaneous forw ard voltage
at 12.5 A
VF
V
Maximum reverse current
@T
A=25
μA
at rated DC blocking voltage
@T
A=125
mA
Typical junction capacitance per leg (note 3)
CJ
pF
Typical thermal resistance per leg
(note 2)
RθJA
(note 1)
RθJC
Operating junction temperature range
TJ
Storage temperature range
TSTG
2. Units m ounted in f ree air, no heat sink on P.C.B., 0.5x0.5"(12x12m m ) copper pads, 0.375"(9.5m m ) lead length.
3. Measured at 1.0 MHz and applied rev erse v oltage of 4.0 v olts.
GBU
25A
GBU
25B
50
100
1.0
500.0
3
40
IFSM
A
5.0
Mounting pos ition: Any
IF(AV)
25.0
A
100
70
VOLT AGE RANGE: 50 --- 1000 V
CURRENT :
25.0 A
35
5
0
GBU
NOTE: 1. Unit case m ounted on 3.2x3.2x0.12" thick (6.2x8.2x0.3cm ) AI. Plate.
- 55 ---- + 150
- 55 ---- + 150
IR
2.2
/W
211
94
21.0
Dimensions in millimeters
GBU25A-GBU25M
Silicon Bridge Rectifiers
Features
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - GBU25M

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
GBU25M BILIN-GBU25M Datasheet
107Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Leshan Radio Company
GBU25M LRC-GBU25M Datasheet
180Kb / 3P
   High Current Glass Passivated Molding Single-Phase Bridge Rectifier
logo
Diode Semiconductor Kor...
GBU25M DSK-GBU25M Datasheet
153Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
SUNMATE electronic Co.,...
GBU25M SUNMATE-GBU25M Datasheet
380Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Galaxy Semi-Conductor H...
GBU25M BILIN-GBU25M Datasheet
150Kb / 3P
   Silicon Bridge Rectifiers
More results

Similar Description - GBU25M

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
KBL400 EIC-KBL400 Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR1500 EIC-BR1500 Datasheet
42Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR2500 EIC-BR2500 Datasheet
20Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR3500W EIC-BR3500W Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Comchip Technology
KBU600 COMCHIP-KBU600 Datasheet
138Kb / 3P
   Silicon Bridge Rectifiers
logo
Diotec Semiconductor
KBU6A DIOTEC-KBU6A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
KBU4A DIOTEC-KBU4A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
GBS4A DIOTEC-GBS4A_07 Datasheet
106Kb / 2P
   Silicon-Bridge-Rectifiers
GBU8A DIOTEC-GBU8A_07 Datasheet
112Kb / 2P
   Silicon-Bridge-Rectifiers
logo
Pan Jit International I...
KBP200 PANJIT-KBP200 Datasheet
79Kb / 2P
   SILICON BRIDGE RECTIFIERS
PB1000 PANJIT-PB1000 Datasheet
66Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com