Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS3895ADRYR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3895ADRYR
Description  Single-Channel, Adjustable Supervisory Circuit in Ultra-Small Package
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3895ADRYR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS3895ADRYR Datasheet HTML 2Page - Texas Instruments TPS3895ADRYR Datasheet HTML 3Page - Texas Instruments TPS3895ADRYR Datasheet HTML 4Page - Texas Instruments TPS3895ADRYR Datasheet HTML 5Page - Texas Instruments TPS3895ADRYR Datasheet HTML 6Page - Texas Instruments TPS3895ADRYR Datasheet HTML 7Page - Texas Instruments TPS3895ADRYR Datasheet HTML 8Page - Texas Instruments TPS3895ADRYR Datasheet HTML 9Page - Texas Instruments TPS3895ADRYR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
ENABLE
GND
SENSE
VCC
CT
SENSE_OUT
1
2
3
6
5
4
ENABLE
GND
SENSE
VCC
CT
SENSE_OUT
1
2
3
6
5
4
TPS3895, TPS3896
TPS3897, TPS3898
SBVS172A
– JULY 2011 – REVISED SEPTEMBER 2011
www.ti.com
PIN CONFIGURATIONS
DRY PACKAGE: TPS3895, TPS3897
DRY PACKAGE: TPS3896, TPS3898
USON-6
USON-6
(TOP VIEW)
(TOP VIEW)
PIN ASSIGNMENTS
TPS3895/
TPS3896/
PIN NAME
TPS3897
TPS3898
DESCRIPTION
Capacitor-adjustable delay. The CT pin offers a user-adjustable delay time. Connecting this
pin to a ground referenced capacitor sets the delay time for SENSE rising above 0.5 V to
CT
5
5
SENSE_OUT asserting (or ENABLE asserting to SENSE_OUT asserting for A version
devices).
tpd(r) (s) = (CCT (µF) × 4) + 40 µs
Active high input. Driving ENABLE low immediately makes SENSE_OUT go low,
independent of V(SENSE). With V(SENSE) already above VIT+, drive ENABLE high to make
ENABLE
1
SENSE_OUT go high after the capacitor-adjustable delay time (A version) or 0.2
µs (P
version).
Active low input. Driving ENABLE high immediately makes SENSE_OUT go high,
independent of V(SENSE). With V(SENSE) already above VIT+, drive ENABLE low to make
ENABLE
1
SENSE_OUT go low after the capacitor-adjustable delay time (A version) or 0.2
µs (P
version).
GND
2
2
Ground
This pin is connected to the voltage that is monitored with the use of external resistor. The
output asserts after the capacitor-adjustable delay time when V(SENSE) rises above 0.5 V and
SENSE
3
3
ENABLE is asserted. The output de-asserts after a minimal propagation delay (16
µs) when
V(SENSE) falls below VIT+ – Vhys.
SENSE_OUT is an open-drain/push-pull output that is immediately driven low after V(SENSE)
falls below VIT+ – Vhys or the ENABLE input is low. SENSE_OUT goes high after the
SENSE_OUT
4
capacitor-adjustable delay time when V(SENSE) is greater than VIT+ and the ENABLE pin is
high. Open-drain devices(TPS3897/8) can be pulled up to 18 V independent of VCC; pull-up
resistors are required for these devices.
SENSE_OUT is an open-drain/push-pull output that is immediately driven high after V(SENSE)
falls below VIT+ – Vhys or the ENABLE input is high. SENSE_OUT goes low after the
SENSE_OUT
4
capacitor-adjustable delay time when V(SENSE) is greater than VIT+ and the ENABLE pin is
low. Open-drain devices(TPS3897/8) can be pulled up to 18 V independent of VCC; pull-up
resistors are required for these devices.
Supply voltage input. Connect a 1.7-V to 6.5-V supply to VCC to power the device. It is good
VCC
6
6
analog design practice to place a 0.1-
µF ceramic capacitor close to this pin.
6
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): TPS3895 TPS3896 TPS3897 TPS3898


Similar Part No. - TPS3895ADRYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3895ADRYR TI1-TPS3895ADRYR Datasheet
987Kb / 31P
[Old version datasheet]   Single-Channel, Adjustable Voltage Monitor in Ultra-Small Package
More results

Similar Description - TPS3895ADRYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS389 TI1-TPS389 Datasheet
987Kb / 31P
[Old version datasheet]   Single-Channel, Adjustable Voltage Monitor in Ultra-Small Package
logo
Maxim Integrated Produc...
MAX6895 MAXIM-MAX6895_09 Datasheet
535Kb / 15P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 6; 11/09
MAX6895 MAXIM-MAX6895_11 Datasheet
281Kb / 15P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 8; 7/11
MAX6895 MAXIM-MAX6895_10 Datasheet
271Kb / 15P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 7; 7/10
MAX6895 MAXIM-MAX6895 Datasheet
354Kb / 18P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 5; 10/07
MAX6342SUT MAXIM-MAX6342SUT Datasheet
554Kb / 8P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 2; 12/05
MAX6895AAZTT MAXIM-MAX6895AAZTT Datasheet
281Kb / 15P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 8; 7/11
MAX6339 MAXIM-MAX6339 Datasheet
173Kb / 9P
   Quad Voltage 關P Supervisory Circuit in SOT Package
Rev 2; 10/01
logo
First Silicon Co., Ltd
FESD24VB17-1006 FS-FESD24VB17-1006 Datasheet
262Kb / 4P
   Ultra small package
2021. 07. 01 Revision No : 0
FESD5V0B03-0201 FS-FESD5V0B03-0201 Datasheet
1Mb / 4P
   Ultra small package
2021. 11. 01 Revision No : 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com