Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS3808G30QDBVRQ1 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3808G30QDBVRQ1
Description  LOW-QUIESCENT-CURRENT PROGRAMMABLE-DELAY SUPERVISORY CIRCUIT
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3808G30QDBVRQ1 Datasheet(HTML) 3 Page - Texas Instruments

  TPS3808G30QDBVRQ1 Datasheet HTML 1Page - Texas Instruments TPS3808G30QDBVRQ1 Datasheet HTML 2Page - Texas Instruments TPS3808G30QDBVRQ1 Datasheet HTML 3Page - Texas Instruments TPS3808G30QDBVRQ1 Datasheet HTML 4Page - Texas Instruments TPS3808G30QDBVRQ1 Datasheet HTML 5Page - Texas Instruments TPS3808G30QDBVRQ1 Datasheet HTML 6Page - Texas Instruments TPS3808G30QDBVRQ1 Datasheet HTML 7Page - Texas Instruments TPS3808G30QDBVRQ1 Datasheet HTML 8Page - Texas Instruments TPS3808G30QDBVRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
TPS3808-Q1
www.ti.com
SBVS085H – JANUARY 2007 – REVISED JUNE 2012
ELECTRICAL CHARACTERISTICS
1.8 V
≤ VDD ≤ 6.5 V, RLRESET = 100 kΩ, CLRESET = 50 pF, over operating temperature range (TJ = –40°C to 125°C) (unless
otherwise noted), typical values at TJ = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VDD
Input supply range
1.8
6.5
V
VDD = 3.3 V, RESET not asserted, MR, RESET, CT open
2.4
5
IDD
Supply current (into VDD pin)
μA
VDD = 6.5 V, RESET not asserted, MR, RESET, CT open
2.7
6
1.3 V
≤ VDD < 1.8 V, IOL = 0.4 mA
0.3
VOL
Low-level output voltage
V
1.8 V
≤ VDD ≤ 6.5 V, IOL = 1 mA
0.4
Power-up reset voltage(1)
VOL (max) = 0.2 V, I RESET = 15 μA
0.8
V
TPS3808G01
–2
±1
+2
VIT ≤ 3.3 V
–1.5
±0.5
+1.5
Negative-going input
VIT
3.3 V < VIT ≤ 5 V
–2
±1
+2
%
threshold accuracy
VIT ≤ 3.3 V
–1.25
±0.5
+1.25
–40°C < TJ < 85°C
3.3 V < VIT ≤ 5 V
–1.5
±0.5
+1.5
TPS3808G01
1.5
3
VHYS
Hysteresis on VIT pin
–40°C < TJ < 85°C
1
2
%VIT
1
2.5
RMR
MR internal pullup resistance
VSENSE = VIT
70
90
k
TPS3808G01
–25
25
nA
ISENSE Input current at SENSE pin
VSENSE = 6.5 V
1.7
μA
IOH
RESET leakage current
V RESET = 6.5 V, RESET not asserted
300
nA
CT pin
VIN = 0 V to VDD
5
CIN
Input capacitance, any pin
pF
Other pins
VIN = 0 V to 6.5 V
5
VIL
MR logic low input
0
0.3 VDD
V
VIH
MR logic high input
0.7 VDD
VDD
V
SENSE
VIH = 1.05 VIT, VIL = 0.95 VIT
20
tw
Maximum transient duration
μs
MR
VIH = 0.7 VDD, VIL = 0.3 VDD
0.001
CT = Open
12
20
28
CT = VDD
180
300
420
ms
td
RESET delay time
See timing diagram
CT = 100 pF
0.75
1.25
1.75
CT = 180 nF
0.7
1.2
1.7
s
Propagation delay
MR to RESET
VIH = 0.7 VDD, VIL = 0.3 VDD
150
ns
tpHL
High-level to low-level
SENSE to RESET
VIH = 1.05 VIT, VIL = 0.95 VIT
20
μs
RESET delay
Thermal resistance,
θJA
290
°C/W
junction to ambient
(1)
Power-up reset voltage is the lowest supply voltage (VDD) at which RESET becomes active (trise(VDD) ≥ 15 μs/V).
Copyright © 2007–2012, Texas Instruments Incorporated
3


Similar Part No. - TPS3808G30QDBVRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3808G30QDBVRQ1 TI1-TPS3808G30QDBVRQ1 Datasheet
1Mb / 25P
[Old version datasheet]   Low-Quiescent-Current Programmable-Delay Supervisory Circuit
More results

Similar Description - TPS3808G30QDBVRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3808G125 TI-TPS3808G125 Datasheet
275Kb / 15P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808_101 TI-TPS3808_101 Datasheet
696Kb / 22P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
logo
Monolithic Power System...
MPQ6400 MPS-MPQ6400 Datasheet
285Kb / 10P
   Low Quiescent Current Programmable-Delay Supervisory Circuit
logo
Texas Instruments
TPS3808-EP TI1-TPS3808-EP Datasheet
464Kb / 15P
[Old version datasheet]   LOW QUIESCENT CURRENT, PROGRAMMABLE DELAY SUPERVISORY CIRCUIT
TPS3808 TI1-TPS3808_17 Datasheet
1Mb / 32P
[Old version datasheet]   Low-Quiescent-Current, Programmable-Delay Supervisory Circuit
TPS3808 TI-TPS3808 Datasheet
417Kb / 15P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808 TI-TPS3808_07 Datasheet
545Kb / 21P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808G01-Q1 TI1-TPS3808G01-Q1_16 Datasheet
1Mb / 25P
[Old version datasheet]   Low-Quiescent-Current Programmable-Delay Supervisory Circuit
logo
Monolithic Power System...
MP6400 MPS-MP6400 Datasheet
300Kb / 12P
   Low Quiescent Current Programmable-Delay Supervisory Circuit
logo
Texas Instruments
TPS3808 TI-TPS3808_10 Datasheet
680Kb / 21P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808_0808 TI-TPS3808_0808 Datasheet
689Kb / 20P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com