Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS22966DPUR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22966DPUR
Description  Dual Channel, Ultra-Low Resistance Load Switch
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS22966DPUR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS22966DPUR Datasheet HTML 7Page - Texas Instruments TPS22966DPUR Datasheet HTML 8Page - Texas Instruments TPS22966DPUR Datasheet HTML 9Page - Texas Instruments TPS22966DPUR Datasheet HTML 10Page - Texas Instruments TPS22966DPUR Datasheet HTML 11Page - Texas Instruments TPS22966DPUR Datasheet HTML 12Page - Texas Instruments TPS22966DPUR Datasheet HTML 13Page - Texas Instruments TPS22966DPUR Datasheet HTML 14Page - Texas Instruments TPS22966DPUR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
0
4
8
12
16
20
24
0.8 1.2 1.6
2
2.4 2.8 3.2 3.6
4
4.4 4.8 5.2 5.6
VIN (V)
−40C
25C
70C
85C
VBIAS = 5.5V
CT = 1nf
G041
0
10
20
30
40
50
60
70
80
90
100
110
120
130
140
150
160
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
VIN (V)
−40C
25C
70C
85C
VBIAS = 2.5V
CT = 1nf
G042
300
350
400
450
500
550
600
650
0.8 1.2 1.6
2
2.4 2.8 3.2 3.6
4
4.4 4.8 5.2 5.5
VIN (V)
−40C
25C
70C
85C
VBIAS = 5.5V, CT = 1nf
G035
0
4
8
12
16
20
24
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
VIN (V)
−40C
25C
70C
85C
VBIAS = 2.5V
CT = 1nf
G036
TPS22966
www.ti.com
SLVSBH4A – JUNE 2012 – REVISED JULY 2012
TYPICAL CHARACTERISTICS (continued)
VIN vs. tD
VIN vs. tF
(VBIAS = 5.5V, CT = 1nF)
(VBIAS = 2.5V, CT = 1nF)
VIN vs. tF
VIN vs. tOFF
(VBIAS = 5.5V, CT = 1nF)
(VBIAS = 2.5V, CT = 1nF)
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TPS22966


Similar Part No. - TPS22966DPUR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22966 TI1-TPS22966 Datasheet
1Mb / 30P
[Old version datasheet]   Dual-Channel, Ultralow Resistance Load Switch
TPS22966-Q1 TI1-TPS22966-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   Dual-Channel, Ultralow Resistance Load Switch
TPS22966TDPURQ1 TI1-TPS22966TDPURQ1 Datasheet
1Mb / 30P
[Old version datasheet]   Dual-Channel, Ultralow Resistance Load Switch
TPS22966TDPUTQ1 TI1-TPS22966TDPUTQ1 Datasheet
1Mb / 30P
[Old version datasheet]   Dual-Channel, Ultralow Resistance Load Switch
More results

Similar Description - TPS22966DPUR

ManufacturerPart #DatasheetDescription
logo
Excelliance MOS Corp.
EM5208 EXCELLIANCE-EM5208 Datasheet
872Kb / 9P
   Dual Channel, Ultra-Low Resistance Load Switch
EM5209 EXCELLIANCE-EM5209 Datasheet
1Mb / 10P
   Dual Channel, Ultra-Low Resistance Load Switch
logo
Richtek Technology Corp...
RT9740A RICHTEK-RT9740A Datasheet
248Kb / 16P
   Dual Channel, Ultra-Low Resistance Load Switch
logo
Texas Instruments
TPS22968 TI1-TPS22968 Datasheet
1Mb / 33P
[Old version datasheet]   Dual Channel, Ultra-Low Resistance Load Switch
logo
Richtek Technology Corp...
RT9736A RICHTEK-RT9736A Datasheet
248Kb / 16P
   Dual Channel, Low Resistance Load Switch
logo
Texas Instruments
TPS22965 TI1-TPS22965 Datasheet
1Mb / 25P
[Old version datasheet]   Single Channel, Ultra-Low Resistance Load Switch
TPS22967 TI1-TPS22967 Datasheet
1Mb / 26P
[Old version datasheet]   Single Channel, Ultra-Low Resistance Load Switch
TPS22930 TI-TPS22930 Datasheet
895Kb / 19P
[Old version datasheet]   ULTRA SMALL, LOW RESISTANCE LOAD SWITCH
TPS22966-Q1 TI1-TPS22966-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   Dual-Channel, Ultralow Resistance Load Switch
logo
Global Mixed-mode Techn...
GM5938 GMT-GM5938 Datasheet
47Kb / 1P
   Very Ultra-Low On-Resistance Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com