Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS28225-Q1 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS28225-Q1
Description  High-Frequency 4-A Sink Synchronous MOSFET Drivers
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS28225-Q1 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS28225-Q1 Datasheet HTML 5Page - Texas Instruments TPS28225-Q1 Datasheet HTML 6Page - Texas Instruments TPS28225-Q1 Datasheet HTML 7Page - Texas Instruments TPS28225-Q1 Datasheet HTML 8Page - Texas Instruments TPS28225-Q1 Datasheet HTML 9Page - Texas Instruments TPS28225-Q1 Datasheet HTML 10Page - Texas Instruments TPS28225-Q1 Datasheet HTML 11Page - Texas Instruments TPS28225-Q1 Datasheet HTML 12Page - Texas Instruments TPS28225-Q1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
TPS28225-Q1
TPS28226-Q1
www.ti.com
SLUSAR9A – DECEMBER 2011 – REVISED MAY 2012
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
SOIC-8
DRB-8
NAME
1
1
UGATE
O
Upper gate drive sink/source output. Connect to gate of high-side power N-Channel MOSFET.
Floating bootstrap supply pin for the upper gate drive. Connect the bootstrap capacitor between
2
2
BOOT
I/O
this pin and the PHASE pin. The bootstrap capacitor provides the charge to turn on the upper
MOSFET.
The PWM signal is the control input for the driver. The PWM signal can enter three distinct states
3
3
PWM
I
during operation, see the 3-state PWM Input section under DETAILED DESCRIPTION for further
details. Connect this pin to the PWM output of the controller.
4
4
GND
Ground pin. All signals are referenced to this node.
Exposed
Thermal
Connect directly to the GND for better thermal performance and EMI
die pad
pad
Lower gate drive sink/source output. Connect to the gate of the low-side power N-Channel
5
5
LGATE
O
MOSFET.
6
6
VDD
I
Connect this pin to a 5-V bias supply. Place a high quality bypass capacitor from this pin to GND.
Enable/Power Good input/output pin with 1M
Ω impedance. Connect this pin to HIGH to enable and
LOW to disable the device. When disabled, the device draws less than 350
μA bias current. If the
7
7
EN/PG
I/O
VDD is below UVLO threshold or over temperature shutdown occurs, this pin is internally pulled
low.
Connect this pin to the source of the upper MOSFET and the drain of the lower MOSFET. This pin
8
8
PHASE
I
provides a return path for the upper gate driver.
TRUTH TABLE
VDD FALLING > 3 V AND TJ < 150°C
VDD RISING < 3.5 V
EN/PG FALLING > 1.0 V
PIN
EN/PG RISING
OR TJ > 160°C
PWM > 1.5 V AND
PWM SIGNAL SOURCE IMPEDANCE
< 1.7 V
PWM < 1 V
TRISE/TFALL < 200 ns
>40 k
Ω FOR > 250ns (3-State)(1)
LGATE
Low
Low
High
Low
Low
UGATE
Low
Low
Low
High
Low
EN/PG
Low
(1)
To exit the 3-state condition, the PWM signal should go low. One Low PWM input signal followed by one High PWM input signal is
required before re-entering the 3-state condition.
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TPS28225-Q1 TPS28226-Q1


Similar Part No. - TPS28225-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS28225-Q1 TI1-TPS28225-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   TPS28225-Q1 High-Frequency 4-A Sink Synchronous MOSFET Drivers
TPS28225-Q1 TI1-TPS28225-Q1_15 Datasheet
1Mb / 38P
[Old version datasheet]   TPS28225-Q1 High-Frequency 4-A Sink Synchronous MOSFET Drivers
More results

Similar Description - TPS28225-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS28226 TI-TPS28226 Datasheet
1Mb / 35P
[Old version datasheet]   High-Frequency 4-A Sink Synchronous MOSFET Drivers
TPS28225 TI1-TPS28225_15 Datasheet
1Mb / 38P
[Old version datasheet]   TPS28225 High-Frequency 4-A Sink Synchronous MOSFET Drivers
TPS28226 TI1-TPS28226_15 Datasheet
1Mb / 39P
[Old version datasheet]   TPS28226 High-Frequency 4-A Sink Synchronous MOSFET Drivers
TPS28225-Q1 TI1-TPS28225-Q1_15 Datasheet
1Mb / 38P
[Old version datasheet]   TPS28225-Q1 High-Frequency 4-A Sink Synchronous MOSFET Drivers
TPS28225 TI-TPS28225 Datasheet
987Kb / 30P
[Old version datasheet]   High-Frequency 4-A Sink Synchronous MOSFET Driver
logo
Intersil Corporation
ISL6615A INTERSIL-ISL6615A Datasheet
239Kb / 12P
   High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features
ISL6615ACBZ INTERSIL-ISL6615ACBZ Datasheet
414Kb / 12P
   High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features
April 13, 2012
ISL6615AIRZ-T INTERSIL-ISL6615AIRZ-T Datasheet
412Kb / 12P
   High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features
logo
Renesas Technology Corp
ISL6615 RENESAS-ISL6615 Datasheet
567Kb / 11P
   High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features
ISL6615A RENESAS-ISL6615A Datasheet
626Kb / 13P
   High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com