Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS40200-HT Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS40200-HT
Description  WIDE-INPUT-RANGE NONSYNCHRONOUS VOLTAGE-MODE CONTROLLER
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS40200-HT Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS40200-HT Datasheet HTML 7Page - Texas Instruments TPS40200-HT Datasheet HTML 8Page - Texas Instruments TPS40200-HT Datasheet HTML 9Page - Texas Instruments TPS40200-HT Datasheet HTML 10Page - Texas Instruments TPS40200-HT Datasheet HTML 11Page - Texas Instruments TPS40200-HT Datasheet HTML 12Page - Texas Instruments TPS40200-HT Datasheet HTML 13Page - Texas Instruments TPS40200-HT Datasheet HTML 14Page - Texas Instruments TPS40200-HT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 45 page
background image
0
1
2
3
4
5
6
5
10
15
20
25
30
35
40
45
50
55
VDD (V)
T = 25°C
J
0
100
200
300
400
500
600
700
800
900
1000
1100
1200
1300
-65
-40
-15
10
35
60
85
110
135
160
185
210
Temperature (°C)
0
50
100
150
200
250
300
-65
-40
-15
10
35
60
85
110
135
160
185
210
Temperature (°C)
0
0.5
1
1.5
2
2.5
3
3.5
-65
-40
-15
10
35
60
85
110
135
160
185
210
Temperature (°C)
TPS40200-HT
www.ti.com
SGLS400B – OCTOBER 2009 – REVISED MAY 2010
TYPICAL CHARACTERISTICS (continued)
FEEDBACK AMPLIFIER INPUT BIAS CURRENT
vs
MODULATOR RAMP AMPLITUDE
TEMPERATURE
vs
VDD
(VDD = 12 V)
Figure 16.
Figure 17.
COMP SOURCE CURRENT
COMP SINK CURRENT
vs
vs
TEMPERATURE
TEMPERATURE
Figure 18.
Figure 19.
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TPS40200-HT


Similar Part No. - TPS40200-HT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40200-HT TI-TPS40200-HT Datasheet
1Mb / 48P
[Old version datasheet]   WIDE-INPUT-RANGE NONSYNCHRONOUS VOLTAGE-MODE CONTROLLER
TPS40200-HT TI-TPS40200-HT_15 Datasheet
1Mb / 48P
[Old version datasheet]   WIDE-INPUT-RANGE NONSYNCHRONOUS VOLTAGE-MODE CONTROLLER
More results

Similar Description - TPS40200-HT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40200-EP TI-TPS40200-EP Datasheet
892Kb / 39P
[Old version datasheet]   WIDE-INPUT-RANGE NONSYNCHRONOUS VOLTAGE-MODE CONTROLLER
TPS40200-Q1 TI-TPS40200-Q1_15 Datasheet
694Kb / 40P
[Old version datasheet]   WIDE-INPUT-RANGE NONSYNCHRONOUS VOLTAGE-MODE CONTROLLER
TPS40200-Q1 TI1-TPS40200-Q1 Datasheet
616Kb / 41P
[Old version datasheet]   WIDE-INPUT-RANGE NONSYNCHRONOUS VOLTAGE-MODE CONTROLLER
TPS40200-Q1 TI1-TPS40200-Q1_16 Datasheet
1,016Kb / 40P
[Old version datasheet]   Wide-Input-Range Nonsynchronous Voltage-Mode Controller
TPS40200-EP TI-TPS40200-EP_08 Datasheet
1,023Kb / 41P
[Old version datasheet]   WIDE-INPUT-RANGE NONSYNCHRONOUS VOLTAGE-MODE CONTROLLER
TPS40200-EP TI-TPS40200-EP_15 Datasheet
1Mb / 43P
[Old version datasheet]   WIDE-INPUT-RANGE NONSYNCHRONOUS VOLTAGE-MODE CONTROLLER
TPS40200-HT TI-TPS40200-HT_15 Datasheet
1Mb / 48P
[Old version datasheet]   WIDE-INPUT-RANGE NONSYNCHRONOUS VOLTAGE-MODE CONTROLLER
TPS40200_081 TI-TPS40200_081 Datasheet
1Mb / 43P
[Old version datasheet]   WIDE INPUT RANGE NON-SYNCHRONOUS VOLTAGE MODE CONTROLLER
TPS40200 TI1-TPS40200_16 Datasheet
1Mb / 46P
[Old version datasheet]   Wide Input Range Non-Synchronous Voltage Mode Controller
TPS40200 TI-TPS40200_08 Datasheet
1Mb / 46P
[Old version datasheet]   WIDE INPUT RANGE NON-SYNCHRONOUS VOLTAGE MODE CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com