Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS40200SKGD1 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS40200SKGD1
Description  WIDE-INPUT-RANGE NONSYNCHRONOUS VOLTAGE-MODE CONTROLLER
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS40200SKGD1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS40200SKGD1 Datasheet HTML 4Page - Texas Instruments TPS40200SKGD1 Datasheet HTML 5Page - Texas Instruments TPS40200SKGD1 Datasheet HTML 6Page - Texas Instruments TPS40200SKGD1 Datasheet HTML 7Page - Texas Instruments TPS40200SKGD1 Datasheet HTML 8Page - Texas Instruments TPS40200SKGD1 Datasheet HTML 9Page - Texas Instruments TPS40200SKGD1 Datasheet HTML 10Page - Texas Instruments TPS40200SKGD1 Datasheet HTML 11Page - Texas Instruments TPS40200SKGD1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 45 page
background image
5
10
15
20
25
30
35
40
45
50
55
VDD (V)
0
0.5
1
1.5
2
2.5
3
1.56
1.57
1.58
1.59
1.6
1.61
1.62
1.63
1.64
1.65
1.66
1.67
-65
-40
-15
10
35
60
85
110 135 160 185 210
Temperature (°C)
149
149.5
150
150.5
151
151.5
152
152.5
153
153.5
154
154.5
155
155.5
156
156.5
157
-65
-40
-15
10
35
60
85
110 135 160 185 210
Temperature (°C)
Turnon
Turnoff
3.8
4
4.2
4.4
4.6
4.8
5
-65
-40
-15
10
35
60
85
110
135
160
185
210
Temperature (°C)
TPS40200-HT
SGLS400B – OCTOBER 2009 – REVISED MAY 2010
www.ti.com
TYPICAL CHARACTERISTICS
QUIESCENT CURRENT
vs
QUIESCENT CURRENT
TEMPERATURE
vs
(VDD = 12 V)
VDD
Figure 4.
Figure 5.
SOFT-START THRESHOLD
vs
UVLO TURNON AND TURNOFF
TEMPERATURE
vs
(VDD = 12 V)
TEMPERATURE
Figure 6.
Figure 7.
8
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated
Product Folder Link(s): TPS40200-HT


Similar Part No. - TPS40200SKGD1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40200SKGD1 TI-TPS40200SKGD1 Datasheet
1Mb / 48P
[Old version datasheet]   WIDE-INPUT-RANGE NONSYNCHRONOUS VOLTAGE-MODE CONTROLLER
More results

Similar Description - TPS40200SKGD1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40200-EP TI-TPS40200-EP Datasheet
892Kb / 39P
[Old version datasheet]   WIDE-INPUT-RANGE NONSYNCHRONOUS VOLTAGE-MODE CONTROLLER
TPS40200-Q1 TI-TPS40200-Q1_15 Datasheet
694Kb / 40P
[Old version datasheet]   WIDE-INPUT-RANGE NONSYNCHRONOUS VOLTAGE-MODE CONTROLLER
TPS40200-Q1 TI1-TPS40200-Q1 Datasheet
616Kb / 41P
[Old version datasheet]   WIDE-INPUT-RANGE NONSYNCHRONOUS VOLTAGE-MODE CONTROLLER
TPS40200-Q1 TI1-TPS40200-Q1_16 Datasheet
1,016Kb / 40P
[Old version datasheet]   Wide-Input-Range Nonsynchronous Voltage-Mode Controller
TPS40200-EP TI-TPS40200-EP_08 Datasheet
1,023Kb / 41P
[Old version datasheet]   WIDE-INPUT-RANGE NONSYNCHRONOUS VOLTAGE-MODE CONTROLLER
TPS40200-EP TI-TPS40200-EP_15 Datasheet
1Mb / 43P
[Old version datasheet]   WIDE-INPUT-RANGE NONSYNCHRONOUS VOLTAGE-MODE CONTROLLER
TPS40200-HT TI-TPS40200-HT_15 Datasheet
1Mb / 48P
[Old version datasheet]   WIDE-INPUT-RANGE NONSYNCHRONOUS VOLTAGE-MODE CONTROLLER
TPS40200_081 TI-TPS40200_081 Datasheet
1Mb / 43P
[Old version datasheet]   WIDE INPUT RANGE NON-SYNCHRONOUS VOLTAGE MODE CONTROLLER
TPS40200 TI1-TPS40200_16 Datasheet
1Mb / 46P
[Old version datasheet]   Wide Input Range Non-Synchronous Voltage Mode Controller
TPS40200 TI-TPS40200_08 Datasheet
1Mb / 46P
[Old version datasheet]   WIDE INPUT RANGE NON-SYNCHRONOUS VOLTAGE MODE CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com