Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS3707-30DRG4 Datasheet(PDF) 9 Page - Texas Instruments

Part # TPS3707-30DRG4
Description  PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3707-30DRG4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS3707-30DRG4 Datasheet HTML 5Page - Texas Instruments TPS3707-30DRG4 Datasheet HTML 6Page - Texas Instruments TPS3707-30DRG4 Datasheet HTML 7Page - Texas Instruments TPS3707-30DRG4 Datasheet HTML 8Page - Texas Instruments TPS3707-30DRG4 Datasheet HTML 9Page - Texas Instruments TPS3707-30DRG4 Datasheet HTML 10Page - Texas Instruments TPS3707-30DRG4 Datasheet HTML 11Page - Texas Instruments TPS3707-30DRG4 Datasheet HTML 12Page - Texas Instruments TPS3707-30DRG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
TPS3705xx
TPS3707xx
PROCESSOR SUPERVISORY CIRCUITS WITH POWERFAIL
SLVS184C − NOVEMBER 1998 − REVISED DECEMBER 2005
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
1
0.999
−40
−15
10
35
1.001
NORMALIZED INPUT THRESHOLD VOLTAGE
vs
FREE-AIR TEMPERATURE AT VDD
1.002
60
85
VDD = 6 V
PFI = 1.05 V
MR = Open
TA − Free-Air Temperature − °C
Figure 2
Figure 3
−10
−30
−50
−0.5
0.5
2.5
3.5
10
30
SUPPLY CURRENT
vs
SUPPLY VOLTAGE
50
4.5
6.5
1.5
5.5
PFI = 1.05 V
MR = Open
TA = 25°C
TPS3707−50
VDD − Supply Voltage − V
Figure 4
−200
−300
−400
−500
−1
01
23
−100
0
INPUT CURRENT
vs
INPUT VOLTAGE AT MR
100
45
6
VI − Input Voltage at MR − V
−40
°C
85
°C
VDD = 6 V
PFI = 1.05 V


Similar Part No. - TPS3707-30DRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3707-30DRG4 TI-TPS3707-30DRG4 Datasheet
263Kb / 16P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3707-30DRG4 TI-TPS3707-30DRG4 Datasheet
713Kb / 22P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com